Part Number Hot Search : 
HCT373 TC74VH DTC123 100262 T4KJ20C 144N06N NAS1193 NC7SZ386
Product Description
Full Text Search
 

To Download DTA114TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Digital Transistors DTA114TCA
Transistors
Features
PNP Epitaxial Planar Silicon Transistor (Resistor Built-In Typ.) Built-In Bias Resistors Enable The Configuration of An Inverter Circuit Without Connecting External Input Resistors (See Equivalent Circuit).
Absolute Maximum Ratings Ta = 25
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating -50 -50 -5 -100 200 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistance Transistion Frequency * Characteristics of built-in transistor Symbol BVCBO BVCEO BVEBO ICBO IEBO IC = -50 A IC = -1mA IE = -50 A VCB = -50V VEB = -4V Testconditons Min -50 -50 -5 -0.5 -0.5 -0.3 100 7 VCE = -10V , IE = 5mA , f = 100MHz 250 10 250 600 13 k MHz Typ Max Unit V V V A A V
VCE(sat) IC = -10mA , IB = -1mA hFE R1 fT * VCE = -5V , IC = -1mA
Marking
Marking 94
www.kexin.com.cn
1
SMD Type
DTA114TCA
Equivalent Circuit
Transistors
Electrical Characteristics Curves
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of DTA114TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X