Part Number Hot Search : 
2SC2167 0SERI 25X50 LB11693H C4429 00970 13000 CMD8649
Product Description
Full Text Search
 

To Download DS1254WB2-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4621; 12/09
DS1254
2M x 8 NV SRAM with Phantom Clock
www.maxim-ic.com
GENERAL DESCRIPTION
The DS1254 is a fully nonvolatile static RAM (NV SRAM) (organized as 2M words by 8 bits) with built-in real-time clock. It has a self-contained lithium energy source and control circuitry that constantly monitors VCC for an out-oftolerance condition. When such a condition occurs, the DS1254 makes use of an attached DS3800 battery cap to maintain clock information and preserve stored data while protecting that data by disallowing all memory accesses. Additionally, the DS1254 has dedicated circuitry for monitoring the status of an attached DS3800 battery cap.
PACKAGE OUTLINE
FEATURES
Real-Time Clock (RTC) Keeps Track of Hundredths of Seconds, Seconds, Minutes, Hours, Days, Date, Months, and Years with Automatic Leap-Year Compensation Valid Up to the Year 2100 2M x 8 NV SRAM Watch Function is Transparent to RAM Operation Automatic Data Protection During Power Loss Unlimited Write-Cycle Endurance Surface-Mountable BGA Module Construction Over 10 Years of Data Retention in the Absence of Power Battery Monitor Checks Remaining Capacity Daily +3.3V Operation Underwriters Laboratory (UL) Recognized (www.maxim-ic.com/qa/info/ul/)
Side -A- Shown (For Reference Only, Not to Scale) Component placement may vary.
TYPICAL OPERATING CIRCUIT

+3.3V
APPLICATIONS
Telecom Switches Routers RAID Systems
ORDERING INFORMATION
PART DS1254WB-150 DS1254WB2-150 TEMP RANGE 0C to +70C 0C to +70C PIN-PACKAGE 40mm BGA 40mm BGA VOLTAGE RANGE (V) 3.3 3.3 TOP MARK DS1254W-150 DS1254W-150
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
1 of 17
DS1254
DETAILED DESCRIPTION
The DS1254 is a fully nonvolatile static RAM (NV SRAM) (organized as 2M words by 8 bits) with built-in real-time clock. It has a self-contained lithium energy source and control circuitry that constantly monitors VCC for an out-oftolerance condition. When such a condition occurs, the DS1254 makes use of an attached DS3800 battery cap to maintain clock information and preserve stored data while protecting that data by disallowing all memory accesses. Additionally, the DS1254 has dedicated circuitry for monitoring the status of an attached DS3800 battery cap. The phantom clock provides timekeeping information including hundredths of seconds, seconds, minutes, hours, day, date, month, and year information. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including correction for leap years. The phantom clock operates in either 24-hour or 12-hour format with an AM/PM indicator. Because the DS1254 has a total of 168 balls and only 35 active signals, balls are wired together into groups, thus providing redundant connections for every signal.
Figure 1. Pin Configuration
GND
A11
A10
A12
A13
A14
A15
VCC
A16 31
VBAT 41 40 39 38 37 36 35 34 33 32 30
VCC A7 A6 A5 GND A4 A3 A2 A1
1 2 3 4 5 6 7 8 9 10 11 12
Dallas Semiconductor
VCC 29 28 27 26 25 24 23
A8
A9
VCC A17 A18 A19 GND A20 CE OE WE
DS1254
RECEPTACLES FOR DS3800 BATTERY CAP PINS
22 21
13
14
15
16
17
18
19
20 GND BW
GND
A0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
2 of 17
DQ7
DS1254
RAM READ MODE
The DS1254 executes a read cycle whenever WE is inactive (high) and CE is active (low). The unique address specified by the 21 address inputs (A0-A20) defines which of the 2MB of data is to be accessed. Valid data will be available to the eight data-output drivers within tACC (access time) after the last address input is stable, providing that CE and OE access times and states are also satisfied. If OE and CE access times are not satisfied, then data access must be measured from the later occurring signal (CE or OE) and the limiting parameter is either tCO for CE or tOE for OE rather than address access.
RAM WRITE MODE
The DS1254 is in the write mode whenever WE and CE are in their active (low) state after address inputs are stable. The later occurring falling edge of CE or WE will determine the start of the write cycle. The write cycle is terminated by the earlier rising edge of CE or WE. All address inputs must be kept valid throughout the write cycle. WE must return to the high state for a minimum recovery time (tWR) before another cycle can be initiated. The OE control signal should be kept inactive (high) during write cycles to avoid bus contention. However, if the output bus has been enabled (CE and OE active), then WE will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The device is fully accessible and data can be written and read only when VCC is greater than VPF. However, when VCC falls below the power-fail point, VPF (point at which write protection occurs), the internal clock registers and SRAM are blocked from any access. When VCC falls below VBAT, device power is switched from the VCC to VBAT. RTC operation and SRAM data are maintained from the battery until VCC is returned to nominal levels. All signals must be powered down when VCC is powered down.
PHANTOM CLOCK OPERATION
Communication with the phantom clock is established by pattern recognition on a serial bit stream of 64 bits that must be matched by executing 64 consecutive write cycles containing the proper data on DQ0. All accesses that occur prior to recognition of the 64-bit pattern are directed to memory. After recognition is established, the next 64 read or write cycles either extract or update data in the phantom clock, and memory access is inhibited. Data transfer to and from the timekeeping function is accomplished with a serial bit stream under control of chip enable (CE), output enable (OE), and write enable (WE). Initially, a read cycle to any memory location using the CE and OE control of the phantom clock starts the pattern-recognition sequence by moving a pointer to the first bit of the 64-bit comparison register. Next, 64 consecutive write cycles are executed using the CE and WE signals of the device. These 64 write cycles are used only to gain access to the phantom clock. Therefore, any address within the first 512kB of memory, (00h to 7FFFFh) is acceptable. However, the write cycles generated to gain access to the phantom clock are also writing data to a location in the memory. The preferred way to manage this requirement is to set aside just one address location in memory as a phantom clock scratch pad. When the first write cycle is executed, it is compared to bit 0 of the 64-bit comparison register. If a match is found, the pointer increments to the next location of the comparison register and awaits the next write cycle. If a match is not found, the pointer does not advance and all subsequent write cycles are ignored. If a read cycle occurs at any time during pattern recognition, the present sequence is aborted and the comparison register pointer is reset. Pattern recognition continues for a total of 64 write cycles as described above until all the bits in the comparison register have been matched (this bit pattern is shown in Figure 2). With a correct match for 64-bits, the phantom clock is enabled and
3 of 17
DS1254 data transfer to or from the timekeeping registers can proceed. The next 64 cycles will cause the phantom clock to either receive or transmit data on DQ0, depending on the level of the OE pin or the WE pin. Cycles to other locations outside the memory block can be interleaved with CE cycles without interrupting the pattern-recognition sequence or data-transfer sequence to the phantom clock.
PHANTOM CLOCK REGISTER INFORMATION
The phantom clock information is contained in eight registers of 8 bits, each of which is sequentially accessed one bit at a time after the 64-bit pattern-recognition sequence has been completed. When updating the phantom clock registers, each register must be handled in groups of 8 bits. Writing and reading individual bits within a register could produce erroneous results. These read/write registers are defined in Figure 3.
Figure 2. Phantom Clock Protocol Definition
NOTE: THE PATTERN RECOGNITION IN HEX IS C5, 3A, A3, 5C, C5, 3A, A3, 5C. THE ODDS OF THIS PATTERN BEING ACCIDENTALLY DUPLICATED AND CAUSING INADVERTENT ENTRY TO THE PHANTOM CLOCK IS LESS THAN 1 IN 1019. THIS PATTERN IS SENT TO THE PHANTOM CLOCK LSB TO MSB.
4 of 17
DS1254
Figure 3. Phantom Clock Register Definition
5 of 17
DS1254
AM/PM/12/24 MODE
Bit 7 of the hours register is defined as the 12-hour or 24-hour mode select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is the AM/PM bit with logic high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20-23 hours).
OSCILLATOR BIT
Bit 5 of the day register controls the oscillator. When set to logic 1, the oscillator is off. When set to logic 0, the oscillator turns on and the watch becomes operational.
ZERO BITS
Registers 1, 2, 3, 4, 5, and 6 contain one or more bits that will always read logic 0. When writing these locations, either a logic 1 or logic 0 is acceptable.
BATTERY MONITORING
The DS1254 automatically monitors the battery in an attached DS3800 battery cap on a 24-hour time interval. Such monitoring begins within tREC after VCC rises above VPF and is suspended when power failure occurs. After each 24-hour period has elapsed, the battery is connected to an internal 1M test resistor for one second. During this one second, if the battery voltage falls below the battery-voltage trip point (~2.6V), the battery warning output BW is asserted. Once asserted, BW remains active until the attached DS3800 battery cap is replaced. However, the battery is still retested after each VCC power-up, even if it was active on power-down. If the battery voltage is found to be higher than ~2.6V during such testing, BW is de-asserted and regular testing resumes. BW has an open-drain output driver.
6 of 17
DS1254
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground Operating Temperature Range Storage Temperature Range Soldering Temperature -0.3V to +4.6V 0C to +70C -40C to +70C See IPC/JEDEC J-STD-020
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0C to +70C) PARAMETER Power-Supply Voltage Logic 1 Voltage (All Inputs) SYMBOL VCC VIH CONDITIONS MIN 3.0 2.0 TYP 3.3 MAX 3.7 VCC + 0.3 UNITS V V NOTES 1 1
Logic 0 Voltage (All Inputs)
VIL
-0.3
0.6
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V 10%, TA = 0C to +70C.) PARAMETER Input Leakage Current I/O Leakage Current Output Current at 2.4V Output Current at 0.4V Standby Current (CE = 2.2V) Standby Current (CE = VCC - 0.5V) Operating Current, tCYC = 100ns Write Protection Voltage SYMBOL IIL IIO IOH IOL ICCS1 ICCS2 ICCO1 VPF MIN -4.0 -4.0 -1.0 2.0 5.0 2.0 2.8 TYP MAX +4.0 +4.0 UNITS A A mA mA mA mA mA V NOTES
3 3
7 3.0 50 2.97
1
CAPACITANCE
(TA = +25C) PARAMETER Input Capacitance: A0 to A18, OE, WE, CE Input Capacitance: A19 to A20 I/O Capacitance: DQ0 to DQ7 Output Capacitance: BW SYMBOL CIN CIN CIO COUT MIN TYP 25 5 25 5 MAX 50 10 50 10 UNITS pF pF pF pF NOTES
7 of 17
DS1254
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V 10%, TA = 0C to +70C.) PARAMETER Read Cycle Time Address Access Time OE to Output Valid CE to Output Valid CE or OE to Output Active Output High-Z from Deselection Output Hold from Address Change Write Cycle Time WE, CE Pulse Width Address Setup Time Address Hold Time Output High-Z from WE Output Active from WE Data Setup Time Data Hold Time Read Recovery (Clock Access Only) Write Recovery (Clock Access Only) SYMBOL tRC tAAC tOE tCO tCOE tOD tOH tWC tWP tAW tAH1 tAH2 tODW tOEW tDS tDH1 tDH2 tRR tWR MIN 150 150 75 150 0 70 5 150 100 10 5 25 70 5 60 0 20 20 20 MAX UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns NOTES
2 2
5 6 7 2 2 8 6 8
POWER-UP/POWER-DOWN CHARACTERISTICS
(VCC = 3.3V 10%) PARAMETER CE and WE at VIH Before Power-Down VCC Fall Time: VPF(MAX) to VPF(MIN) VCC Fall Time: VPF(MIN) to VBAT VCC Rise Time: 0V to VPF(MIN) VCC Valid to End of Write Protection VCC Valid to BW Valid (TA = +25C) PARAMETER Expected Data-Retention Time (Oscillator On) SYMBOL tDR MIN 10 TYP MAX UNITS years NOTES 4 SYMBOL tPD tF tFB tR tREC tBPU MIN 0 300 10 150 125 1 TYP MAX UNITS s s s s ms s NOTES
3
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed when device is in battery-backup mode.
8 of 17
DS1254
BATTERY WARNING TIMING
PARAMETER Battery Test Cycle Battery Test Pulse Width Battery Test to BW Active VCC Valid to BW Valid
(VCC = 3.3V 10%, TA = 0C to +70C) SYMBOL tBTC tBTPW tBW tBPU MIN TYP 24 1 1 1 MAX UNITS hour seconds seconds seconds NOTES
3
AC TEST CONDITIONS
Output Load: 100pF + 1 TTL Gate Input Pulse Levels: 0V to 3.0V Timing Measurement Reference Levels: Input: 1.5V Output: 1.5V Input Pulse Rise and Fall Times: 5ns
Figure 4. Memory Read Cycle Timing (Note 9)
tRC ADDRESS
tACC CE tCO tOD OE tOE
tOH
tCOE DQ0-DQ7
tCOE
tOD OUTPUT DATA VALID
9 of 17
DS1254
Figure 5. Memory Write Cycle Timing, Write-Enable Controlled (Notes 5, 6, 8, 10, 11, 12, and 13)
tWC ADDRESS
tAW CE tAH1 WE tWP
tODW
tOEW
DQ0-DQ7
tDS DATA IN STABLE
tDH1
Figure 6. Memory Write Cycle Timing, Chip-Enable Controlled (Notes 5, 7, 8, 10, 11, 12, and 13)
tWC ADDRESS
tAW CE
tWP
tAH2
WE tODW
tCOE
DQ0-DQ7
tDS
tDH2 DATA IN STABLE
10 of 17
DS1254
Figure 7. Read Cycle to Phantom Clock
tRC WE = VIH CE tCO tOD OE tOE tCOE tOD OUTPUT DATA VALID tRR
tCOE DQ0
Figure 8. Write Cycle to Phantom Clock
OE = VIH tWP WE TAH2 CE tWP tWC tWR
tDS
tDH2 tDH1 DATA IN STABLE
DQ0
11 of 17
DS1254
Figure 9. Power-Up/Power-Down Waveform Timing (Note 14)
VCC VPF(max) VPF(min) VBAT tPD tF
tFB tDR tR
SLEWS WITH VCC
tREC
CE
,
WE
SLEWS WITH VCC
tBPU
BW
Figure 10. Battery Warning Detection (Note 3)
VCC tBPU VBAT 2.6V tBTC tBTPW
BATTERY TEST ACTIVE
tBW BW
12 of 17
DS1254
NOTES:
1) Voltage referenced to ground. 2) These parameters are sampled with a 50pF load and are not 100% tested. 3) BW is an open-drain output and, as such, cannot source current. An external pullup resistor should be connected to this pin for proper operation. BW can sink 10mA. 4) The DS3800 battery cap is a one-time use part, but can be removed and replaced. By design, DS3800 removal will mechanically damage the battery cap, which eliminates the accidental use of a previously attached and possibly low-capacity battery cap. 5) tWP specified as the logical AND of CE and WE, tWP is measured from the latter of CE or WE going low to the earlier of CE or WE going high. 6) tAH1, tDH1 are measured from WE going high. 7) tAH2, tDH2 are measured from CE going high. 8) tDS is measured from the earlier of CE or WE going high. 9) WE is high for a read cycle. 10) OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state. 11) If the CE low transition occurs simultaneously with or later than the WE low transition in a write-enablecontrolled write cycle, the output buffers remain in a high-impedance state during this period. 12) If the CE high transition occurs prior to or simultaneously with the WE high transition, the output buffers remain in a high-impedance state during this period. 13) If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition, the output buffers remain in a high-impedance state during this period. 14) In a power-down condition, the voltage on any pin cannot exceed the voltage on VCC.
13 of 17
DS1254
PACKAGE INFORMATION
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
PKG A B C D E F G H I K IN MM IN MM IN MM IN MM IN MM IN MM IN MM IN MM IN MM IN MM
MIN
MAX
1.570 39.88 1.570 39.88 0.033 0.84 1.497 38.02 0.047 1.19 0.033 0.84 0.047 1.19 0.234 5.94 0.160 4.00 0.025 0.64
1.580 40.13 1.580 40.13 0.043 1.09 1.503 38.18 0.053 1.35 0.043 1.09 0.053 1.35 0.240 6.10 0.200 5.10 0.032 0.82
14 of 17
DS1254
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
DS1254 with Attached DS3800 Battery Cap
PKG A IN MM B IN MM C IN MM MIN 1.656 42.06 1.656 42.06 -- -- MAX 1.668 42.37 1.668 42.37 0.485 12.32
15 of 17
DS1254
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
Recommended Land Pattern (with Overlaid Package Outline)
The DS1254 BGA is a subset of the industry-standard 40mm BGA format, with all balls on a 50-mil grid. Corner balls have been removed to provide space for the electrical and mechanical interface features that facilitate attachment of the DS3800 battery cap.
NOTE
0.250
0.500
0.150
NOTE: GROUND SHIELD TO ISOLATE RTC XTAL FROM EMI.
16 of 17
DS1254
REVISION HISTORY
REVISION DATE 5/09 12/09 DESCRIPTION Changed tAWMIN = 0ns to tAWMIN = 10ns in the Electrical Characteristics table. Removed the DS1254YB ordering information and 5V operational characteristics. PAGES CHANGED 8, 9 1, 7-10
17 of 17
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
(c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of DS1254WB2-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X