Part Number Hot Search : 
2506100 85EBZ ZMM82 EFY3864X NML0505 S08DZ60 EMIF0 A1A22
Product Description
Full Text Search
 

To Download DBCFDFSR15A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FILTERED D CONNECTORS
9, 15, 25, or 37 way Turned Pin (Machined) Contact Gold Plated Contacts Metal Housing Current Rating - 5Amps Four standard capacitor values
SOLDER PIN RIGHT ANGLE
SPECIFICATION
Insulators: PolyesterGFUL94V-0 Contacts: Copperalloy Contact finish: Hard-Gold-platedovernickel,solderarea Tinplated Housing: Steeltinplated Working voltage: 100VDC InsulationGr.AaccordingtoVDE0110 Dielectric stand. voltage: 424VDC707VDC StandardHighvoltage Contact resistance: Max10m Insulation resistance: 1G@100VDC Current rating: 5,0A(20C) Voltage surge 10/700 : 300V500V StandardHighvoltage Mating / Unmating forces: Temperature range working: Humidity: Capacitor values: Quality class: 9-pol.<3015-pol.<50 25-pol.<8337-pol.<123 50-pol.<167 -25to+105C 40C/85% TypA,180pF TypB,370pF TypD,830pF TypE.1300pF Qualityclass3=50matingcycles Qualityclass2=200matingcycles Qualityclass1=500matingcycles
SECTION 11
OUTLINE DRAWING
A C B 2.84 9.40.3 12.93-0.76 10 O0.6 2.55REF 4-40UNC 6.3-0.25 8.02-0.25 7.40.3
No. of pos. 9 15 25 37
A -0.76 31.19 39.52 53.42 69.70
B -0.25 16.46 24.79 38.50 54.96
C 25.00 - 0.13 33.30 - 0.13
+0.12 +0.12
47.04 0.13 63.50 0.13
SOCKET
A C B
No. of pos.
2.84 9.40.3 12.93-0.76 2.55REF 4-40UNC D 8.23-0.25 7.40.3
A -0.76 31.19 39.52 53.42 69.70
B +0.25 16.79 25.12 38.84 55.30
C 25.00 - 0.13 33.30 - 0.13
+0.12 +0.12
D -0.30 6.12 6.12 5.99 5.99
9 15 25 37
47.04 0.13 63.50 0.13
10 O0.6
PLUG
ORDERING INFORMATION DBC
Dubilier Connectors
FD
Series FD=FilteredD
M
ConnectorType M=Male(plug) F=Female(socket)
SR
ContactStyle SR=SolderRight Angled
09
NofWays 09=9ways 15=15ways 25=25ways 37=37ways
E
CapacitorValue A=144pF-216pF B=296pF-444pF D=664pF-996pF E=1040pF-1560pF
3
QualityClass 3=class3 2=class2 1=class1
272
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBCFDFSR15A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X