Part Number Hot Search : 
0103M JCS1N60C LBN7053 CBC3225T MLSEP12 P22A1 HA1743 35071
Product Description
Full Text Search
 

To Download CY2570107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY25701
Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
Features

Benefits
Crystal Oscillator with Spread Spectrum Clock (SSXO) No Spread Spectrum (XO) Option Wide operating output clock frequency range of 10 -166 MHz Programmable spread spectrum with nominal 31.5 kHz modulation frequency Center spread: 0.25% to 2.0% Down spread: -0.5% to -4.0% No spread: 0.0% Integrated phase-locked loop (PLL) 85 ps typical cycle-to-cycle jitter with SSCLK = 133 MHz 3.3V operation Output enable function Package available in 4-Pin ceramic LCC SMD Pb-free package Industrial temperature from -40C to 85C
Provides a wide range of spread percentages for maximum electromagnetic interference (EMI) reduction to meet regulatory agency electromagnetic compliance (EMC) requirements. Reduces development and manufacturing costs and time-to-market. This versatile programming feature enables the user to switch between SSXO (with Spread) and XO (without Spread) functions with ease. Internal PLL to generate up to 166 MHz output. Suitable for most PC, consumer, and networking applications Application compatibility in standard and low-power systems In house programming of samples and prototype quantities is available using CY3672 programming kit and CY3724 socket adapters. Production quantities are available through Cypress' value added distribution partners or by using third party programmers from BP Microsystems, and HiLo Systems, and others.

Logic Block Diagram
Pin Configuration
CY25701
RFB
4-pin Ceramic SMD
PLL with MODULATION CONTROL
4 VDD
3 SSCLK
CXIN PROGRAMMABLE CONFIGURATION CXOUT OUTPUT DIVIDERS and MUX
3 SSCLK
OE 1
VSS 2
1 OE
4 VDD
2 VSS
Cypress Semiconductor Corporation Document Number: 001-07313 Rev. *B
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised August 24, 2007
CY25701
Pin Definition
Pin 1 2 3 4 OE VSS SSCLK VDD Name Power supply ground Spread spectrum clock output (with or without spread) 3.3V power supply Description Output Enable pin: Active HIGH. If OE = 1, SSCLK is enabled
Functional Description
The CY25701 is a Spread Spectrum Crystal Oscillator (SSXO) IC used to reduce the EMI found in today's high speed digital electronic systems. The device uses a Cypress proprietary PLL and Spread Spectrum Clock (SSC) technology to synthesize and modulate the frequency of the embedded input crystal. By frequency modulating the clock, the measured EMI at the fundamental and harmonic frequencies are greatly reduced. This reduction in radiated energy can significantly reduce the cost of complying with regulatory agency (EMC) requirements and improve time-to-market without degrading system performance. The CY25701 uses a programmable configuration memory array to synthesize output frequency and spread%. The spread percentage is programmed to either center spread or down spread with various spread percentages. The range for center spread is from 0.25% to 2.00%. The range for down spread is from -0.5% to -4.0%. Contact the factory for smaller or larger spread percentage amounts if required. Refer to Table 2 for spread selection and no spread values. The frequency modulated SSCLK output is programmable from 10 to 166 MHz. The CY25701 is available in a 4-pin ceramic SMD package with an operating temperature range of -40 to 85C.
Programming Description
Factory and Field Programmable CY25701
Factory and field programming is available for samples and manufacturing by Cypress and its distributors. Submit your request to the local Cypress Field Application Engineer (FAE) or sales representative. Once the request is processed, you will receive a new part number, samples, and data sheet with the programmed values. This part number is used for additional sample request and the production orders. Contact your local Cypress FAE or sales representative for details. Additional information on the CY25701 is available at the Cypress web site www.cypress.com.
Output Frequency, SSCLK Output (SSCLK, pin 3)
The modulated frequency at the SSCLK output is produced by synthesizing from the embedded crystal oscillator frequency input. The range of synthesized clock is from 10 to 166 MHz.
Spread Percentage (SSCLK, pin 3)
The SSCLK spread is programmable to various spread percentage values from 0.25% to 2.0% for center spread and from -0.5% to -4.0% for down spread. Refer to Table 2 for available spread options. Enter 0.0% (No spread) for XO (crystal oscillator) without spread option.
Frequency Modulation (SSCLK, pin 3)
The default frequency modulation is programmed at 31.5 kHz for all SSCLK frequencies from 10 to 166 MHz. Alternate frequency modulations at 30.1 kHz or 32.9 kHz are selectable using CyberClocksOnlineTM software. Contact the factory for other alternate modulation frequencies if required. Table 1. Programming Data Requirement Pin Function Pin Name Pin# Units Program Value Output Frequency SSCLK 3 MHz ENTER DATA Spread Percent Code[1] SSCLK 3 % ENTER DATA Frequency Modulation SSCLK 3 kHz ENTER DATA 31.5
Note 1. 0.0% or Code "Z" for XO (No-Spread) option.
Document Number: 001-07313 Rev. *B
Page 2 of 8
CY25701
Table 2. Spread Percent Selection Center Spread Down Spread Code Percentage Code Percentage A 0.25% G -0.5% B 0.5% H -1.0% C 0.75% J -1.5% D 1.0% K -2.0% E 1.5% L -3.0% F 2.0% M -4.0% Z 0.0% Z 0.0%
Absolute Maximum Ratings
Supply Voltage (VDD).....................................-0.5V to +7.0V DC Input Voltage ................................... -0.5V to VDD + 0.5V
Storage Temperature (Non-condensing) .... -55C to +100C Junction Temperature ................................ -40C to +125C Data Retention @ Tj = 125C.................................>10 years Package Power Dissipation...................................... 350 mW
Operating Conditions
Parameter
VDD TA TA CLOAD FSSCLK FMOD TPU Supply voltage Ambient temperature (commercial) Ambient temperature (industrial) Max. load capacitance @ pin 3 SSCLK output frequency, CLOAD = 15 pF Spread Spectrum Modulation Frequency Power up time for VDD to reach minimum specified voltage (power ramp must be monotonic)
Description
Min
3.00 -20 -40 - 10 30.0 0.05
Typ
3.30 - - - - 31.5 -
Max
3.60 70 85 15 166 33.0 500
Unit
V C C pF MHz kHz ms
DC Electrical Characteristics
Parameter
IOH IOL VIH VIL IIH IIL IOZ CIN
[2]
Description
Output high current (pin 3) Output low current (pin 3) Input high voltage (pin 1) Input low voltage (pin 1) Input high current (pin 1) Input low current (pin 1) Output leakage current (pin 3) Input capacitance (pin 1) Supply current Initial accuracy at room temp. Freq. stability over temp. range Aging
Condition
VOH = VDD - 0.5, VDD = 3.3V (source) VOL = 0.5, VDD= 3.3V (sink) CMOS levels, 70% of VDD CMOS levels, 30% of VDD Vin = VDD Vin = VSS Three-state output, OE = 0 Pin 1, or OE VDD = 3.3V, SSCLK = 10 to 166 MHz, CLOAD = 0, OE = VDD TA = 25C, 3.3V TA = -20C to 70C, 3.3V TA = 25C, First year
Min
10 10 0.7VDD - - - -10 - - -25 -25 -12 -5
Typ
12 12 - - - - - 5 - - - - -
Max
- - VDD 0.3VDD 10 10 10 7 50 25 25 12 5
Unit mA mA V V A A A pF mA ppm ppm ppm ppm
IVDD f/f
Freq. stability over voltage range 3.0 to 3.6V
Document Number: 001-07313 Rev. *B
Page 3 of 8
CY25701
AC Electrical Characteristics[2]
Parameter
DC tR tF TCCJ1[3]
Description
Output Duty Cycle Output Rise Time Output Fall Time
Condition
SSCLK, Measured at VDD/2 20%-80% of VDD, CL = 15 pF 20%-80% of VDD, CL = 15 pF 25 MHz SSCLK <133 MHz, Measured at VDD/2 SSCLK < 25 MHz, Measured at VDD/2
Min
45 - - - - - - - -
Typ
50 - - 85 215 - 150 150 -
Max
55 2.7 2.7 200 400 1% of 1/SSCK 350 350 10
Unit
% ns ns ps ps s ns ns ms
Cycle-to-Cycle Jitter SSCLK (Pin 3) SSCLK 133 MHz, Measured at VDD/2
TOE1 TOE2 TLOCK
Output Disable Time (pin1 = OE) Output Enable Time (pin1 = OE) PLL Lock Time
Time from falling edge on OE to stopped outputs (Asynchronous) Time from rising edge on OE to outputs at a valid frequency (Asynchronous) Time for SSCLK to reach valid frequency
Application Circuit
Figure 1. Application Circuit Diagram
Power
4 VDD 0.1 F
3 SSCLK
CY25701
OE 1 VSS 2
VDD
Note 2. Guaranteed by characterization, not fully tested. 3. Jitter is configuration dependent. Actual jitter depends upon output frequencies, spread percentage, temperature, and output load. For more information, see the application note, "Jitter in PLL Based Systems: Causes, Effects, and Solutions" available at http://www.cypress.com/clock/appnotes.html or contact your local Cypress Field Application Engineer.
Document Number: 001-07313 Rev. *B
Page 4 of 8
CY25701
Switching Waveforms
Figure 2. Duty Cycle Waveform Cycle Timing (DC = t1A/t1B)
t1A t1B
SSCLK
Figure 3. Output Rise/Fall Time Waveform
VDD SSCLK 0V Tr Tf Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3) Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4) Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
Figure 4. Output Enable/Disable Timing Waveforms
VDD 0V VIL VIH
OUTPUT ENABLE
TOE2
SSCLK (Asynchronous) TOE1
High Impedance
Document Number: 001-07313 Rev. *B
Page 5 of 8
CY25701
Informational Graphs [4]
172.5 171.5 170.5 169.5 168.5 167.5 166.5 165.5 164.5 163.5 162.5 161.5 160.5 159.5
0 20 40 60 80 100 120 Time (us) 140 160 180 200
0 20 40 60 80 100 120 Time (us) 140 160 180 200
Spread Spectrum Profile: Fnom=166MHz, Fmod=30kHz, Spread%= -4%
Fnominal
169.5 169 168.5 168 167.5 167 166.5 166 165.5 165 164.5 164 163.5 163 162.5
Spread Spectrum Profile: Fnom=166MHz, Fmod=30kHz, Spread%= +/-1%
Fnominal
68.5 68 67.5 67 66.5 66 65.5 65 64.5 64 63.5
0 20
Spread Spectrum Profile: Fnom=66MHz, Fmod=30kHz, Spread%= -4%
67.5 67 66.5
Fnominal
Spread Spectrum Profile: Fnom=66MHz, Fmod=30kHz, Spread%= +/-1%
66 65.5 65 64.5
40 60 80 100 120 Time (us) 140 160 180 200
Fnominal
0
20
40
60
80
100 120 Time (us)
140
160
180
200
Notes 4. The "Informational Graphs" are meant to convey typical performance levels. No performance specifications are implied or guaranteed. Refer to the tables on pages three and four for device specifications.
Document Number: 001-07313 Rev. *B
Page 6 of 8
CY25701
Ordering Information
Part Number Lead-free (Pb-free) CY25701FLXCT[5] CY25701FLXIT
[5]
Package Description 4-Lead Ceramic LCC SMD -Tape and Reel 4-Lead Ceramic LCC SMD -Tape and Reel 4-Lead Ceramic LCC SMD -Tape and Reel 4-Lead Ceramic LCC SMD -Tape and Reel
Product Flow Commercial, -20 to 70C Industrial, -40 to 85C Commercial, -20 to 70C Industrial, -40 to 85C CY25701LX*
CY25701LXCZZZT[6] CY25701LXIZZZT[6] Actual Marking
[7]
CY25701FLX*
Marketing Part Number (CY25701) F=Field Programmable
Marketing Part Number (CY25701)
L = LCC
CY L X
Pin 1 mark L = LCC X = Pb free
2 *
Temp
5
7
0
1
F
C X
Pin 1 mark X = Pb free
Y *
Temp
2 z
5 z
7 z
0
1L
Y WW
YWW = Date Code (Year & WW)
Y WW
zzz = Programmable Dash Code YWW = Date Code (Year & WW)
Package Drawings and Dimensions
Notes 5. "FLX" suffix is used for products programmed in the field by Cypress distributors. 6. "ZZZ" denotes the assigned product dash number. This number is assigned by the factory after the output frequency and spread percent programming data is received from the customer. 7. Temp can be C (Com'l) or I (Industrial).
Document Number: 001-07313 Rev. *B
Page 7 of 8
CY25701
Document History Page
Document Title: CY25701 Programmable High-frequency Crystal Oscillator with Spread Spectrum(SSXO) and No Spread Spectrum(XO) Option Document Number: 001-07313 REV. ** *A *B ECN NO. 442944 487736 1414203 Issue Date See ECN See ECN See ECN Orig. of Change RGL New data sheet KKVTMP Added Industrial temp DPF/VED Replaced the Package Drawing and Dimension figure on page seven and various copy edits; the reference to the software is now CyberClocksOnlineTM rather than CyberClocks software. Description of Change
(c) Cypress Semiconductor Corporation, 2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document Number: 001-07313 Rev. *B
Revised August 24, 2007
Page 8 of 8
PSoC DesignerTM, Programmable System-on-ChipTM, and PSoC ExpressTM are trademarks and PSoC(R) is a registered trademark of Cypress Semiconductor Corp. All other trademarks or registered trademarks referenced herein are property of the respective corporations. Purchase of I2C components from Cypress or one of its sublicensed Associated Companies conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips. All products and company names mentioned in this document may be the trademarks of their respective holders.


▲Up To Search▲   

 
Price & Availability of CY2570107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X