Part Number Hot Search : 
302U060A D2M80 SK956 2SA2122G NLVHC 2N3646 ON2001 AD8531
Product Description
Full Text Search
 

To Download CCPD-915 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCPD-915 Model FR5 9X14 mm SMD, 3.3V, LVPECL
Frequency Range: Standard Frequencies Frequency Stability: Temperature Range: (Option M) (Option X) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Logic: Terminated to Vdd-2V Temp. 0C to 85C Temp. -40C to 0C Disable Time Start-up Time 12KHz to 20MHz 10Hz 100Hz 1KHz 10KHz 100KHz - 100MHz
ree dF ea oHS nt L R plia m Co
Differential LVPECL Clock Oscillator
Designed using high frequency fundamental crystal design to meet today's requirements for 3.3V High Frequency Differential LVPECL applications. The CCPD-915 is a very low noise, low jitter clock oscillator for demanding telecom and other applications. Available on tape and reel in quantities of 500ea.
Jitter:
Phase Noise:
Aging:
166.6286MHz to 330MHz See Table 3 50ppm & 100ppm 0C to 70C -20C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 55mA Typ, 88mA Max Differential LVPECL 45/55% Max @ 50% Vdd 1ns Max @ 20% to 80% Vdd into 50 ohms "0" = 1.490 Min, 1.680 Max "1" = 2.275 Min, 2.420 Max "0" = 1.470 Min, 1.745 Max "1" = 2.215 Min, 2.420 Max 200ns Max 1ms Typ., 2ms Max 0.45 psec Typ. @ 80 MHz, 1ps RMS Max 0.25 psec Typ. @ 160 MHz, 1ps RMS Max -65dBc Typical -98dBc Typical -125dBc Typical -140dBc Typical -145dBc Typical <3ppm 1st/yr, <2ppm every year thereafter
SUGGESTED PAD LAYOUT
0.560 (14.2)
Bottom View
0.560 (14.2) 0.210 (5.3)
0.050 (1.27)
0.360 (9.14)
CRYSTEK P/N Frequency Date Code
1 6
0.100 (2.54)
2 5
3 4
0.040 (1.01) 0.070 (1.77) 0.090 (2.28) 0.280 (7.11)
0.200 (5.08)
RECOMMENDED REFLOW SOLDERING PROFILE 235 185 150 100 Temperature (4C/sec Max) 1 to 2 minutes Time (seconds)
Reflow 5C
Crystek Part Number Guide CCPD-915 X - 50 - 166.6286
#1 #2 #3 #4 #5
Cooling 1-5C/Sec
Stability Indicator:
#1 Crystek SMD PECL Osc. #2 Model 915 = 3.3V 9x14mm Mesa Fund. Osc. #3 Temp. Range: Blank = 0/70C, M= -20/70C, X= -40/85C #4 Stability: (see Table 1) #5 Frequency in MHz: 3 or 6 decimal places Blank (std) 50 100ppm 50ppm
10 sec Max
Table 1
Example: CCPD-915X-50-166.628600 = 3.3V, 45/55, -40/85C, 50ppm, 166.628600 MHz
260C Reflow Profile NOT recommended for this product Pad 1 2 3 4 5 6 Connection E/D N/C GND OUT COUT Vdd Table 2 Standard Frequencies 166.6286 167.3316 212.5000 245.7600 250.0000 311.0400
Standby Function Function pin 1 Open "1" level .7Vcc Min "0" level .3Vcc Max Output pin Active Active High Z Oscillator State Normal Operation Normal Operation Stopped
Table 3 Specifications subject to change without notice.
TD-030406 Rev. F


▲Up To Search▲   

 
Price & Availability of CCPD-915

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X