Part Number Hot Search : 
20BSB M7615 1N5819TR C3835 PP2FFXX RN1107FT E7500 GT50J341
Product Description
Full Text Search
 

To Download CC1V-T1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CC1V-T1A
Tuning Fork Crystal 10 kHz - 2.1 MHz
DIMENSIONS
Package: Recommended Solder Pad:
8,0 1,2 2,7 1,2 2,3 4,0 2,3
3,7
max.1,75
100% leadfree, RoHS - compliant Small SMT ceramic package Package height 1.75 mm SMD-package in Tape and Reel Ind. and Ext. temperature ranges High stability Low aging Low power consumption High shock and vibration resistance DESCRIPTION:
All dimensions in mm typical
In the range between 10 and 200 kHz, the tuning fork resonators vibrate in the fundamental mode. From 201 to 560 kHz, an overtone mode is used. The frequency range from 561 kHz to 2.1 MHz is covered with length extensional resonators. The crystals are supplied in special trays (100 crystals per tray). For pick-and-place equipment, the parts are available in 16 mm tape: 7" (178 mm) reel with 1'000 crystals 10" (254 mm) reel with 2'000 crystals 13" (330 mm) reel with 4'000 crystals
ELECTRICAL CHARACTERISTICS AT 25oC:
Frequency Range Load capacitance Frequency tolerance Drive level max. Insulation resistance min. Aging first year max.
1)
FL CL F/F F/F P Ri F/F
10-200 9.0 / 12.5 +/-30 +/-100
201-560 561-2`100 kHz 4.0 +/-100 +/-250 1.0 500 +/-3 10.0 +/-100 +/-500 pF ppm ppm W M ppm
2)
Frequency Example
3)
FL RS C1 C0 T0 F/F0
32.768 37 / 60 2.1 1.6 25 +/-5 -0.035
307.200 1.4 / 3.5 1.7 1.6 22 +/-5
ppm/ C (T
1`000 0.6 / 1.2 1.4 1.2 39 +/-5 )2
4,2
kHz k fF pF C ppm
Series resistance typ./max. Motional capacitance typ. Static capacitance typ. Turnover temperature Frequency vs. temperature
- T0 +/-10%
1) Other load capacitances on request. 2) Tighter and wider frequency tolerances on request. 3) Values for other frequencies consult factory.
Version 5.1/05.2007
STANDARD FREQUENCIES: 10.000 31.200 40.960 128.000 768.000 12.800 32.000 60.000 153.600
Frequency kHz 16.000 32.768 75.000 240.000 16.384 38.400 76.800 307.200 20.480 40.000 100.000 455.000
Frequency MHz 1.0000 1.2288 1.8432 2.0000
Other frequencies between 10 kHz and 2.1 MHz on request
ENVIRONMENTAL CHARACTERISTICS: Storage temp. range Industrial operating temp. range Extended operating temp. range Shock resistance Vibration resistance
Conditions -55 to +125C -40 to +85C -55 to +125C F/F 5000 g, 0.3 ms, 1/2 sine F/F 20 g / 10-2000 Hz
Max. Dev.
+/-5 ppm +/-5 ppm
TERMINATIONS AND PROCESSING:
Type
Termination For SMD mounting Au flashed pads
Processing Reflow soldering 260C / 20 s max.
CC1V-T1A
PART NUMBER/ ORDERING INFORMATION EXAMPLE: Crystal package C = Crystal in ceramic package Package lid C = Ceramic lid
CC 1 V-T 1 A
32.768 kHz 9.0 pF +/-30 ppm Frequency tolerance Load capacitance CL Frequency FL Package pad form A = Pads on both ends Pad plating 1 = Au flashed pads Package type T = For SMD mounting
05.07
Package size 1 = 8.0 x 3.7 x 1.75 mm Blank V = Tuning fork or Length extension
All specifications subject to change without notice.
Micro Crystal Div. of ETA SA Muhlestrasse 14 CH-2540 Grenchen Switzerland
Tel. +41 32 655 82 82 Fax +41 32 655 82 83 sales@microcrystal.ch www.microcrystal.com
Version 5.1/05.2007


▲Up To Search▲   

 
Price & Availability of CC1V-T1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X