Part Number Hot Search : 
2SD1324 SIS630 A3114 D1631 BL402 2N2906A 72HF100 74HC244A
Product Description
Full Text Search
 

To Download CAT525WI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Not Recommended for New Design
CAT525
Quad Digitally Programmable Potentiometer (DPPTM) with 256 Taps and Microwire Interface
FEATURES
Four 8-bit DPPs configured as programmable voltage sources in DAC-like applications Independent reference inputs Buffered wiper outputs Non-volatile NVRAM memory wiper storage Output voltage range includes both supply rails 4 independently addressable buffered output wipers 1 LSB accuracy, high resolution Serial Microwire-like interface Single supply operation: 2.7V - 5.5V Setting read-back without effecting outputs For Ordering Information details, see page 15.
DESCRIPTION
The CAT525 is a quad 8-bit digitally programmable potentiometer (DPPTM) configured for programmable voltage and DAC-like applications. Intended for final calibration of products such as camcorders, fax machines and cellular telephones on automated high volume production lines and systems capable of self calibration, it is also well suited for applications were equipment requiring periodic adjustment is either difficult to access or located in a hazardous environment. The CAT525 offers four independently programmable DPPs each having its own reference inputs and each capable of rail to rail output swing. The wipers are buffered by rail to rail op amps. Wiper settings, stored in non-volatile NVRAM memory, are not lost when the device is powered down and are automatically reinstated when power is returned. Each wiper can be dithered to test new output values without effecting the stored settings and stored settings can be read back without disturbing the DPP's output. Control of the CAT525 is accomplished with a simple 3wire, Microwire-like serial interface. A Chip Select pin allows several CAT525's to share a common serial interface and communications back to the host controller is via a single serial data line thanks to the CAT525's Tri-Stated Data Output pin. A RDY/BSY output working in concert with an internal low voltage detector signals proper operation of non-volatile NVRAM Memory Erase/ Write cycle. The CAT525 is available in the 0C to 70C com- mercial and -40C to 85C industrial operating temperature ranges and offered in 20-pin plastic DIP and surface mount packages.
APPLICATIONS
Automated product calibration Remote control adjustment of equipment Offset, gain and zero adjustments in selfcalibrating and adaptive control systems Tamper-proof calibrations DAC (with memory) substitute
PIN CONFIGURATION
PDIP 20-Lead (L) SOIC 20-Lead (W)
VREFH2 VREFH1 VDD CLK RDY/ BSY CS DI DO PROG GND 1 2 3 4 5 6 7 8 9 10 CAT525 20 19 18 17 16 15 14 13 12 11 VREFH3 VREFH4 VOUT1 VOUT2 VOUT3 VOUT4 VREFL4 VREFL3 VREFL2 VREFL1
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
1
Doc. No. MD-2001 Rev. J
CAT525
Not Recommended for New Design
FUNCTIONAL DIAGRAM
VREFH1 VREFH3 VREFH2 VREFH4 2 RDY/BSY 5 1 20 19
+
PROG PROGRAM CONTROL
18
WIPER CONTROL REGISTERS AND NVRAM
9
VOUT1
- + - + - +
24k (ea)
15 16 VOUT3 17 VOUT2
CLK CS DI
6 7
DATA CONTROLLER
4
VOUT4
-
H.V. CHARGE PUMP
SERIAL DATA OUTPUT REGISTER
8
DO
11
12 13
14
VREFL2 VREFL4 VREFL1 VREFL3
Doc. No. MD-2001 Rev. J
2
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
Not Recommended for New Design
CAT525
ABSOLUTE MAXIMUM RATINGS Parameters Supply Voltage* VDD to GND Inputs CLK to GND CS to GND DI to GND RDY/BSY to GND PROG to GND VREFH to GND VREFL to GND Ratings -0.5 to +7 -0.5 to VDD +0.5 -0.5 to VDD +0.5 -0.5 to VDD +0.5 -0.5 to VDD +0.5 -0.5 to VDD +0.5 -0.5 to VDD +0.5 -0.5 to VDD +0.5 Units V Parameters Outputs D0 to GND VOUT 1- 4 to GND Operating Ambient Temperature Commercial (`C' or Blank suffix) Industrial (`I' suffix) Junction Temperature Storage Temperature Lead Soldering (10 sec max) Ratings -0.5 to VDD +0.5 -0.5 to VDD +0.5 0 to +70 -40 to +85 +150 -65 to +150 +300 Units V V C C C C C
V V V V V V V
RELIABILITY CHARACTERISTICS Symbol VZAP(2) ILTH(2)(3) Parameter ESD Susceptibility Latch-Up Test Method MIL-STD-883, Test Method 3015 JEDEC Standard 17 Min 2000 100 Max Units V mA
POWER SUPPLY Symbol IDD1 IDD2 VDD Parameter Supply Current (Read) Supply Current (Write) Operating Voltage Range Conditions Normal Operating Programming, VDD = 5V VDD = 3V Min -- -- -- 2.7 Typ 400 1600 1000 -- Max 600 2500 1600 5.5 Units A A A V
LOGIC INPUTS Symbol IIH IIL VIH VIL Parameter Input Leakage Current Input Leakage Current High Level Input Voltage Low Level Input Voltage Conditions VIN = VDD VIN = 0V Min -- -- 2 0 Typ -- -- -- -- Max 10 -10 VDD 0.8 Units A A V V
LOGIC OUTPUTS Symbol VOH VOL Parameter High Level Output Voltage Low Level Output Voltage Conditions IOH = -40A IOL = 1 mA, VDD = +5V IOL = 0.4 mA, VDD = +3V Min VDD -0.3 -- -- Typ -- -- -- Max -- 0.4 0.4 Units V V V
Notes: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) This parameter is tested initially and after a design or process change that affects the parameter. (3) Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC + 1V.
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
3
Doc. No. MD-2001 Rev. J
CAT525
Not Recommended for New Design
POTENTIOMETER CHARACTERISTICS VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol RPOT Parameter Potentiometer Resistance RPOT to RPOT Match Pot Resistance Tolerance Voltage on VREFH pin Voltage on VREFL pin Resolution INL DNL ROUT IOUT TCRPOT CH/CL Integral Linearity Error Differential Linearity Error Buffer Output Resistance Buffer Output Current TC of Pot Resistance Potentiometer Capacitances 300 8/8 2.7 0 0.4 0.5 0.25 1 0.5 10 3 -- Conditions Min Typ 24 0.5 1 20 VDD VDD - 2.7 Max Units k % % V V % LSB LSB mA ppm/C pF
AC ELECTRICAL CHARACTERISTICS VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol Digital tCSMIN tCSS tCSH tDIS tDIH tDO1 tDO0 tHZ tLZ tBUSY tPS tPROG tCLKH tCLKL fC Analog tDS DPP Settling Time to 1 LSB CLOAD = 10 pF, VDD = +5V CLOAD = 10 pF, VDD = +3V -- -- 3 6 10 10 s s Minimum CS Low Time CS Setup Time CS Hold Time DI Setup Time DI Hold Time Output Delay to 1 Output Delay to 0 Output Delay to High-Z Output Delay to Low-Z Erase/Write Cycle Time PROG Setup Time Minimum Pulse Width Minimum CLK High Time Minimum CLK Low Time Clock Frequency CL = 100pF (1) 150 100 0 50 50 -- -- -- -- -- 150 700 500 300 DC -- -- -- -- -- -- -- 400 400 4 -- -- -- -- -- -- -- -- -- -- 150 150 -- -- 5 -- -- -- -- 1 ns ns ns ns ns ns ns ns ns ms ns ns ns ns MHz Parameter Conditions Min Typ Max Units
Notes: (1) All timing measurements are defined at the point of signal crossing VDD / 2. (2) These parameters are periodically sampled and are not 100% tested.
Doc. No. MD-2001 Rev. J
4
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
TIMING MIN/MAX FROM TO
to 2 3 4 5
1
PARAM NAME
t CLK H
t CLK H Rising CLK edge tofalling CLK edge
Min
CLK t CLK L Falling CLK edge to CLKrising edge t CSH Falling CLK edge f r last data bit (DI) o to falling CS edge Rising CS edge to ne rising CLK edge xt
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
A.C. TIMING DIAGRAM
Min Min Min
t CSS
t CSS
t CLK L
t CSH
CS
Not Recommended for New Design
t CSMIN
t DIS
t CSMIN Falling CS edge torising CS edge Data valid to first rising CLK edge after CS = high
Min Min
t DIS
DI t DIH t DO0 t LZ Rising CLK edge to end of datavalid Rising CLK edge to D0 = lo w Rising CS edge to D0 becoming high low impedance (activ output) e
5
Min Max (Max) t DO0 t DO1 t HZ
t DO1 t HZ Rising CLK edge to D0 = high Falling CS edge to D0 becoming high impedance (T ri-State)
t DIH
t LZ
DO
Max (Max)
PROG
t PS t PROG
t PS
Rising PROG edge to next falling CLK edge
Min t PROG Rising PROG edge to falling PROG edge t BUSY Falling CLK edge after PR OG=H to rising RD Y/BSY edge Min
RDY/BSY Max t BUSY
CAT525
Doc. No. MD-2001 Rev. J
to 2
1
3
4
5
CAT525
Not Recommended for New Design
PIN DESCRIPTION
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name VREFH2 VREFH1 VDD CLK RDY/BSY CS DI DO PROG GND VREFL1 VREFL2 VREFL3 VREFL4 VOUT4 VOUT3 VOUT2 VOUT1 VREFH4 VREFH3 Function Maximum DPP 2 output voltage Maximum DPP 1 output voltage Power supply positive Clock input pin Ready/Busy output Chip select Serial data input pin Serial data output pin Non-volatile Memory Programming Enable Input Power supply ground Minimum DPP 1 output voltage Minimum DPP 2 output voltage Minimum DPP 3 output voltage Minimum DPP 4 output voltage DPP 4 output DPP 3 output DPP 2 output DPP 1 output Maximum DPP 4 output voltage Maximum DPP 3 output voltage CDPP/DPP addressing is as follows: DPP OUTPUT VOUT1 VOUT2 VOUT3 VOUT4 A0 0 1 0 1 A1 0 0 1 1
DEVICE OPERATION
The CAT525 is a quad 8-bit configured digitally programmable potentiometer (DPP/CDPP) whose outputs can be programmed to any one of 256 individual voltage steps. Once programmed, these output settings are retained in non-volatile memory and will not be lost when power is removed from the chip. Upon power up the DPPs return to the settings stored in non-volatile memory. Each confitured DPP can be written to and read from independently without effecting the output voltage during the read or write cycle. Each output can also be adjusted without altering the stored output setting, which is useful for testing new output settings before storing them in memory. DIGITAL INTERFACE The CAT525 employs a 3 wire serial, Microwire-like control interface consisting of Clock (CLK), Chip Select (CS) and Data In (DI) inputs. For all operations, address and data are shifted in LSB first. In addition, all digital data must be preceded by a logic
Doc. No. MD-2001 Rev. J
"1" as a start bit. The DPP address and data are clocked into the DI pin on the clock's rising edge. When sending multiple blocks of information a minimum of two clock cycles is required between the last block sent and the next start bit. Multiple devices may share a common input data line by selectively activating the CS control of the desired IC. Data Outputs (DO) can also share a common line because the DO pin is Tri-Stated and returns to a high impedance when not in use. CHIP SELECT Chip Select (CS) enables and disables the CAT525's read and write operations. When CS is high data may be read to or from the chip, and the Data Output (DO) pin is active. Data loaded into the DPP wiper control registers will remain in effect until CS goes low. Bringing CS to a logic low returns all DPP outputs to the settings stored in non-volatile memory and switches DO to its high impedance Tri-State mode. Because CS functions like a reset the CS pin has been desensitized with a 30ns to 90ns filter circuit to
6
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
Not Recommended for New Design
CAT525
prevent noise spikes from causing unwanted resets and the loss of volatile data. CLOCK The CAT525's clock controls both data flow in and out of the IC and non-volatile memory cell programming. Serial data is shifted into the DI pin and out of the DO pin on the clock's rising edge. While it is not necessary for the clock to be running between data transfers, the clock must be operating in order to write to non-volatile memory, even though the data being saved may already be resident in the DPP wiper control register. No clock is necessary upon system power-up. The CAT525's internal power-on reset circuitry loads data from non-volatile memory to the DPPs without using the external clock. As data transfers are edge triggered clean clock transitions are necessary to avoid falsely clocking data into the control registers. Standard CMOS and TTL logic families work well in this regard and it is recommended that any mechanical switches used for breadboarding or device evaluation purposes be debounced by a flip-flop or other suitable debouncing circuit. VREF VREF, the voltage applied between pins VREFH & VREFL, sets the configured DPP's Zero to Full Scale output range where VREFL = Zero and VREFH = Full Scale. VREF can span the full power supply range or just a fraction of it. In typical applications VREFH & VREFL are connected across the power supply rails. When using less than the full supply voltage be mindfull of the limits placed on VREFH and VREFL as specified in the References section of DC Electrical Characteristics.
READY/BUSY When saving data to non-volatile memory, the Ready/Busy ouput (RDY/BSY ) signals the start and duration of the erase/write cycle. Upon receiving a command to store data (PROG goes high) RDY/BSY goes low and remains low until the programming cycle is complete. During this time the CAT525 will ignore any data appearing at DI and no data will be output on DO. RDY/BSY is internally ANDed with a low voltage detector circuit monitoring VDD. If VDD is below the minimum value required for EEPROM programming, RDY/BSY will remain high following the program command indicating a failure to record the desired data in non-volatile memory. DATA OUTPUT Data is output serially by the CAT525, LSB first, via the Data Out (DO) pin following the reception of a start bit and two address bits by the Data Input (DI). DO becomes active whenever CS goes high and resumes its high impedance Tri-State mode when CS returns low. Tri-Stating the DO pin allows several 525s to share a single serial data line and simplifies interfacing multiple 525s to a microprocessor. WRITING TO MEMORY Programming the CAT525's non-volatile memory is accomplished through the control signals: Chip Select (CS) and Program (PROG). With CS high, a start bit followed by a two bit DPP address and eight data bits are clocked into the DPP wiper control register via the DI pin. Data enters on the clock's rising edge. The DPP output changes to its new setting on the clock cycle following D7, the last data bit. Programming is accomplished by bringing PROG high sometime after the start bit and at least 150 ns prior to the falling edge of the clock cycle immediately
Figure 1. Writing to Memory
to 1 2 3 4 5 6 7 8 9 10 11 12 N N+1 N+2
CS NEW DPP DATA DI 1 A0 A1 D0 D1 D2 D3 D4 D5 D6 D7
CURRENT DPP DATA DO D0 D1 D2 D3 D4 D5 D6 D7
PROG
RDY/BSY
DPP OUTPUT
CURRENT DPP VALUE NON-VOL ATILE
NEW DPP VALUE VOLATILE
NEW DPP VALUE NON-VOL ATILE
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
7
Doc. No. MD-2001 Rev. J
CAT525
Not Recommended for New Design
following the D7 bit. Two clock cycles after the D7 bit the DPP control register will be ready to receive the next set of address and data bits. The clock must be kept running throughout the programming cycle. Internal control circuitry takes care of generating and ramping up the programming voltage for data transfer to the non-volatile memory cells. The CAT525's nonvolatile memory cells will endure over 100,000 write cycles and will retain data for a minimum of 20 years without being refreshed. READING DATA Each time data is transferred into a DPP wiper control register currently held data is shifted out via the D0 pin, thus in every data transaction a read cycle occurs. Note, however, that the reading process is destructive. Data must be removed from the register in order to be read. Figure 2 depicts a Read Only cycle in which no change occurs in the DPP's output. This feature allows Ps to poll DPPs for their current setting without disturbing the output voltage but it assumes that the setting being read is also stored in non-volatile memory so that it can be restored at the end of the read cycle. In Figure 2 CS returns low th before the 13 clock cycle completes. In doing so the non-volatile memory setting is reloaded into the DPP wiper control register. Since this value is the same as that which had been there previously no change in the DPP's output is noticed. Had the value held in the
control register been different from that stored in nonvolatile memory then a change would occur at the read cycle's conclusion. TEMPORARILY CHANGE OUTPUT The CAT525 allows temporary changes in DPP's output to be made without disturbing the settings retained in non-volatile memory. This feature is particularly useful when testing for a new output setting and allows for user adjustment of preset or default values without losing the original factory settings. Figure 3 shows the control and data signals needed to effect a temporary output change. DPP settings may be changed as many times as required and can be made to any of the four DPPs in any order or sequence. The temporary setting(s) remain in effect long as CS remains high. When CS returns low all four DPPs will return to the output values stored in non-volatile memory. When it is desired to save a new setting acquired using this feature, the new value must be reloaded into the DPP control register prior to programming. This is because the CAT525's internal control circuitry discards from the programming register the new data two clock cycles after receiving it if no PROG signal is received.
Figure 2. Reading from Memory
to 1 2 3 4 5 6 7 8 9 10 11 12
Figure 3. Temporary Change in Output
to 1 2 3 4 5 6 7 8 9 10 11 12 N N+1 N+2
CS
CS
NEW DPP DATA 1 A0 A1 D0 D1 D2 D3 D4 D5 D6 D7
DI
1
A0
A1 CURRENT DPP DATA
DI
CURRENT DPP DATA
D6 D7
DO
D0
D1
D2
D3
D4
D5
DO
D0
D1
D2
D3
D4
D5
D6
D7
PROG
PROG
RDY/BSY
RDY/BSY
DPP OUTPUT
CURRENT DPP VALUE NON-VOL ATILE
DPP OUTPUT
CURRENT DPP VALUE NON-VOL ATILE
NEW DPP VALUE VOLATILE
CURRENT DPP VALUE NON-VOL ATILE
Doc. No. MD-2001 Rev. J
8
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
Not Recommended for New Design
CAT525
APPLICATION CIRCUITS
+5V VI RI +15V VDD CONTROL & DATA VREFH VDPP RF
DPP INPUT DPP OUTPUT VDPP = MSB LSB CODE x (VFS - VZERO + VZERO ) 255 ANALOG OUTPUT
VFS = 0.99VREF
VREF = 5V
RI = RF
+ -
-15V VOUT = OP 07
VOUT
1111 1000 0111 0000 0000 1111 0000 1111 0001 0000
VZERO = 0.01VREF
255 x 0.98VREF + 0.01VREF = 0.990 VREF 255 128 x 0.98VREF + 0.01VREF = 0.502VREF 255 127 x 0.98VREF + 0.01VREF = 0.498 VREF 255 1 x 0.98VREF + 0.01VREF = 0.014 VREF 255 0 x 0.98VREF + 0.01VREF = 0.010 VREF 255
CAT525
GND VREFL
VOUT = +4.90V VOUT = +0.02V
VOUT = -0 .02V
VDPP ( RI + RF ) - VI R F RI
VOUT = -4.86V VOUT = -4.90V
For R I = RF VOUT = 2VDPP - VI
Bipolar DPP Output
+5V
RI +15V
RF
GND
VREFL
R VOUT = (1 + F ) VDPP RI
Amplified DPP Output
+5V VDD
VREF VREFH 127RC
+5V VDD
FINE ADJUST DPP
FINE ADJUST DPP
COARSE ADJUST DPP
GND
RC VOFFSET
+V
+ -
COARSE ADJUST DPP
GND
VREFL
RC =
VREF 256 x 1A
Fine adjust gives 1 LSB change in VOFFSET when VOFFSET = VREF/2
Coarse-Fine Offset Control by Averaging DPP Outputs for Single Power Supply Systems
Coarse-Fine Offset Control by Averaging DPP Outputs for Dual Power Supply Systems
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
9
+
-15V
CONTROL & DATA
CAT525
VDPP
-
OP 07
+VREF VREFH VREFL
VDD
VREFH
VOUT
127RC RC = RC
R0 = (+VREF) - (VOFFSET+)
1A
(-VREF) + (VOFFSET+)
1A
R0
+V
+
-VREF VOFFSET
-
-V
Doc. No. MD-2001 Rev. J
CAT525
V+
Not Recommended for New Design
I > 2mA
VREF = 5.000V VDD
CONTROL & DATA
VREFH
LT 1029
CAT525
GND
VREFL
Digitally Trimmed Voltage Reference
28 / 32V
15k
10F
1N5231B VDD CONTROL & DATA VREFH 5.1V
10k
CAT525
GND VREFL
+ -
LM 324
MPT3055EL
OUTPUT 1.00k 4.02k 10F 35V 0 / 25V @ 1A
Digitally Controlled Voltage Reference
Doc. No. MD-2001 Rev. J
10
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
Not Recommended for New Design
+5V 1.0F VREF VIN
CAT525
LM339
+
VDD VREFH
-
+5V
10k WINDOW 1
CAT525
VPP CS DI DPP1
+ - + -
+5V 10k WINDOW 2
VDD VREFH 1.0F +5V VREF VIN
LM339
+ -
+5V 10k WINDOW 1
+
DO DPP2 PROG
- +
VPP
CAT525
DPP1
+ -
-
CLK +5V
10k WINDOW 3
CS DI
+ -
DPP3
DPP2
+ -
10k +5V WINDOW 2
+ -
+5V 10k WINDOW 4
PROG DO
+
DPP3
-
+ -
DPP4
CLK
DPP4
+ -
VREFL 10k +5V WINDOW 3
+ -
10k +5V WINDOW 5
GND
GND
VREFL
+ -
+ -
VREF
WINDOW 1
VOUT1
WINDOW 2
VOUT2
WINDOW 3
VREFH
WINDOW 1
VOUT1 VOUT2
VOUT3
WINDOW 4
WINDOW 2
VOUT4 VOUT3 WINDOW 5
VOUT4
WINDOW 3
GND
GND
WINDOW STRUCTURE
WINDOW STRUCTURE
Staircase Window Comparator
Overlapping Window Comparator
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
11
Doc. No. MD-2001 Rev. J
CAT525
+5V 2.2k VDD VREFH 4.7F
Not Recommended for New Design
LM385-2.5 +15V
ISINK = 2 / 255mA
DPP1
+
2N7000 +5V
1mA steps
-
10k 10k 39 1W
CONTROL & DATA
CAT525
39 1W
DPP2
+ -
2N7000
5A steps
GND
VREFL
5M
5M
3.9k
10k
10k
Current Sink with 4 Decades of Resolution
+15V 51k
+
TIP29
-
10k +5V
10k
VDD
VREFH
5M DPP1
5M
39 1W 39 1W
5M DPP2
GND
VREFL
LM385-2.5 -15V ISOURCE = 2 / 255mA
Current Source with 4 Decades of Resolution
Doc. No. MD-2001 Rev. J
+
CONTROL & DATA
CAT525
BS170P
5M
3.9k
BS170P
12
+
-15V
-
TIP30
+
-
1mA steps
-
5A steps
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
Not Recommended for New Design
CAT525
PACKAGE OUTLINE DRAWINGS
PDIP 20-Lead (L)(1)(2)
E1
D TOP VIEW E
A2
A c L
A1 e b1 b
eB
SIDE VIEW
END VIEW
SYMBOL
MIN
NOM
MAX
A A1 A2 b b1 c D E E1 e eB L
3.56 0.38 2.92 0.36 1.15 0.21 24.89 7.62 6.10 7.88 2.99 3.30 3.30 0.45 1.52 0.26 26.16 7.87 6.35 2.54 TYP
5.33 4.95 0.55 1.77 0.35 26.92 8.25 7.11 10.92 3.81
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MS-001.
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
13
Doc. No. MD-2001 Rev. J
CAT525
Not Recommended for New Design
SOIC 20-Lead 300mils (W)(1)(2)
SYMBOL
MIN
NOM
MAX
A A1 A2 b
E1 E
2.36 0.10 2.05 0.31 0.20 12.60 10.01 7.40 0.25 0.40 0 5
2.49
2.64 0.30 2.55
0.41 0.27 12.80 10.30 7.50 1.27 BSC
0.51 0.33 13.00 10.64 7.60 0.75
c D E E1 e h L
0.81
1.27 8 15
b PIN#1 IDENTIFICATION
e
1
TOP VIEW
D
h
h
1
A
A2
1
A1 SIDE VIEW
L END VIEW
c
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MS-013.
Doc. No. MD-2001 Rev. J
14
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
Not Recommended for New Design
CAT525
EXAMPLE OF ORDERING INFORMATION(1)
Prefix CAT
Optional Company ID
Device # Suffix 525 W
Package L: PDIP W: SOIC Product Number 525
I
Temperature Range I = Industrial (-40C to 85C)
-
T1
Tape & Reel T: Tape & Reel 1: 1000/Reel
ORDERING PART NUMBER CAT525LI CAT525WI
Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is Matte-Tin. (3) This device used in the above example is a CAT525WI-T1 (SOIC, Industrial Temperature, Tape & Reel, 1000).
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice
15
Doc. No. MD-2001 Rev. J
CAT525
Not Recommended for New Design
REVISION HISTORY
Date 16-Mar-04 12-Jul-04 27-Jul-07 31-Oct-07 Revision D E F G Description Updated Potentiometer Characteristics Updated Functional Diagram Updated Potentiometer Characteristics Added Package Outline Drawings Updated Example of Ordering Information Added MD- to document number Updated Package Outline Drawings Updated Example of Ordering Information Update document title Update Logic Output table Update A.C. Timing Diagram Update Writing to Memory Add "Not Recommended for New Design" to the top of all pages Change logo and fine print to ON Semiconductor
6-Dec-07 15-Jul-08 25-Nov-08
H I J
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center: Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
Doc. No. MD-2001 Rev. J
16
(c) 2008 SCILLC. All rights reserved. Characteristics subject to change without notice


▲Up To Search▲   

 
Price & Availability of CAT525WI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X