Part Number Hot Search : 
MBR20150 EC4A15 74ALS 10700 CT138 N4948 0805C M54HCT08
Product Description
Full Text Search
 

To Download CAR1248FPBYO-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAR1248FP Series
1200 Watt 48V Front End Power Supply
Features:
1200 Watts in 1U Ultra High Power Density of 19W/in3 Active Current Sharing (Single Wire) Remoteon/off,RemoteSense,VoltageProgram& Current Share Control Circuits Constant Current Current,Voltage,ACOK,DCOK&TemperatureOK Microprocessor based design allows for I2C communication OptionalUniversal/5-Bay19"RackDelivers6kWofTotalPower InternationalSafetyApprovals-UL,CSA,CEMark(LVD),TUV
FEATURES High Power Density 19W/in3 System Scalability up to 6000W 1U x 2U High Form Factor LoadSharing&FaultTolerant 5VSBStandbyVoltage I2CDigitalControl&Monitoring SPECIFICATIONS Input Voltage Range Input Current Maximum Inrush Current Input Protection Power Factor Efficiency OutputPower OutputVoltageRange OutputCurrent Voltage Programming StandbyBiasVoltage Voltage Regulation OuputRipple&Noise TransientResponse SwitchingFrequency Hold-UpTime RemoteOn/Off CurrentLimitProtection Short Circuit Protection OverVoltageProtection OperatingTemperature OverTemperatureProtection EMI LEDIndicators AnalogStatus&Control DigitalStatus&Control Shock&Vibration Dimensions Weight Safety Approvals Options rev 100506
Lineage Power 3000 Skyline Dr. Mesquite, TX 75149 Phone: (972) 284-2000 Lineage Power 2841 Dow Avenue Tustin, CA 92780 USA Phone: (714) 544-6665 Lineage Power (China) 1353 Chenqiao Road, Shanghai Sengpu Industrial Park Shanghai, 201401 China Phone: 021 6710 8910
BENEFITS Leavesplentyofroomforyourapplications Allowsflexibilitywithminimuminvestment Minimizespacerequiredforpowerneeds ExcellentreliabilityinN+1operation Voltageforexternalhousekeepingandmonitoringcircuitry Idealformonitoring,housekeepingandcontrol 1200 Watt +48V Front End Power Supply
KEYMARKETS&APPLICATIONS Distributed Power Mid-endservers BladeServers NetworkEquipment
NetworkAttachedStorage AutomaticTestEquipment StorageAreaNetworks
85-264VAC,47-63Hz 12.75A@100VAC,7.9A@180VAC,fullload 40Amax.coldstart(perETS300132-1andbellcorespecifications) DualFused(Line&Neutral)20Amp/250VACType3ABAxial 0.99typicalcomplieswithIEC555,EN60555-2,EN61000-3-2 91%typicalat230VACFullLoadOperation,85%Typical@90VACFullLoadOperation 1200WatHighLineOperation(230VAC),Derateto1000WatLowLineOperation(90VAC) +48 VDC (10%) 25A@+48VDCforHighLineOperation(230VAC),reducedto20.8AatLowLineOperation(90VAC) Vout=43.2V+3.3x(Vprog-0.364)Vwhere0.3643Voropen;OFFif<1V(max.sink1mA)Opencollectortype 110-130%ofIoutNominal Self protected with auto recovery +60VDCmax,latched.ResetconditionbyrecyclingACInputortogglingremoteon/off -10Cto+70C.powerderatingabove55Cat2.5%perC Nonlatching;protectionactiveat110Cinternaltemperature,restartat95C(typical) FCC-B&EN55022-Bwithspecifiedfilteroratracklevel,GR-1089-CORE Green=ACOK&DCOK,Red=Fault VoltageProgramming(VProg),Loadsharing(IShare),RemoteON/OFF,CurrentMonitor(IMonitor),Overtemperature(TempWarning),Fault,PSPresent,ModuleEnable I2COption,seedetailedspecificationfordetails IEC68-2-27,MIL-STD-810E,TelcordiaGR-63-CORE 11.02x3.44x1.65"/284.5x87.4x41.9mm 2.8 lbs IEC950perEN60950,UL60950,CSA22.2-950,CEMark(LVD),TUV I2CSignals,Bezel
www.lineagepower.com/oem
CAR1248FP Series
1200 Watt 48V Front End Power Supply
OUTLINEDRAWING
PARTNUMBERDEFINITIONGUIDE
PINOUTINFORMATION
A1 A2 A3 A4 A5 A6 B1 B2 B3 VSB5V VSB5VReturn SignalRTN Write Protect Remote Sense (+) RemoteSense(-) Fault I Monitor Module Enable B4 B5 B6 C1 C2 C3 C4 C5 C6 PS Present SerialDataLine SerialDataClock I Share N/C TempWarning I2C Address (A0) I2C Address (A1) I2C Address (A2) D1 D2 D3 D4 D5 D6 P1 P2 P3 V Prog OVPTestPoint RemoteOn/Off DCOK ACOK Interrupt Line Neutral Chassis P4 P5 Vout Vout Return
CAR 12 48 F P x xx -1A
Series 12=1200W Output Current 48=48V Output Voltage Rev. Blank=Non-compliant YO=5 of 6 Compliant ZO=6 of 6 Compliant RoHS B=Bezel Option Blank=None Options
F=Front End Type P=Positive Examples: Polarity CAR1248FPZO-1A 1200W/48VFrontEnd,6of6RoHS CAR1248FPBYO-1A 1200W/48VFrontEnd,Bezel,5of6RoHS CAR1248FPB-1A 1200W/48VFrontEnd,Bezel
D1 D2 D3 D4 D5 D6 P1 P2 P3 C1 C2 C3 C4 C5 C6 B1 B2 B3 B4 B5 B6 A1 A2 A3 A4 A5 A6 P4 P5
ConnectorisFCI/Berg Part#51939-070 MateswithFCI/Berg Part#51915-050
rev 100506
Lineage Power 3000 Skyline Dr. Mesquite, TX 75149 Phone: (972) 284-2000 Lineage Power 2841 Dow Avenue Tustin, CA 92780 USA Phone: (714) 544-6665 Lineage Power (China) 1353 Chenqiao Road, Shanghai Sengpu Industrial Park Shanghai, 201401 China Phone: 021 6710 8910
www.lineagepower.com/oem


▲Up To Search▲   

 
Price & Availability of CAR1248FPBYO-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X