Part Number Hot Search : 
HT9032C 3V10X TC74AC 01926 90000 C4024ERW XCF01S09 C5011
Product Description
Full Text Search
 

To Download C153-9-SMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 32.768KHz SMD Package
0.126 0.004 (3.2 0.1) Internal Connection 0.059 0.004 (1.5 0.1)
C153-SMD Model
Crystal package to meet today's demand for pick and place processing. Available on tape and reel in quantities of 3K for SMT placement.
RECOMMENDED REFLOW SOLDERING PROFILE
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
260C
Solder Pad Layout
0.036 (0.9 Max) 0.044 (1.1) 0.095 (2.4) 0.056 (1.4) 0.044 (1.1)
217C 200C
150C
0.052 (1.3)
Do not design any patterns in this area.
0.075 (1.9) Preheat 180 Secs. Max. 90 Secs. Max. 260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
0.071 (1.8)
8 Minutes Max. 0.024 (0.6)
Dimensions inches (mm) All dimensions are maximum unless otherwise specified
Electrical: Frequency: Mode: Load Cap: Calibration Tolerance: Stability: Operating Temp. range: Storage Temp. range: Resistance: Shunt Cap:
Crystal Specifications
32.768 KHz Tuning Fork 12.5pF (See Table 1) 20ppm at 25C -0.035 0.006ppm/C2 (See Chart 1) -40 to 85C -55 to 125C 70K Max 1.05pF Typ. Aging: Drive level: Quality Factor: Spurious Response: C0/C1 Ratio: Pullability: Trim Sensitivity: Temp. Coefficient: Type/Angle of Quartz Cut: Insulation Resistance: 3ppm Max first year 1uW Max 30K Typ. Not Specified Not Specified Not Specified Not Specified Not Specified Not Specified 500 Megaohms Min at 100Vdc
Typical Temperature Characteristic 0 Load Cap Options Load Cap 12.5pF 9.0pF 7.0pF Part Number C153-SMD C153-9-SMD C153-7-SMD Table 1 PPM -50
-10
0
25 Temperature C Chart 1
60
TD-060803 Rev. B
CRYSTEK CORPORATION
12730 Commonwealth Drive * Fort Myers, Florida 33913 Phone: 239-561-3311 * 800-237-3061 Fax: 239-561-1025 * www.crystek.com


▲Up To Search▲   

 
Price & Availability of C153-9-SMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X