Part Number Hot Search : 
TA8211 2SA1787 WE150 60207 BT222 KSD560 GOB94020 ES1JE
Product Description
Full Text Search
 

To Download B88069X1490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surge arrester
2-electrode arrester
Series/Type: Ordering code: Version/Date: Version:
A81-A500X B88069X1490**** Issue 06 / 2010-01-18 6
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white" (or invisible). This ensures that the table disappears for the customer PDF. To update the data sheet, click on the symbol "Preview" and then "Close". Please do not alter the header or footer when copying the content.
Identification/Classification 1: (header 1 + top left header bar) Identification/Classification 2: (header 2 + bottom left header bar) Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: PPD AB PD / PPD AB PM Issue 06 / 2010-01-18 Surge arrester 2-electrode arrester B88069X1490**** A81-A500X
(c) EPCOS AG 2010. Reproduction, publication and dissemination of this document, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Surge arrester 2-electrode arrester
B88069X1490**** A81-A500X
Features Standard size Very fast response time High current rating Stable performance over life Very low capacitance High insulation resistance RoHS-compatible Electrical specifications DC spark-over voltage 1) 2)
Applications Line protection Consumer electronics
500 20 < 1000 < 900 < 1100 < 1000 20 100 20 25 2.5 > 10 < 1.5 ~ 10 ~ 0.8 ~ 60 ~ 1.5 -40 ... +90 40/ 90/ 21 500 YY O
500 YY O - Nominal voltage - Year of production - Non radioactive
V % V V V V A A kA kA kA G pF V A V g C
Impulse spark-over voltage at 100 V/s - for 99 % of measured values - typical values of distribution at 1 kV/s Service life 10 operations 1 operation 10 operations 1 operation 1 operation Capacitance at 1 MHz Arc voltage at 1 A Glow to arc transition current Glow voltage Weight Operation and storage temperature Climatic category (IEC 60068-1) Marking, blue negative - for 99 % of measured values - typical values of distribution 50 Hz, 1 s 50 Hz, 0.18 s (9 cycles) 8/20 s 8/20 s 10/350 s
Insulation resistance at 100 VDC
1) 2)
At delivery AQL 0.65 level II, DIN ISO 2859 In ionized mode Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
PPD AB PD / PPD AB PM Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 4
Issue 06 / 2010-01-18
Surge arrester 2-electrode arrester
B88069X1490**** A81-A500X
Dimensional drawing in mm
Ordering code and packing advice B88069X1490S102 = 100 pcs on 5 taped stripes
B88069X1490T502 = 500 pcs on tape & reel
Cautions and warnings Surge arresters must not be operated directly in power supply networks. Surge arresters may become hot in case of longer periods of current stress (danger of burning). Surge arresters may be used only within their specified values. In case of overload, the head contacts may fail or the component may be destroyed. Damaged surge arresters must not be re-used.
PPD AB PD / PPD AB PM Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 4 Issue 06 / 2010-01-18
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap, DigiSiMic, DSSP, FormFit, MiniBlue, MiniCell, MKD, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of B88069X1490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X