Part Number Hot Search : 
1N5948D 2SC509 2SC509 LM199H MZ2V0 PC123 2575T 16IS762
Product Description
Full Text Search
 

To Download B88069X0670T502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Spark Gap
CAS02X-067 Ordering code: B88069X0670T502
DC spark-over voltage 1) 2) Initial values Ignition time tI after 150 hours in darkness 3) at -20 C at +25; 125 C Electrical life time Maximum increase of DC spark-over voltage Switching operations at +25; 125 C Switching frequency 10 ... 25 Hz Switching frequency < 10Hz Test circuit parameters Open circuit voltage V0' Loading resistance R Discharge capacitance C Inductance L Discharge peak current IP Insulation resistance at 100 Vdc Capacitance at 1 MHz Weight Operation and storage temperature Climatic category (IEC 60068-1) Marking, red
200 ... 250
V
95 4 2 25 2 000 000 4 000 000 230 15 2.2 10 ~ 300 > 0.1 <2 ~ 1.5
99.9 5 3
100 7 4
% s s V Ignitions Ignitions Vac k F H A G pF g C
-20 ... +125 20/ 125/ 21
CS 230 YYMM O
CS 230 YY MM O - Series - Nominal voltage - Year of production - Month of production - Non radioactive
1) 2) 3)
At delivery AQL 0.65 level II, DIN ISO 2859 In ionized mode, after load Time from capacitor charged to the first high voltage spark Test circuit: Vac = 198 V; R = 36 k; C = 2.2 F
AB E / AB PM Page 1 of 2
Issue 04, 10.02.2004
Switching Spark Gap
CAS02X-067 Ordering code: B88069X0670T502
Not to scale Dimensions in mm Non controlled document
EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. AB E / AB PM Page 2 of 2 Issue 04, 10.02.2004


▲Up To Search▲   

 
Price & Availability of B88069X0670T502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X