Part Number Hot Search : 
GP10A ESD20 PCDA02 N5716 DSP56603 LC7565A 2ASA0 83120
Product Description
Full Text Search
 

To Download B1010-2R5155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
PowerStor
TM
Aerogel Capacitors B Series
Description
The PowerStor Aerogel Capacitor is a unique, ultra-high capacitance device based on a novel type of carbon foam, known as carbon aerogel. Aerogel capacitors are similar to supercapacitors, ultracapacitors and electrochemical double layer capacitors (EDLCs) with the added benefit of low ESR (Equivalent Series Resistance).
Features & Benefits
* * * * * High specific capacitance Very low ESR Low leakage currents Long cycle life Ultra low ESR also available (A Series)
Applications
* * * * Main power Hybrid battery packs Hold-up power Pulse power
CYLINDRICAL DEVICE
SPECIFICATIONS
Working Voltage Surge Voltage Nominal Capacitance Range Capacitance Tolerance Operating Temperature Range 2.5 volts 3.0 volts 0.22 to 50 F -20% to +80% (20C) -25C to 70C
STANDARD PRODUCTS
Nominal Capacitance (F) 0.22 1.0 1.5 2.2 3.3 4.7 6.8 10 22 33 50 Part Number B0510-2R5224 B0810-2R5105 B1010-2R5155 B0820-2R5225 B1020-2R5335 B0830-2R5475 B1030-2R5685 B1325-2R5106 B1635-2R5226 B1835-2R5336 B1840-2R5506 Nominal ESR (Equivalent Series Resistance) Measured @ 1kHz () 3 0.400 0.300 0.200 0.150 0.150 0.100 0.060 0.040 0.030 0.025 Nominal Dimensions
O = 5 mm; L = 11 mm O = 8 mm; L = 11.5 mm O = 10 mm; L = 12.5 mm O = 8 mm; L = 20 mm O = 10 mm; L = 20.5 mm O = 8 mm; L = 30 mm O = 10 mm; L = 30 mm O = 13 mm; L = 26 mm O = 16 mm; L = 35 mm O = 18 mm; L = 35 mm O = 18 mm; L = 40 mm
PERFORMANCE
Parameter Life (1000 hrs @ 70C @ 2.5 volts DC) Storage - low and high temperature (1000 hrs @ -25C and 70C) Capacitance Change (% of initial measured value) 30 30 ESR (% of initial specified value) 300 300
Visit us on the Web at www.cooperET.com 3601 Quantum Boulevard Boynton Beach, Florida 33426-8638 Tel: +1-561-752-5000 Toll Free: +1-888-414-2645 Fax: +1-561-742-1178
PRELIMINARY
PowerStor
TM
Aerogel Capacitors B Series
DIMENSIONS (mm)
Part Number B0510-2R5224 B0810-2R5105 B1010-2R5155 B0820-2R5225 B1020-2R5335 B0830-2R5475 B1030-2R5685 B1325-2R5106 B1635-2R5226 B1835-2R5336 B1840-2R5506 D 5.0 8.0 10.0 8.0 10.0 8.0 10.0 13.0 16.0 18.0 18.0 D' L 5.5 11.5 8.5 12.7 10.5 13.9 8.5 20.5 10.5 21.8 8.5 30.5 10.5 31.0 13.5 27.9 16.5 37.5 18.5 37.5 18.5 41.5 Maximum L' 12.0 13.2 14.4 21.0 22.3 31.0 31.5 28.4 38.0 38.0 42.0 F 2.0 3.5 5.0 3.5 5.0 3.5 5.0 5.0 7.5 7.5 7.5 0.5 d' 0.50 0.50 0.60 0.50 0.60 0.50 0.60 0.60 0.80 0.80 0.80 0.02 C C' 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 20.0 5.0 Minimum
Note: Longer lead is positive
L' L
C
C'
Od'
PVC SLEEVE VENT
PART NUMBERING SYSTEM
B Series Code B = High Capacitance " " " " Dimensions (mm) Length 2R5 = 2.5V 2 R 5 Voltage (V) R is decimal " " " Capacitance "
Diameter
Multiplier Example: 475 = 47 x 105 F or 4.7 F
Value
PACKAGING INFORMATION
Standard packaging: Bulk, 100 units per package. Special packaging available upon request. Contact factory.
PART MARKING
Manufacturer Capacitance (F) Max. Operating Voltage (V) Series Code (or part number) Polarity Marking
PS-5102 12/01 (c) Cooper Electronic Technologies 2001
Visit us on the Web at www.cooperET.com 3601 Quantum Boulevard Boynton Beach, Florida 33426-8638 Tel: +1-561-752-5000 Toll Free: +1-888-414-2645 Fax: +1-561-742-1178
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
F0.5
OD'
OD


▲Up To Search▲   

 
Price & Availability of B1010-2R5155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X