Part Number Hot Search : 
MMSZ526 2N3525 815SR 190AX351 1433445 4WC01Y 2SK19 0NF03
Product Description
Full Text Search
 

To Download ATF22V10CQZ-20SU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * *
Industry-standard Architecture 12 ns Maximum Pin-to-pin Delay Zero Power - 25 A Maximum Standby Power (Input Transition Detection) CMOS and TTL Compatible Inputs and Outputs Advanced Electrically-erasableTechnology - Reprogrammable - 100% Tested Latch Feature Holds Inputs to Previous Logic State High-reliability CMOS Process - 20 Year Data Retention - 100 Erase/Write Cycles - 2,000V ESD Protection - 200 mA Latchup Immunity Commercial and Industrial Temperature Ranges Dual-in-line and Surface Mount Standard Pinouts PCI Compliant Green Package Options (Pb/Halide-free/RoHS Compliant) Available
* *
Highperformance EE PLD ATF22V10CZ ATF22V10CQZ
* * * *
1. Desscription
The ATF22V10CZ/CQZ is a high-performance CMOS (electrically-erasable) programmable logic device (PLD) which utilizes Atmel's proven electrically-erasable Flash memory technology. Speeds down to 12 ns with zero standby power dissipation are offered. All speed ranges are specified over the full 5V 10% range for industrial tem per ature r ang es; 5V 5% fo r com mer cia l ra nge 5 -volt devices. The ATF22V10CZ/CQZ provides a low voltage and edge-sensing "zero" power CMOS PLD solution with "zero" standby power (5 A typical). The ATF22V10CZ/CQZ provides a "zero" power CMOS PLD solution with 5V operating voltages, powering down automatically to the zero power-mode through Atmel's patented Input Transition Detection (ITD) circuitry when the device is idle, offering "zero" (25 A worst case) standby power. This feature allows the user to manage total system power to meet specific application requirements and enhance reliability. Pin "keeper" circuits on input and output pins eliminate static power consumed by pull-up resistors. The "CQZ" combines the low high-frequency ICC of the "Q" design with the "Z" feature. The ATF22V10CZ/CQZ incorporates a superset of the generic architectures, which allows direct replacement of the 22V10 family and most 24-pin combinatorial PLDs. Ten outputs are each allocated 8 to 16 product terms. Three different modes of operation, configured automatically with software, allow highly complex logic functions to be realized.
0778J-PLD-11/07
Figure 1-1.
Block Diagram
2. Pin Configurations
Table 2-1.
Pin Name CLK IN I/O VCC
Pin Configurations (All Pinouts Top View)
Function Clock Logic Inputs Bi-directional Buffers +5V Supply
Figure 2-1.
CLK/IN IN IN IN IN IN IN IN IN IN IN GND
TSSOP
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O IN
Figure 2-2.
DIP/SOIC
CLK/IN IN IN IN IN IN IN IN IN IN IN GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O IN
Figure 2-3.
PLCC
IN IN CLK/IN VCC* VCC I/O I/O 4 3 2 1 28 27 26
Note:
For PLCC, P1, P8, P15 and P22 can be left unconnected. For superior performance, connect VCC to pin 1 and GND to 8, 15, and 22.
2
ATF22V10C(Q)Z
0778J-PLD-11/07
IN IN GND GND* IN I/O I/O
12 13 14 15 16 17 18
IN IN IN GND* IN IN IN
5 6 7 8 9 10 11
25 24 23 22 21 20 19
I/O I/O I/O GND* I/O I/O I/O
ATF22V10C(Q)Z
3. Absolute Maximum Ratings*
Temperature Under Bias.................................. -40C to +85C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .........................................-2.0V to +7.0V(1) Voltage on Input Pins with Respect to Ground During Programming.....................................-2.0V to +14.0V(1) Programming Voltage with Respect to Ground .......................................-2.0V to +14.0V(1) *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V DC, which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V DC, which may overshoot to 7.0V for pulses of less than 20 ns.
4. DC and AC Operating Conditions
Commercial Operating Temperature (Ambient) VCC Power Supply 0C - 70C 5V 5% Industrial -40C - 85C 5V 10%
3
0778J-PLD-11/07
4.1
DC Characteristics
Parameter Input or I/O Low Leakage Current Input or I/O High Leakage Current Condition 0 VIN VIL (Max) 3.5 VIN VCC CZ-12, 15 Com Ind Com Ind Com Ind Com Ind 90 90 40 40 5 5 5 5 Min Typ Max -10 10 150 180 60 80 25 50 25 50 -130 -0.5 2.0 VIN = VIH or VIL VCC = Min, IOL = 16 mA VIN = VIH or VIL VCCIO = Min, IOH = -4.0 mA 2.4 0.8 VCC + 0.75 0.5 Units A A mA mA mA mA A A A A mA V V V
Symbol IIL IIH
ICC
Clocked Power Supply Current
VCC = Max Outputs Open, f = 15 MHz
CZ-15 CQZ-20 CQZ-20 CZ-12, 15
ISB
Power Supply Current, Standby
VCC = Max VIN = MAX Outputs Open
CZ-15 CQZ-20 CQZ-20
IOS(1) VIL VIH VOL
Output Short Circuit Current Input Low Voltage Input High Voltage Output Low Voltage
VOUT = 0.5V
VOH Note:
Output High Voltage
V
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
4
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
4.2 AC Waveforms
INPUTS, I/O REG. FEEDBACK SYNCH. PRESET
tS
tH tW tW
CP tP tAW ASYNCH. RESET tCO REGISTERED OUTPUTS tPD COMBINATORIAL OUTPUTS VALID VALID tAP VALID tER VALID tER tEA OUTPUT DISABLED tEA OUTPUT DISABLED VALID VALID tAR
4.3
AC Characteristics(1)
-12 -15 Max 12 6 2 10 0 6 55.5 62 83.3 3 2 2 2 3 10 7 5 10 12 15 12 15 10 3 3 2 2 3 10 8 6 10 8 2 10 0 6 55.5 69 83.3 15 15 15 15 15 Min 3 Max 15 4.5 8 2 14 0 10 38.5 45.5 50.0 3 3 2 2 3 14 20 20 14 20 20 20 20 22 Min 3 -20 Max 20 8 12 Units ns ns ns ns ns ns MHz MHz MHz ns ns ns ns ns ns ns ns ns Parameter Input or Feedback to Non-registered Output Clock to Feedback Clock to Output Input or Feedback Setup Time Input Hold Time Clock Width External Feedback 1/(tS + tCO) Internal Feedback 1/(tS + tCF) No Feedback 1/(tP) Input to Output Enable - Product Term Input to Output Disable - Product Term OE Pin to Output Enable OE Pin to Output Disable Input or I/O to Asynchronous Reset of Register Setup Time, Synchronous Preset Asynchronous Reset Width Asynchronous Reset Recovery Time Synchronous Preset to Clock Recovery Time 1. See ordering information for valid part numbers. Min 3
Symbol tPD tCF tCO tS tH tW fMAX tEA tER tPZX tPXZ tAP tSP tAW tAR tSPR Note:
5
0778J-PLD-11/07
4.4
4.4.1
Input Test Waveforms
Input Test Waveforms and Measurement Levels
4.4.2
Output Test Loads
Note:
Similar competitors devices are specified with slightly different loads. These load differences may affect output signals' delay and slew rate. Atmel devices are tested with sufficient margins to meet compatible device specification conditions.
4.5
Pin Capacitance
Table 4-1. Pin Capacitance (f = 1 MHz, T = 25C(1))
Typ
CIN CI/O 8 8
Max
10 10
Units
pF pF
Conditions
VIN = 0V; f = 1.0 MHz VOUT = 0V; f = 1.0 MHz
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
4.6
Power-up Reset
The registers in the ATF22V10CZ/CQZ are designed to reset during power-up. At a point delayed slightly from VCC crossing VRST, all registers will be reset to the low state. The output state will depend on the polarity of the buffer. This feature is critical for state machine initialization. However, due to the asynchronous nature of reset and the uncertainty of how VCC actually rises in the system, the following conditions are required: 1. The VCC rise must be monotonic and start below 0.7V. 2. The clock must remain stable during TPR. 3. After TPR occurs, all input and feedback setup times must be met before driving the clock pin high.
4.7
Preload of Register Outputs
The ATF22V10CZ/CQZ's registers are provided with circuitry to allow loading of each register with either a high or a low. This feature will simplify testing since any state can be forced into the registers to control test sequencing. A JEDEC file with preload is generated when a source file
6
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
with vectors is compiled. Once downloaded, the JEDEC file preload sequence will be done automatically by most of the approved programmers after the programming.
5. Electronic Signature Word
There are 64 bits of programmable memory that are always available to the user, even if the device is secured. These bits can be used for user-specific data.
6. Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF22V10CZ/CQZ fuse patterns. Once programmed, fuse verify and preload are inhibited. However, the 64-bit User Signature remains accessible. The security fuse should be programmed last, as its effect is immediate.
7. Programming/Erasing
Programming/erasing is performed using standard PLD programmers. See CMOS PLD Programming Hardware & Software Support for information on software/programming. Figure 7-1. Programming/Erasing Timing
VRST
POWER
t PR
REGISTERED OUTPUTS
tW
CLOCK
tS
Table 7-1.
Parameter TPR VRST
Programming/Erasing
Description Power-up Reset Time Power-up Reset Voltage Typ 600 3.8 Max 1000 4.5 Units ns V
8. Input and I/O Pull-ups
All ATF22V10CZ/CQZ family members have internal input and I/O pin-keeper circuits. Therefore, whenever inputs or I/Os are not being driven externally, they will maintain their last driven state. This ensures that all logic array inputs and device outputs are at known states. These are relatively weak active circuits that can be easily overridden by TTL-compatible drivers (see input and I/O diagrams below).
7
0778J-PLD-11/07
Figure 8-1.
Input Diagram
VCC
100K
INPUT
ESD PROTECTION CIRCUIT
Figure 8-2.
I/O Diagram
VCC OE DA A T VCC I/O
INPUT 100K
9. Compiler Mode Selection
Table 9-1. Compiler Mode Selection
PAL Mode (5828 Fuses) Synario WINCUPL ATF22V10C (DIP) ATF22V10C (PLCC) P22V10 P22V10LCC GAL Mode (5892 Fuses) ATF22V10C DIP (UES) ATF22V10C PLCC (UES) G22V10 G22V10LCC
8
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
10. Functional Logic Diagram Description
The Functional Logic Diagram describes the ATF22V10CZ/CQZ architecture. The ATF22V10CZ/CQZ has 12 inputs and 10 I/O macrocells. Each macrocell can be configured into one of four output configurations: active high/low, registered/combinatorial output.The universal architecture of the ATF22V10CZ/CQZ can be programmed to emulate most 24-pin PAL devices. Unused product terms are automatically disabled by the compiler to decrease power consumption. A security fuse, when programmed, protects the contents of the ATF22V10CZ/CQZ. Eight bytes (64 fuses) of User Signature are accessible to the user for purposes such as storing project name, part number, revision or date. The User Signature is accessible regardless of the state of the security fuse.
9
0778J-PLD-11/07
Figure 10-1. Functional Logic Diagram
10
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
NORMALIZED ICC VS. TEMP
1.4 NORMALIZED ICC 1.2 1.0 0.8 0.6 0.4 -40.0
ATF22V10CZ/CQZ STAND-BY ICC vs.
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 4.5
SUPPLY VOLTAGE (TA = 25C)
ICC (A)
4.8
5.0 SUPPLY VOLTAGE (V)
5.3
5.5
0.0
25.0
75.0
TEMPERATURE (C)
ATF22V10CZ SUPPLY CURRENT vs. INPUT FREQUENCY (VCC = 5.0V, TA = 25C)
140.000 120.000 100.000 ICC (mA) 80.000 60.000 40.000 20.000 0.000 0.0 0.5 2.5 5.0 7.5 10.0 FREQUENCY (MHz) 25.0 37.5 50.0
50.000 40.000 ICC (mA) 30.000 20.000 10.000 0.000 0.0
ATF22V10CQZ SUPPLY CURRENT VS. INPUT FREQUENCY (VCC = 5V, TA = 25C)
0.5
2.5
5.0
7.5
10.0
25.0
37.5
50.0
FREQUENCY (MHz)
ATF22V10CZ/CQZ OUTPUT SOURCE CURRENT VS SUPPLY VOLTAGE (VOH = 2.4V)
0 -10 IOH (mA) -20 -30 -40 -50 4.0 4.5 5.0 SUPPLY VOLTAGE (V) 5.5 6.0
0.0 -10.0 -20.0 -30.0 -40.0 -50.0 -60.0 -70.0 -80.0 -90.0
ATF22V10CZ/CQZ OUTPUT SOURCE CURRENT VS. OUTPUT VOLTAGE (VCC = 5V, TA = 25C)
IOH (mA)
0.00
0.50
1.00
1.50
2.00
2.50 VOH (V)
3.00
3.50
4.00
4.50
5.00
48 46 IOL (mA) 44 42 40 38 36
ATF22V10CZ/CQZ OUTPUT SINK CURRENT vs. SUPPLY VOLTAGE (V OL = 0.5V)
140.0 120.0 100.0
ATF22V10CZ/CQZ OUTPUT SINK CURRENT VS. SUPPLY VOLTAGE (VOL = 0.5V)
IOL (mA)
4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) 6.0
80.0 60.0 40.0 20.0 0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
11
0778J-PLD-11/07
INPUT CURRENT (mA)
0 -20 -40 -60 -80 -100 -120
ATF22V10CZ/CQZ INPUT CLAMP CURRENT VS INPUT VOLTAGE (V CC = 5V, TA = 35C)
INPUT CURRENT (uA)
40 30 20 10 0 -10 -20 -30 0.0
ATF22V10CZ/CQZ INPUT CURRENT VS INPUT VOLTAGE (V CC = 5V, TA = 25C)
0.0
-0.2
-0.4 -0.6 INPUT VOLTAGE (V)
-0.8
-1.0
1.0
2.0 3.0 4.0 INPUT VOLTAGE (V)
5.0
6.0
NORMALIZED TPD vs. VCC
1.2 NORMALIZED TPD 1.1 1.0 0.9 0.8 4.5 4.8 5.0 SUPPLY VOLTAGE (V) 5.3 5.5
NORMALIZED TPD vs. TEMP
1.1 NORMALIZED TPD
1.0
0.9
0.8 -40.0
0.0 25.0 TEMPERATURE (C)
75.0
1.3 NORMALIZED TCO 1.2 1.1 1.0 0.9 0.8 4.5
NORMALIZED TCO vs. VCC
1.1 NORMALIZED TCO
NORMALIZED TCO VS TEMP
1.0
0.9
4.8
5.0 SUPPLY VOLTAGE (V)
5.3
5.5
0.8 -40.0
0.0
25.0
75.0
TEMPERATURE (V)
NORMALIZED TSU VS VCC
1.2 NORMALIZED TSU NORMALIZED TSU 1.1 1.0 0.9 0.8 4.5 4.8 5.0 SUPPLY VOLTAGE (V) 5.3 5.5 1.2 1.1 1.0 0.9 0.8 -40.0
NORMALIZED TSU vs. TEMP
0.0
25.0
75.0
TEMPERATURE (C)
12
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
8
ATF22V10C DELTA TPD vs. OUTPUT LOADING
DELTA TCO (ns)
8.00 7.00
ATF22V10C DELTA TCO VS. OUTPUT LOADING
DELTA TPD (ns)
6 4 2 0 -2
6.00 5.00 4.00 3.00 2.00 1.00 0.00
0
50
100
150
200
250
300
50
100
150
200
250
300
OUTPUT LOADING (PF)
NUMBER OF OUTPUTS LOADING
DELTA TPD vs. # OF OUTPUT SWITCHING
0.0 DELTA TPD (ns) -0.1 -0.2 -0.3 -0.4 -0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 NUMBER OF OUTPUTS SWITCHING DELTA TCO (ns) 0.0 -0.1 -0.1 -0.2 -0.2 -0.3 1.0
DELTA TCO vs. # OF OUTPUT SWITCHING
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
NUMBER OF OUTPUTS SWITCHING
13
0778J-PLD-11/07
11. Ordering Information
11.1
tPD (ns)
Standard Package Options
tS (ns) tCO (ns) Ordering Code ATF22V10CZ-12JC ATF22V10CZ-12PC ATF22V10CZ-12SC ATF22V10CZ-12XC ATF22V10CZ-15JC ATF22V10CZ-15PC ATF22V10CZ-15SC ATF22V10CZ-15XC ATF22V10CZ-15JI ATF22V10CZ-15PI ATF22V10CZ-15SI ATF22V10CZ-15XI ATF22V10CQZ-20JC ATF22V10CQZ-20PC ATF22V10CQZ-20SC ATF22V10CQZ-20XC ATF22V10CQZ-20JI ATF22V10CQZ-20PI ATF22V10CQZ-20SI ATF22V10CQZ-20XI Package 28J 24P3 24S 24X 28J 24P3 24S 24X 28J 24P3 24S 24X 28J 24P3 24S 24X 28J 24P3 24S 24X Operation Range Commercial (0C to 70C)
12
10
8
Commercial (0C to 70C)
15
4.5
8
Industrial (-40C to +85C) Commercial (0C to 70C)
20
14
12
Industrial (-40C to +85C)
11.2
tPD (ns)
ATF22V10CQZ Green Package Options (Pb/Halide-free/RoHS Compliant)
tS (ns) tCO (ns) Ordering Code ATF22V10CQZ-20JU ATF22V10CQZ-20PU ATF22V10CQZ-20SU ATF22V10CQZ-20XU Package 28J 24P3 24S 24X Operation Range Industrial (-40C to +85C)
20
14
12
11.3
Using "C" Product for Industrial
To use commercial product for Industrial temperature ranges, down-grade one speed grade from the "I" to the "C" device (7 ns "C" = 10 ns "I") and de-rate power by 30%.
Package Type 28J 24P3 24S 24X 28-lead, Plastic J-leaded Chip Carrier (PLCC) 24-pin, 0.300", Plastic Dual Inline Package (PDIP) 24-lead, 0.300" Wide, Plastic Gull-Wing Small Outline (SOIC) 24-lead, 4.4 mm Wide, Plastic Thin Shrink Small Outline (TSSOP)
14
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
12. Packaging Information
12.1 28J - PLCC
1.14(0.045) X 45
PIN NO. 1 IDENTIFIER
1.14(0.045) X 45 0.318(0.0125) 0.191(0.0075)
E1 B
E
B1
D2/E2
e D1 D A A2 A1
0.51(0.020)MAX 45 MAX (3X)
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E Notes: 1. This package conforms to JEDEC reference MS-018, Variation AB. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is .010"(0.254 mm) per side. Dimension D1 and E1 include mold mismatch and are measured at the extreme material condition at the upper or lower parting line. 3. Lead coplanarity is 0.004" (0.102 mm) maximum. E1 D2/E2 B B1 e MIN 4.191 2.286 0.508 12.319 11.430 12.319 11.430 9.906 0.660 0.330 NOM - - - - - - - - - - 1.270 TYP MAX 4.572 3.048 - 12.573 11.582 12.573 11.582 10.922 0.813 0.533 Note 2 Note 2 NOTE
10/04/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 28J, 28-lead, Plastic J-leaded Chip Carrier (PLCC) DRAWING NO. 28J REV. B
R
15
0778J-PLD-11/07
12.2
24P3 - PDIP
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
A1
C eC eB
SYMBOL A A1 D E E1 B Notes: 1. 2. This package conforms to JEDEC reference MS-001, Variation AF. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010"). B1 L C eB eC e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.381 31.623 7.620 6.096 0.356 1.270 2.921 0.203 - 0.000 NOM - - - - - - - - - - - MAX 5.334 - 32.131 8.255 7.112 0.559 1.651 3.810 0.356 10.922 1.524 Note 2 Note 2 NOTE
2.540 TYP
6/1/04 2325 Orchard Parkway San Jose, CA 95131 TITLE 24P3, 24-lead (0.300"/7.62 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 24P3 REV. D
R
16
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
12.3 24S - SOIC
B
D1
PIN 1 ID PIN 1
D
e
E A
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN - 0.10 10.00 7.40 15.20 0.33 0.40 0.23 NOM - - - - - - - - 1.27 BSC MAX 2.65 0.30 10.65 7.60 15.60 0.51 1.27 0.32 NOTE
A1
A A1 D D1
0 ~ 8
L1
E B L
L
L1 e
06/17/2002 2325 Orchard Parkway San Jose, CA 95131 TITLE 24S, 24-lead (0.300" body) Plastic Gull Wing Small Outline (SOIC) DRAWING NO. 24S REV. B
R
17
0778J-PLD-11/07
12.4
24X - TSSOP
Dimensions in Millimeter and (Inches)* JEDEC STANDARD MO-153 AD Controlling dimension: millimeters 0.30(0.012) 0.19(0.007)
4.48(0.176) 4.30(0.169)
6.50(0.256) 6.25(0.246)
PIN 1 0.65(0.0256)BSC
7.90(0.311) 7.70(0.303) 1.20(0.047)MAX
0.15(0.006) 0.05(0.002)
0 ~ 8
0.20(0.008) 0.09(0.004) 0.75(0.030) 0.45(0.018)
04/11/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 24X, 24-lead (4.4 mm body width) Plastic Thin Shrink Small Outline Package (TSSOP) DRAWING NO. 24X REV. A
R
18
ATF22V10C(Q)Z
0778J-PLD-11/07
ATF22V10C(Q)Z
13. Revision History
Version No./Release Date Revision I - November 2005 History
1. Added Green Package options
19
0778J-PLD-11/07
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support pld@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are (R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
0778J-PLD-11/07


▲Up To Search▲   

 
Price & Availability of ATF22V10CQZ-20SU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X