|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS Yellow Green Axial LED Lamps Part Number: AL-XG0361 Package outlines & Re-flow Profile Reflow Temp/Time Soldering iron Basic spec is 5sec when 260. If temperature is higher, time should be shorter (+10 -1sec ).Power dissipation of iron should be smaller than 15W, and temperatures should be controllable .Surface temperature of the device should be under 230 . ITEM Resin (mold) Lens color Printed circuit board Dice Emitted color MATERIALS Epoxy Water Clear BT GaP/GaP Yellow Green NOTES: 1. All dimensions are in millimeters (inches); 2. Tolerances are 0.1mm (0.004inch) unless otherwise noted. 2006/10/18 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS (TA=25) Value 35 2.10 2.60 18.5 45.0 571 5715 30 100 Part Number: AL-XG0361 ELECTRO-OPTICAL CHARACTERISTICS Parameter Viewing angle at 50% IV Forward voltage Luminous intensity Wavelength Spectral Line Half-Width Test Condition Symbol IF=10mA (Typ.) (Max.) (Min.) (Typ.) IF=20mA IF=20mA IF=20mA IF=20mA 21/2 VF IV p d Unit Deg V mcd nm nm mA Peak pulsing current (1/10 duty f=1kHz) IFP Absolute maximum ratings Parameter Forward current Reverse voltage Reverse current Power Dissipation Operating temperature range Storage temperature range Lead soldering temperature (TA=25) Symbol IF VR IR PD Top Tstg Value 30 5 100 120 -25 ~+80 -30 ~+85 260 For 5 Seconds Unit mA V A mW 2006/10/18 A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS Part Number: AL-XG0361 Test items and results of reliability A-BRIGHT Refer to reliability test standard specification for in this line. 2006/10/18 A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS Part Number: AL-XG0361 Typical Optical-Electrical Characteristic Curves A-BRIGHT 2006/10/18 A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS Part Number: AL-XG0361 Typical Optical-Electrical Characteristic Curves A-BRIGHT 2006/10/18 |
Price & Availability of AL-XG0361 |