|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A - B RI G H T A-BRIGHT INDUSTRIAL CO., LTD. MULTI LAMPS LED BULB Data Sheet Description: These multi lamps LED Bulbs are specifically designed for flashlight electric equipment, indicator light switch and where a wide view angle. The 3mm round shaped radiation pattern (45) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential. Feature: Wide view angle High efficiency LED High luminous output materials are used in this Seven kind color Bulb. Every lamp is made with an Solid-state Vibration advanced optical grade resistant Saving power epoxy offering superior Long life high shock and high temperature resistance in outdoor applications. Option: 6V to 240V AC or DC Other industry standard base A-BRIGHT A-BRIGHT INDUSTRIAL CO.,LTD. A-BRIGHT 1 10/30/2006 A - B RI G H T PACKAGE DIMENSIONS: A-BRIGHT INDUSTRIAL CO., LTD. Multi Lamps LED Bulb Part No.: AB-33Y6-6V-B NOTE: 1.All dimensions are in millimeter. 2.Bulb base : BA9S. 3.All tolerance are 0.5mm. A-BRIGHT 2 10/30/2006 A - B RI G H T FEATURE: A-BRIGHT INDUSTRIAL CO., LTD. Multi Lamps LED Bulb Part No.: AB-33Y6-6V-B SUPER LUMINOSITY YELLOW LED (AlGaInP). WATER CLEAR PACKAGE. 3mm ALL RESIN MOLD. WIDE VIEWING ANGLE. BASE MODEL BA9s. ELECTRIC AC/DC BI-POLAR. ABSOLUTE MAXIMUM RATING: Ta = 25 7V 25 TO 85 35 TO 100 50000 HOURS (LUMINANCE REDUCES to 50%) PEAK OPERATE VOLTAGE........................ OPERATING TEMPERATURE...................... STORAGE TEMPERATURE......................... LED BULB LIFE...................................... ABSOLUTE OPTICAL CHARACTERISTIC PARAMETER Operate Voltage Luminous Intensity Dominant Wavelength Spectrum Radiation Bandwidth Forward Current Viewing Angle Ta= 25 SYMBOL MIN TYP 6 21 590 30 60 45 MAX 7 --------------------- UNIT V cd nm nm mA deg IF= 60 mA IF= 60 mA IF= 60 mA VIN=6 V DC V IV d IF 21/2 ----15 ----------------- A-BRIGHT 3 10/30/2006 |
Price & Availability of AB-33Y6-6V-B |