Part Number Hot Search : 
SKY773 74458168 RB751 ADL5371 C1892CT C2704 SNC12168 08771
Product Description
Full Text Search
 

To Download AAT1140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT DATASHEET
AAT1140
SwitchRegTM
General Description
The AAT1140 SwitchReg is a 1.4MHz step-down converter with an input voltage range of 2.7V to 5.5V and output voltage as low as 0.6V. It is optimized to react quickly to a load variation. The AAT1140 is available in fixed voltage versions with internal feedback and a programmable version with external feedback resistors. It can deliver 600mA of load current while maintaining a low 35A no load quiescent current. The 1.4MHz switching frequency minimizes the size of external components while keeping switching losses low. The AAT1140 is designed to maintain high efficiency throughout the operating range, which is critical for portable applications. The AAT1140 is available in a Pb-free SOT23-5 package and is rated over the -40C to +85C temperature range.
Fast Transient 600mA Step-Down Converter
Features
* * * * * * * * * * * * * * VIN Range: 2.7V to 5.5V VOUT Fixed or Adjustable from 0.6V to VIN 35A No Load Quiescent Current Up to 98% Efficiency 600mA Max Output Current 1.4MHz Switching Frequency 120s Soft Start Fast Load Transient Over-Temperature Protection Current Limit Protection 100% Duty Cycle Low-Dropout Operation <1A Shutdown Current SOT23-5 Package Temperature Range: -40C to +85C
Applications
* * * * * * Cellular Phones Digital Cameras Handheld Instruments Microprocessor / DSP Core / IO Power PDAs and Handheld Computers USB Devices
Typical Application (Fixed Output Voltage)
U1 AAT1140 VIN C2 4.7F IN EN GND LX OUT
L1 4.7H
VOUT
C1 4.7F
1140.2007.12.1.1
www.analogictech.com
1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Pin Descriptions
Pin #
1 2 3 4 5
Fast Transient 600mA Step-Down Converter
Symbol
EN GND LX IN OUT
Function
Enable pin. Ground pin. Connect to the output and input capacitor return. Switching node. Connect the inductor to this pin. It is internally connected to the drains of both high- and low-side MOSFETs. Input supply voltage for the converter. Feedback input pin. This pin is connected either directly to the converter output or to an external resistive divider for an adjustable output.
Pin Configuration
SOT23-5 (Top View)
EN GND LX
1
5
OUT
2
3
4
IN
2
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Absolute Maximum Ratings1
Symbol
VIN VLX VOUT VEN TJ TS TLEAD
Fast Transient 600mA Step-Down Converter
Description
Input Voltage to GND LX to GND OUT to GND EN to GND Operating Junction Temperature Range Storage Temperature Range Maximum Soldering Temperature (at leads, 10 sec)
Value
6.0 -0.3 to VIN + 0.3 -0.3 to VIN + 0.3 -0.3 to 6.0 -40 to 150 -65 to 150 300
Units
V V V V C C C
Thermal Information
Symbol
PD JA
Description
Maximum Power Dissipation2, 3 Thermal Resistance2
Value
667 150
Units
mW C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on an FR4 board. 3. Derate 6.67mW/C above 25C.
1140.2007.12.1.1
www.analogictech.com
3
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Electrical Characteristics1
TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C, VIN = 3.6V. Symbol
VIN VUVLO VOUT VOUT IQ ISHDN ILIM RDS(ON)H RDS(ON)L ILXLEAK VLinereg VOUT IOUT ROUT TS FOSC TSD THYS EN VEN(L) VEN(H) IEN
Fast Transient 600mA Step-Down Converter
Description
Input Voltage UVLO Threshold Output Voltage Tolerance Output Voltage Range Quiescent Current Shutdown Current P-Channel Current Limit High Side Switch On Resistance Low Side Switch On Resistance LX Leakage Current Line Regulation Out Threshold Voltage Accuracy Out Leakage Current Out Impedance Start-Up Time Oscillator Frequency Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Enable Threshold Low Enable Threshold High Input Low Current
Conditions
Min
2.7
Typ
Max
5.5 2.7
Units
V V mV V % V A A mA A %/V mV A k s MHz C C V V A
Step-Down Converter VIN Rising Hysteresis VIN Falling IOUT = 0 to 600mA, VIN = 2.7V to 5.5V No Load, 0.6V Adjustable Version EN = AGND = PGND 750 0.53 0.40 VIN = 5.5V, VLX = 0 to VIN, EN = GND VIN = 2.7V to 5.5V 0.6V Output, No Load, TA = 25C 0.6V Output >0.6V Output From Enable to Output Regulation TA = 25C 1 588 250 1.0 150 1.4 140 15 2.0 0.1 600 612 0.2
160 1.8 -3.5 0.6 35 +3.5 VIN 70 1.0
0.6 VIN = VOUT = 5.5V 1.4 -1.0 1.0
1. The AAT1140 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls.
4
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Typical Characteristics
Efficiency vs. Load
(VOUT = 3.3V; L = 6.8H)
100 90
Fast Transient 600mA Step-Down Converter
DC Regulation
(VOUT = 3.3V; L = 6.8H)
3.0 2.0 1.0 0.0 -1.0 -2.0 -3.0
VIN = 3.6V VIN = 4.2V VIN = 5.0V Output Error (%)
Efficiency (%)
80 70 60 50 0.1
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
0 100 200 300 400 500 600
1
10
100
1000
Output Current (mA)
Output Current (mA)
Efficiency vs. Load
(VOUT = 2.5V; L = 6.8H)
100 90
DC Regulation
(VOUT = 2.5V; L = 6.8H)
3.0 2.0 1.0 0.0 -1.0 -2.0 -3.0
VIN = 2.7V Output Error (%) VIN = 5.0V VIN = 4.2V VIN = 3.6V
Efficiency (%)
80 70 60 50 0.1
VIN = 5.0V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
1
10
100
1000
0
100
200
300
400
500
600
Output Current (mA)
Output Current (mA)
Efficiency vs. Load
(VOUT = 1.8V; L = 4.7H)
100 90 3.0
DC Regulation
(VOUT = 1.8V; L = 4.7H)
VIN = 2.7V Output Error (%) VIN = 3.6V VIN = 4.2V
2.0 1.0 0.0 -1.0 -2.0 -3.0 0 100 200 300 400 500 600
Efficiency (%)
80 70 60 50 0.1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
1
10
100
1000
Output Current (mA)
Output Current (mA)
1140.2007.12.1.1
www.analogictech.com
5
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Typical Characteristics
(VIN = 3.6V; VOUT = 1.8V; Load = 3) Enable and Output Voltage (top) (V)
8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 1.4 0.40 0.30
Fast Transient 600mA Step-Down Converter
Soft Start
Line Regulation
(VOUT = 1.8V)
EN VOUT
1.2 1.0 0.8 0.6
Accuracy (%)
0.20 0.10 0.00 -0.10 -0.20 -0.30 -0.40 2.5 3.0 3.5
IOUT = 10mA
Inductor Current (bottom) (A)
IOUT = 1mA
IIN
0.4 0.2 0.0
IOUT = 400mA
4.0
4.5
5.0
5.5
6.0
Time (100s/div)
Input Voltage (V)
Output Voltage Error vs. Temperature
(VIN = 3.6V; VO = 1.8V; IOUT = 400mA)
2.0 15.0 12.0 9.0
Switching Frequency vs. Temperature
(VIN = 3.6V; VOUT = 1.8V)
Output Error (%)
Variation (%)
1.0
6.0 3.0 0.0 -3.0 -6.0 -9.0 -12.0 -15.0 -40
0.0
-1.0
-2.0 -40
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Frequency vs. Input Voltage
2.0
No Load Quiescent Current vs. Input Voltage
(VOUT = 3.0V, L = 6.8H)
60
Frequency Variation (%)
Supply Current (A)
1.0 0.0 -1.0 -2.0 -3.0 -4.0
VOUT = 1.8V
55 50 45 40 35 30 25 20 3.3 3.8
TA = 85C TA = 25C
VOUT = 2.5V
VOUT = 3.3V
TA = -40C
4.3 4.8 5.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Input Voltage (V)
6
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Typical Characteristics
No Load Quiescent Current vs. Input Voltage
(VOUT = 1.8V, L = 4.7H)
0.060 0.060 0.055 0.050 0.045 0.040 0.035 0.030 0.025 0.020 2.7 3.1 3.5
Fast Transient 600mA Step-Down Converter
No Load Quiescent Current vs. Input Voltage
(VOUT = 1.2V, L = 2.2H)
0.055 0.050 0.045 0.040 0.035 0.030 0.025 0.020 2.7 3.1 3.5 3.9
Supply Current (A)
Supply Current (A)
TA = 85C TA = 25C
TA = 25C
TA = 85C
TA = -40C
3.9 4.3 4.7 5.1 5.5
TA = -40C
4.3 4.7 5.1 5.5
Input Voltage (V)
Input Voltage (V)
P-Channel RDS(ON) vs. Input Voltage
800 700 700
N-Channel RDS(ON) vs. Input Voltage
85C RDS(ON) (m)
600 500 400 300 200 100 2.7 3.1 3.5 3.9 4.3 4.7
85C
RDS(ON) (m)
600 500 400 300 200 2.7
-40C
3.1 3.5
25C
3.9 4.3 4.7 5.1 5.5
-40C
25C
5.1
5.5
Input Voltage (V)
Input Voltage (V)
Load Transient Response
(1mA to 300mA; VIN = 3.6V; VOUT = 1.8V; C1 = 10F; CFF = 100pF)
2.0 1.9 1.90 1.85 1.80 1.75
Load Transient Response
(300mA to 400mA; VIN = 3.6V; VOUT = 1.8V; C1 = 4.7F) Load and Inductor Current (200mA/div) (bottom) Load and Inductor Current (200mA/div) (bottom) VO IO
400mA 300mA 0.4
VO IO IL
Output Voltage (top) (V)
1.7
300mA 1mA
Output Voltage (top) (V)
1.8
0
IL Time (50s/div)
0.3 0.2 0.1
Time (50s/div)
1140.2007.12.1.1
www.analogictech.com
7
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Typical Characteristics
Load Transient Response
(300mA to 400mA; VIN = 3.6V; VOUT = 1.8V; C1 = 10F)
1.90 1.85 1.80 1.75
Fast Transient 600mA Step-Down Converter
Load Transient Response
(300mA to 400mA; VIN = 3.6V; VOUT = 1.8V; C1 = 10F; CFF = 100pF)
1.850 1.825 1.800 1.775
Load and Inductor Current (200mA/div) (bottom)
Load and Inductor Current (200mA/div) (bottom)
VO IO
400mA 300mA
0.4
VO IO
Output Voltage (top) (V)
Output Voltage (top) (V)
400mA 300mA 0.4
IL Time (50s/div)
0.3 0.2 0.1
IL Time (50s/div)
0.3 0.2 0.1
Line Response
(VOUT = 1.8V @ 400mA) Output Voltage (AC coupled) (top) (mV)
1.82 1.81 6.0 5.5 40 20 0 -20 -40 -60 -80 -100 -120
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1mA)
0.30
VO
0.25
Inductor Current (bottom) (A)
Output Voltage (top) (V)
0.20 0.15 0.10
Input Voltage (bottom) (V)
1.80 1.79 1.78 1.77 1.76
5.0 4.5 4.0 3.5 3.0
IL
0.05 0.00 -0.05 -0.10
Time (25s/div)
Time (10s/div)
(VIN = 3.6V; VOUT = 1.8V; Load = 3) Output Voltage (AC coupled) (top) (V)
0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00 1.40 1.20
Output Ripple
Inductor Current (bottom) (A)
1.00 0.80 0.60 0.40 0.20 0.00
Time (40ns/div)
8
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Functional Block Diagram
OUT IN
Fast Transient 600mA Step-Down Converter
See note
Err Amp .
DH
Voltage Reference
Logic
LX
EN
INPUT
DL
GND
Note: For adjustable version, the internal feedback divider is omitted and the OUT pin is tied directly to the internal error amplifier.
Functional Description
The AAT1140 is a high performance 600mA 1.4MHz monolithic step-down converter. It has been designed with the goal of minimizing external component size and optimizing efficiency over the complete load range. Apart from the small bypass input capacitor, only a small L-C filter is required at the output. Typically, a 4.7H inductor and a 4.7F ceramic capacitor are recommended (see table of values). The fixed output version requires only three external power components (CIN, COUT, and L). The adjustable version can be programmed with external feedback to any voltage, ranging from 0.6V to the input voltage. An addi-
tional feed-forward capacitor can also be added to the external feedback to provide improved transient response (see Figure 1). At dropout, the converter duty cycle increases to 100% and the output voltage tracks the input voltage minus the RDS(ON) drop of the P-channel high-side MOSFET. The input voltage range is 2.7V to 5.5V. The converter efficiency has been optimized for all load conditions, ranging from no load to 600mA. The internal error amplifier and compensation provides excellent transient response, load, and line regulation. Soft start eliminates any output voltage overshoot when the enable or the input voltage is applied.
1140.2007.12.1.1
www.analogictech.com
9
PRODUCT DATASHEET
AAT1140
SwitchRegTM Fast Transient 600mA Step-Down Converter
SW
U1 AAT1140
4
V IN
C1 4.7F
2
IN GND EN
LX
3
L1 4.7H
VOUT
C3 100pF R1 442k R2 221k C2 10F
Enable
1 1 2 3
OUT
5
Figure 1: Enhanced Transient Response Schematic.
Control Loop
The AAT1140 is a peak current mode step-down converter. The current through the P-channel MOSFET (high side) is sensed for current loop control, as well as short circuit and overload protection. A fixed slope compensation signal is added to the sensed current to maintain stability for duty cycles greater than 50%. The peak current mode loop appears as a voltage-programmed current source in parallel with the output capacitor. The output of the voltage error amplifier programs the current mode loop for the necessary peak switch current to force a constant output voltage for all load and line conditions. Internal loop compensation terminates the transconductance voltage error amplifier output. For fixed voltage versions, the error amplifier reference voltage is internally set to program the converter output voltage. For the adjustable output, the error amplifier reference is fixed at 0.6V.
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited. To minimize power dissipation and stresses under current limit and short-circuit conditions, switching is terminated after entering current limit for a series of pulses. Switching is terminated for seven consecutive clock cycles after a current limit has been sensed for a series of four consecutive clock cycles. Thermal protection completely disables switching when internal dissipation becomes excessive. The junction over-temperature threshold is 140C with 15C of hysteresis. Once an over-temperature or over-current fault condition is removed, the output voltage automatically recovers.
Under-Voltage Lockout
Internal bias of all circuits is controlled via the IN input. Under-voltage lockout (UVLO) guarantees sufficient VIN bias and proper operation of all internal circuitry prior to activation.
Soft Start / Enable
Soft start limits the current surge seen at the input and eliminates output voltage overshoot. When pulled low, the enable input forces the AAT1140 into a low-power, non-switching state. The total input current during shutdown is less than 1A.
10
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Applications Information
Inductor Selection
The step-down converter uses peak current mode control with slope compensation to maintain stability for duty cycles greater than 50%. The output inductor value must be selected so the inductor current down slope meets the internal slope compensation requirements. The internal slope compensation for the adjustable and low-voltage fixed versions of the AAT1140 is 0.24A/sec. This equates to a slope compensation that is 75% of the inductor current down slope for a 1.5V output and 4.7H inductor.
Fast Transient 600mA Step-Down Converter
Configuration
0.6V Adjustable With External Feedback Fixed Output
Output Voltage
1V, 1.2V 1.5V, 1.8V 2.5V, 3.3V 0.6V to 3.3V
Inductor
2.2H 4.7H 6.8H 4.7H
Table 1: Inductor Values.
Input Capacitor
Select a 4.7F to 10F X7R or X5R ceramic capacitor for the input. To estimate the required input capacitor size, determine the acceptable input ripple level (VPP) and solve for C. The calculated value varies with input voltage and is a maximum when VIN is double the output voltage.
m=
0.75 VO 0.75 1.5V A = = 0.24 L 4.7H sec
This is the internal slope compensation for the adjustable (0.6V) version or low-voltage fixed versions. When externally programming the 0.6V version to 2.5V, the calculated inductance is 7.5H.
CIN =
V VO * 1- O VIN VIN
VPP - ESR * FS IO
L=
0.75 VO = m
sec 0.75 VO 3 A VO A 0.24A sec
VO V 1 * 1 - O = for VIN = 2 * VO VIN VIN 4 CIN(MIN) = 1
VPP - ESR * 4 * FS IO
sec =3 2.5V = 7.5H A
In this case, a standard 6.8H value is selected. For high-voltage fixed versions (2.5V), m = 0.48A/ sec. Table 1 displays inductor values for the AAT1140 fixed and adjustable options. Manufacturer's specifications list both the inductor DC current rating, which is a thermal limitation, and the peak current rating, which is determined by the saturation characteristics. The inductor should not show any appreciable saturation under normal load conditions. Some inductors may meet the peak and average current ratings yet result in excessive losses due to a high DCR. Always consider the losses associated with the DCR and its effect on the total converter efficiency when selecting an inductor. The 4.7H CDRH2D14 series inductor selected from Sumida has a 135m typical DCR and a 1A DC current rating. At full load, the inductor DC loss is 48mW which gives a 4.5% loss in efficiency for a 600mA, 1.8V output.
Always examine the ceramic capacitor DC voltage coefficient characteristics when selecting the proper value. For example, the capacitance of a 10F, 6.3V, X5R ceramic capacitor with 5.0V DC applied is actually about 6F. The maximum input capacitor RMS current is:
IRMS = IO *
VO V * 1- O VIN VIN
The input capacitor RMS ripple current varies with the input and output voltage and will always be less than or equal to half of the total DC load current.
VO V * 1- O = VIN VIN
for VIN = 2 * VO
D * (1 - D) =
0.52 =
1 2
IRMS(MAX) =
VO
V * 1- O
IN
IO 2
The term V V appears in both the input voltage ripple and input capacitor RMS current equations and is a maximum when VO is twice VIN. This is why the input
IN
1140.2007.12.1.1
www.analogictech.com
11
PRODUCT DATASHEET
AAT1140
SwitchRegTM
voltage ripple and the input capacitor RMS current ripple are a maximum at 50% duty cycle. The input capacitor provides a low impedance loop for the edges of pulsed current drawn by the AAT1140. Low ESR/ESL X7R and X5R ceramic capacitors are ideal for this function. To minimize stray inductance, the capacitor should be placed as closely as possible to the IC. This keeps the high frequency content of the input current localized, minimizing EMI and input voltage ripple. The proper placement of the input capacitor (C2) can be seen in the evaluation board layout in Figure 2.
Fast Transient 600mA Step-Down Converter
A laboratory test set-up typically consists of two long wires running from the bench power supply to the evaluation board input voltage pins. The inductance of these wires, along with the low-ESR ceramic input capacitor, can create a high Q network that may affect converter performance. This problem often becomes apparent in the form of excessive ringing in the output voltage during load transients. Errors in the loop phase and gain measurements can also result.
Figure 2: AAT1140 Evaluation Board Component Side Layout.
Figure 3: Exploded View of Sample Layout.
Figure 4: AAT1140 Evaluation Board Solder Side Layout.
12 www.analogictech.com 1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Since the inductance of a short PCB trace feeding the input voltage is significantly lower than the power leads from the bench power supply, most applications do not exhibit this problem. In applications where the input power source lead inductance cannot be reduced to a level that does not affect the converter performance, a high ESR tantalum or aluminum electrolytic should be placed in parallel with the low ESR, ESL bypass ceramic. This dampens the high Q network and stabilizes the system.
Fast Transient 600mA Step-Down Converter
Dissipation due to the RMS current in the ceramic output capacitor ESR is typically minimal, resulting in less than a few degrees rise in hot-spot temperature.
Adjustable Output Resistor Selection
For applications requiring an adjustable output voltage, the 0.6V version can be externally programmed. Resistors R1 and R2 of Figure 5 program the output to regulate at a voltage higher than 0.6V. To limit the bias current required for the external feedback resistor string while maintaining good noise immunity, the minimum suggested value for R2 is 59k. Although a larger value will further reduce quiescent current, it will also increase the impedance of the feedback node, making it more sensitive to external noise and interference. Table 2 summarizes the resistor values for various output voltages with R2 set to either 59k for good noise immunity or 316k for reduced no load input current.
Output Capacitor
The output capacitor limits the output ripple and provides holdup during large load transitions. A 4.7F to 10F X5R or X7R ceramic capacitor typically provides sufficient bulk capacitance to stabilize the output during large load transitions and has the ESR and ESL characteristics necessary for low output ripple. The output voltage droop due to a load transient is dominated by the capacitance of the ceramic output capacitor. During a step increase in load current, the ceramic output capacitor alone supplies the load current until the loop responds. Within two or three switching cycles, the loop responds and the inductor current increases to match the load current demand. The relationship of the output voltage droop during the three switching cycles to the output capacitance can be estimated by:
VOUT 1.5V R1 = V -1 * R2 = 0.6V - 1 * 59k = 88.5k REF
The adjustable version of the AAT1140, combined with an external feedforward capacitor (C3 in Figure 1), delivers enhanced transient response for extreme pulsed load applications. The addition of the feedforward capacitor typically requires a larger output capacitor C1 for stability. High Noise Immunity R2 = 59k VOUT (V) R1 (k)
19.6 29.4 39.2 49.9 59.0 68.1 78.7 88.7 88.7 137 187 237 267 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 2.0 2.5 3.0 3.3
COUT =
3 * ILOAD VDROOP * FS
Low Input Current (Without Load) R2 = 316k R1 (k)
105 158 210 267 316 365 422 475 634 732 1000 1270 1430
Once the average inductor current increases to the DC load level, the output voltage recovers. The above equation establishes a limit on the minimum value for the output capacitor with respect to load transients. The internal voltage loop compensation also limits the minimum output capacitor value to 4.7F. This is due to its effect on the loop crossover frequency (bandwidth), phase margin, and gain margin. Increased output capacitance will reduce the crossover frequency with greater phase margin. The maximum output capacitor RMS ripple current is given by:
IRMS(MAX) =
VOUT * (VIN(MAX) - VOUT) L * F * VIN(MAX) 2* 3 *
1
Table 2: Adjustable Resistor Values For Use With 0.6V Step-Down Converter.
1140.2007.12.1.1
www.analogictech.com
13
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Thermal Calculations
There are three types of losses associated with the AAT1140 step-down converter: switching losses, conduction losses, and quiescent current losses. Conduction losses are associated with the RDS(ON) characteristics of the power output switching devices. Switching losses are dominated by the gate charge of the power output switching devices. At full load, assuming continuous conduction mode (CCM), a simplified form of the LDO losses is given by:
Fast Transient 600mA Step-Down Converter
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input voltage range. Given the total losses, the maximum junction temperature can be derived from the JA for the SOT23-5 package which is 150C/W.
TJ(MAX) = PTOTAL * JA + TAMB
Output Dropout
At dropout, the duty cycle of AAT1140 switching is 100%. The minimum dropout voltage is determined by RDS(ON)H and the inductor copper loss resistor. AAT1140 has 0.53 RDS(ON)H. The inductor copper loss resistor varies with different inductor values and manufacturer. The safe dropout voltage is 0.5V for a 600mA load. For example, when load current is 600mA, the voltage dropped across RDS(ON)H is 0.32V; if the inductor copper loss resistor is 135m, the voltage drop across the inductor is 0.08V. So the total voltage drop is 0.4V. Considering manufacturer's tolerances, the inductor copper loss resistor and RDS(ON)H will vary from part to part, a 0.5V dropout window is safe.
PTOTAL =
IO2 * (RDSON(HS) * VO + RDSON(LS) * [VIN - VO]) VIN
+ (tsw * F * IO + IQ) * VIN
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses. For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to:
PTOTAL = IO2 * RDSON(HS) + IQ * VIN
SW
U1 AAT1140
4
V IN
C1 4.7F
2
IN GND EN
LX
3
L1 4.7H
VOUT = 1.8V
C3 100pF R1 442k R2 221k C2 10F
Enable
1 1 2 3
OUT
5
Figure 5: AAT1140 Adjustable Evaluation Board Schematic.
14
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Efficiency
Besides the AAT1140 device losses including switching losses, conduction losses, and quiescent current losses, the inductor copper loss also affects the efficiency of the buck converter. To the buck converter, the average current of the inductor is equal to output current IO. So the loss in the inductor is:
Fast Transient 600mA Step-Down Converter
Layout
The suggested 2-layer PCB layout for the AAT1140 is shown in Figures 2, 3 and 4. The following guide lines should be used to help ensure a proper layout. 1. The power traces (GND, LX, VIN) should be kept short, direct, and wide to allow large current flow. Place sufficient multiple-layer pads when needed to change the trace layer. The input capacitor (C1) should connect as closely as possible to IN and GND. The output capacitor C2 and L1 should be connected as closely as possible. The connection of L1 to the LX pin should be as short as possible and there should not be any signal lines under the inductor. The feedback trace or OUT pin should be separate from any power trace and connect as closely as possible to the load point. Sensing along a high-current load trace will degrade DC load regulation. If external feedback resistors are used, they should be placed as closely as possible to the OUT pin to minimize the length of the high impedance feedback trace. The resistance of the trace from the load return to GND should be kept to a minimum. This will help to minimize any error in DC regulation due to differences in the potential of the internal signal ground and the power ground.
PLOSS_L = IO2 * RL
Table 4 shows some recommended inductors. A larger size inductor usually has smaller DCR. As a example: if selecting CDRH2D14 4.7H for 1.8V output, the PLoss_L is 48.6mW when output current is 600mA, so the inductor loses 4.5% power; if selecting CDRH3D23 4.7H, the PLoss_L should be 19.8mW, and the inductor losing power ratio is only 1.8%. The inductor size and the buck converter efficiency is always a trade-off in the real application.
2. 3.
4.
5.
1140.2007.12.1.1
www.analogictech.com
15
PRODUCT DATASHEET
AAT1140
SwitchRegTM Fast Transient 600mA Step-Down Converter
Step-Down Converter Design Example
Specifications
VO VIN FS TAMB = = = = 1.8V @ 600mA (adjustable using 0.6V version), Pulsed Load ILOAD = 300mA 2.7V to 4.2V (3.6V nominal) 1.4MHz 85C
1.8V Output Inductor
L1 = 3 sec sec VO2 = 3 1.8V = 5.4H (use 4.7H; see Table 1) A A
For Sumida inductor CDRH3D16, 4.7H, DCR = 105m.
IL1 =
VO V 1.8V 1.8V 1- O = 1= 156mA L1 F VIN 4.7H 1.4MHz 4.2V
IPKL1 = IO +
IL1 = 0.6A + 0.068A = 0.668A 2
PL1 = IO2 DCR = 0.6A2 105m = 38mW
1.8V Output Capacitor
VDROOP = 0.1V
COUT = IRMS =
3 * ILOAD 3 * 0.3A = = 6.4F; use 10F VDROOP * FS 0.1V * 1.4MHz (VO) * (VIN(MAX) - VO) 1 1.8V * (4.2V - 1.8V) * = 45mArms = L1 * F * VIN(MAX) 2 * 3 4.7H * 1.4MHz * 4.2V 2* 3 1 *
Pesr = esr * IRMS2 = 5m * (45mA)2 = 10W
Input Capacitor
Input Ripple VPP = 25mV
CIN =
VPP IO
1 1 = = 4.87F; use 4.7F 25mV - 5m * 4 * 1.4MHz - ESR * 4 * FS 0.6A
IRMS =
IO = 0.3Arms 2
P = esr * IRMS2 = 5m * (0.3A)2 = 0.45mW
16
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
AAT1140 Losses
PTOTAL = IO2 * (RDSON(HS) * VO + RDSON(LS) * [VIN -VO]) VIN
Fast Transient 600mA Step-Down Converter
+ (tsw * F * IO + IQ) * VIN
=
0.62 * (0.725 * 1.8V + 0.7 * [4.2V - 1.8V])
4.2V
+ (5ns * 1.4MHz * 0.6A + 70A) * 4.2V = 118mW TJ(MAX) = TAMB + JA * PLOSS = 85C + (150C/W) * 118mW = 102.7C
1140.2007.12.1.1
www.analogictech.com
17
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Adjustable Version (0.6V device) VOUT (V)
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 1.85 2.0 2.5 3.3
Fast Transient 600mA Step-Down Converter
R2 = 59k R1 (k)
19.6 29.4 39.2 49.9 59.0 68.1 78.7 88.7 118 124 137 187 267
R2 = 316k1 R1 (k)
105 158 210 267 316 365 422 475 634 732 1000 1270 1430
L1 (H)
2.2 2.2 2.2 2.2 2.2 2.2 4.7 4.7 4.7 4.7 6.8 6.8 6.8
Fixed Version VOUT (V)
0.6-3.3V
R2 Not Used R1 (k)
0
L1 (H)
4.7
Table 3: Evaluation Board Component Values. Inductance (H)
2.2 4.7 6.8 2.2 4.7 6.8 4.7 4.7 4.7 4.7 6.8 4.7
Manufacturer
Sumida Sumida Sumida Sumida Murata Murata Coilcraft Coiltronics Coiltronics Coiltronics
Part Number
CDRH3D16-2R2 CDRH3D16-4R7 CDRH3D16-6R8 CDRH2D14 LQH2MCN4R7M02 LQH32CN4R7M23 LPO3310-472 SD3118-4R7 SD3118-6R8 SDRC10-4R7
Max DC Current (A)
1.20 0.90 0.73 1.5 1.0 0.85 0.40 0.45 0.80 0.98 0.82 1.30
DCR ()
0.072 0.105 0.170 75 135 170 0.80 0.20 0.27 0.122 0.175 0.122
Size (mm) LxWxH
3.8x3.8x1.8 3.8x3.8x1.8 3.8x3.8x1.8 3.2x3.2x1.55 2.0x1.6x0.95 2.5x3.2x2.0 3.2x3.2x1.0 3.1x3.1x1.85 3.1x3.1x1.85 5.7x4.4x1.0
Type
Shielded Shielded Shielded Shielded Non-Shielded Non-Shielded 1mm Shielded Shielded 1mm Shielded
Table 4: Typical Surface Mount Inductors. Manufacturer
Murata Murata Murata
Part Number
GRM219R61A475KE19 GRM21BR60J106KE19 GRM21BR60J226ME39
Value
4.7F 10F 22F
Voltage
10V 6.3V 6.3V
Temp. Co.
X5R X5R X5R
Case
0805 0805 0805
Table 5: Surface Mount Capacitors.
1. For reduced quiescent current, R2 = 316k.
18
www.analogictech.com
1140.2007.12.1.1
PRODUCT DATASHEET
AAT1140
SwitchRegTM
Ordering Information
Output Voltage1
Adj 0.6 to VIN 1.8
Fast Transient 600mA Step-Down Converter
Package
SOT23-5 SOT23-5
Marking2
ZKXYY ZXXYY
Part Number (Tape and Reel)3
AAT1140IGV-0.6-T1 AAT1140IGV-1.8-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
SOT23-5
2.85 0.15 1.90 BSC 0.95 BSC
1.575 0.125
1.10 0.20
0.60 REF
2.80 0.20
1.20 0.25
0.15 0.07 4 4
GAUGE PLANE
10 5
0.40 0.10
0.075 0.075
0.60 REF
0.45 0.15
0.10 BSC
All dimensions in millimeters.
1. Contact Sales for other voltage options. 2. XYY = assembly and date code. 3. Sample stock is generally held on part numbers listed in BOLD.
Advanced Analogic Technologies, Inc. 3230 Scott Boulevard, Santa Clara, CA 95054 Phone (408) 737-4600 Fax (408) 737-4611
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Except as provided in AnalogicTech's terms and conditions of sale, AnalogicTech assumes no liability whatsoever, and AnalogicTech disclaims any express or implied warranty relating to the sale and/or use of AnalogicTech products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
1140.2007.12.1.1
www.analogictech.com
19


▲Up To Search▲   

 
Price & Availability of AAT1140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X