Part Number Hot Search : 
TRLPB 55N1T TLV33 15020 Z1200 74ACT139 BR1010SG 1N5614GP
Product Description
Full Text Search
 

To Download 800190FB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.8 mm PITCH CD-ROM CONNECTOR (FEMALE R/A SMD TYPE)
800190FB Series Specifications:
40, 50 Circuits Insulator Material Operating Temp. Range Terminal Material
0.8 mm
: Black High Temp. Plastic : Phosphor Bronze : Gold Plated : 0.5 A : 100V AC : 500V (Min. 60 seconds)
Plating Max. Current Rating Voltage Rating Dielectric Strength
Order Information
1 2 3 45
Dimensional Information
SUYIN P/NO. DIM.A 15.20 19.20 DIM.B DIM.C 18.00 22.00 19.50 23.50 DIM.D DIM.E 16.70 24.00 20.70 28.00
1. 'A' : Right Angle SMT Type 2. No. of Pins 3. Plating 4. Color 'Z' : Black 5. Package 'U' : Tube Package Without CAP 'L' : Reel Package Without CAP Reference Page 11
Recommended P.C.B. Layout
34


▲Up To Search▲   

 
Price & Availability of 800190FB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X