Part Number Hot Search : 
ET9560 EC28N A1701 KRA566E ELECT FN2961 RD30FM 60150
Product Description
Full Text Search
 

To Download 380AW100XM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Shield Termination Backshell with Self-Locking Rotatable Coupling and Qwik Clamp
CONNECTOR DESIGNATOR:
Angle and Profile S - Straight W - 90 Elbow T - 45 Elbow Product Series 380 - EMI/RFI Non Environmental Backshells with Strain Relief
380-100 Composite Cone and Ring Style
Composite Backshells
A
A F L H G U
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV MIL-DTL-28840 DG123 and DG123A
Finish Symbol (See Table III)
Basic Part Number
Cable Entry (See Table IV)
380
H
S
100
XM
19
28
B
SELF-LOCKING
ROTATABLE COUPLING STANDARD PROFILE
Connector Designator A, F, L, H, G and U
Connector Shell Size (See Table II)
F E
C
Anti-Decoupling Device 1.380 (35.1) J
G
D
Shell Size For Connector Designator A F/L H G U 08 08 09 - - 10 10 11 - 08 12 12 13 11 10 14 14 15 13 12 16 16 17 15 14 18 18 19 17 16 20 20 21 19 18 22 22 23 - 20 24 24 25 23 22 28 - - 25 24 TABLE II: CONNECTOR SHELL SIZE .06 .69 .75 .81 .88 .94 .97 1.06 1.13 1.19 1.34 E (1.5) (17.5) (19.1) (20.6) (22.4) (23.9) (24.6) (26.9) (28.7) (30.2) (34.0) .09 .88 1.00 1.13 1.31 1.38 1.44 1.63 1.75 1.88 2.13 F (2.3) (22.4) (25.4) (28.7) (33.3) (35.1) (36.6) (41.4) (44.5) (47.8) (54.1) .09 1.06 1.13 1.19 1.25 1.31 1.34 1.44 1.50 1.56 1.66 G
Cable Range
H
J
Cable Range
E
F
(2.3) (26.9) (28.7) (30.2) (31.8) (33.3) (34.0) (36.6) (38.1) (39.6) (42.2)
Max Entry Dash No.** 08 12 16 20 24 28 32 36 40 44
H
US PATENT 5211576
**Consult factory for additional entry sizes available. See introduction for additional connector front-end details.
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-48
EMI/RFI Shield Termination Backshell with Self-Locking Rotatable Coupling and Qwik Clamp
Anti-Decoupling Device K
L
J
Cable Range
TABLE II: CONNECTOR SHELL SIZE (CONT.) Shell Size For Connector Designator Max Entry K L H A & F/L Dash No. * .06 (1.5) .06 (1.5) 09 08 08 .72 (18.3) .88 (22.4) 11 10 12 .75 (19.1) .94 (23.9) 13 12 16 .75 (19.1) 1.00 (25.4) 15 14 20 .76 (19.3) 1.03 (26.2) 17 16 24 .78 (19.8) 1.06 (26.9) 19 18 28 .79 (20.1) 1.07 (27.2) 21 20 32 .82 (20.8) 1.09 (27.7) 23 22 36 .86 (21.8) 1.14 (29.0) 25 24 40 .92 (23.4) 1.17 (29.7) * Consult factory for additional entry sizes available.
H
NOTES
1. 2. 3. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details. Metric dimensions (mm) are in parentheses and are for reference only
Entry Code 08 12 16 20 24 28 32 36 40 44
TABLE IV: CABLE ENTRY Cable Range H J (Max) (Max) Minimum Maximum .72 (18.3) .87 (22.1) .10 (2.5) .25 (6.4) .91 (23.1) 1.01 (25.7) .20 (5.1) .38 (9.7) 1.09 (27.7) 1.11 (28.2) .33 (8.4) .50 (12.7) 1.22 (31.0) 1.11 (28.2) .45 (11.4) .63 (15.9) 1.34 (34.0) 1.11 (28.2) .52 (13.2) .75 (19.1) 1.53 (38.9) 1.26 (32.0) .64 (16.3) .88 (22.2) 1.72 (43.7) 1.41 (35.8) .77 (19.6) 1.00 (25.4) 1.85 (47.0) 1.41 (35.8) .86 (21.8) 1.13 (28.6) 1.41 (35.8) 1.97 (50.0) .98 (24.9) 1.25 (31.8) 1.53 (38.9) 1.13 (28.6) 1.38 (34.9) 2.09 (53.1)
TABLE III: FINISH
Symbol XM Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
XMT
XW
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-49
Composite Backshells
380-100 Composite Cone and Ring Style
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 380AW100XM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X