|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Non resettable fuses OMF 25 www.schurter.com/pg0_2 Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC UL 248-14 * 125 VAC * 125 VDC * Quick-Acting F Description Standards Approvals -Directlysolderableonprintedcircuitboards -UL248-14 -CSAC22.2no.248.14 -ULFileNumber:E41599 GeneralProductInformation PackagingDetails CorrespondingFuseholderOMH125 AssembledFuseholderOMK125 FuseKitFuseKitOMF References Weblinks Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN) Technical Data RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Housing Material:Terminals UnitWeight StorageConditions ProductMarking 125VAC,125VDC 0.063-10A 100A Quick-ActingF PCB,SMT -55Cto125C 55/125/21acc.toIEC60068-1 Thermoplastic,UL94V-0 Tin-PlatedCopperAlloy 0.08g 0Cto60C,max.70%r.h. ,Type,Current,Approvals SolderingMethods Solderability ResistancetoSolderingHeat LoadHumidityTest MoistureResistanceTest TerminalStrength CaseResistance MechanicalShock Vibration,HighFrequency Reflow,Wave 245C/3secacc.toIEC60068-2-58, TestTd 260+0/-5C/40secacc.toIPC/JEDECJ-STD-020D,Level1 MIL-STD-202,Method103B (1000h@0.1*In@0.85r.H.@85C) MIL-STD-202,Method106E (50cyclesinatemp./misterchamber) MIL-STD-202,Method211A (Deflectionofboard1mmfor1minute) acc.toEIA/IS-722,Test4.7 >100M(betweenleedsandbody) MIL-STD-202,Method213B (Shock50gn,halfsinewave,11ms) MIL-STD-202,Method204D (Shock20gn,20min,10-2kHz,12 cyc.) MIL-STD-202,Method215A min.UL94V-1 (acc.toEIA/IS-722,Test4.12) ResistancetoSolvents Flammability Dimensions 7.4mm 7.4 0.1 2.8 0.8 5.8 2.6 0.1 3.1 -0 +0.1 +0.15 0.1 -0 3 3.5 3 1.6 2 Solderingpads Fuses OMF 25 www.schurter.com/pg0_2 Pre-Arcing Time Rated Current In 0.063A-5A 6.3A-8A 10A .0 x In min. 2.0 x In max. 4.0 x In max. 4h 4h 4h 1s 5s 20s 10ms 50ms 60ms Non resettable fuses Variants Rated Current [A] Rated Voltage [VAC] Rated Voltage [VDC] Breaking Capacity Voltage Drop .0 In typ. [mV] 2550 1770 1770 1700 990 990 990 960 350 290 260 220 220 200 200 200 190 190 190 140 140 140 110 105 100 80 Power Dissipation .0 In typ. [mW] 160 180 220 270 250 350 370 380 150 180 200 220 280 300 320 400 480 570 600 490 560 700 690 740 800 800 Melting It 4.0 In typ. [As] Order Number 0.063 0.1 0.125 0.16 0.25 0.35 0.375 0.4 0.5 0.63 0.75 1 1.25 1.5 1.6 2 2.5 3 3.15 3.5 4 5 6.3 7 8 10 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 0.00011 0.00067 0.0011 0.0018 0.0058 0.0076 0.013 0.016 0.01 0.02 0.031 0.078 0.14 0.24 0.27 0.44 0.97 1.3 1.2 1.6 2.1 2.9 14 16 20 54 l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l 3404.0003.xx 3404.0004.xx 3404.0049.xx 3404.0005.xx 3404.0006.xx 3404.0043.xx 3404.0044.xx 3404.0007.xx 3404.0045.xx 3404.0008.xx 3404.0046.xx 3404.0009.xx 3404.0010.xx 3404.0047.xx 3404.0011.xx 3404.0012.xx 3404.0013.xx 3404.0014.xx 3404.0048.xx 3404.0015.xx 3404.0016.xx 3404.0017.xx 3404.0018.xx 3404.0019.xx 3404.0020.xx 3404.0021.xx 1)100A@125VAC/DC Packaging Unit .xx=.11PlasticBag(100pcs.) .xx=.22BlisterTape18cmReel(750pcs.) .xx=.24BlisterTape33cmReel(3000pcs.) 2 Fuses Non resettable fuses OMF 25 www.schurter.com/pg0_2 Time-Current-Curves 100000 5A 6.3 A - 8A 10 A 10000 1000 100 TimeinSeconds 10 1 0.1 0.01 0.001 1 10 MultipleofRatedCurrentIn Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments. |
Price & Availability of 34040044XX |