Part Number Hot Search : 
TC1226 C7893 BAS121C PF1206F6 SP708TEP F1215 SAF7115 MBR890
Product Description
Full Text Search
 

To Download 337SAK035M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAK
FEATURES
+85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
For all general purpose applications
I Low Profile I Capacitance range: 1 F to 10,000 F
I Voltage range: 6.3 WVDC to 400 WVDC
SPECIFICATIONS
Aluminum Electrolytic
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C WVDC tan 6.3
.28
20% at 120Hz, 20C
-40C to +85C
10
.24
16
.20
25
.28
35
.16
50
.14
63
.10
100
.08
160
.20
200
.20
250
.20
400
.25
Note: For above D.F. specifications, add .02 for every 1,000 F above 1,000 F
Impedance Ratio (Max.) @120Hz
WVDC -25/20C -40/20C WVDC
6.3
5 12
10
4 10
16
3 8
25
2 5
35
2 4
50
2 3
63
2 3
100
2 3
160
4 15
200
4 15
250
4 15
400
4 10
100WVDC 1 minute
.03 CV or 4 A Whichever is greater
100WVDC 2 minutes
.01 CV or 3 A Whichever is greater
150WVDC 1 minute
.04 CV or 100 A
Leakage Current
Time
2,000 hours at 85C with rated WVDC Capacitors will meet the requirements listed below
Load Life
Capacitance change Dissipation factor Leakage current
<20% of initial measured value <200% of initial specified value Shelf Life WVDC Ripple Multipliers 6.3 to 100 160 to 400
Capacitance (F) 47 47Frequency(Hz)
120 1.0 1.0 1.0 1.0 300 1.35 1.23 1.1 1.25 1K 1.57 1.32 1.13 1.40 10K 2.0 1.5 1.15 1.60 +105C 1.0 1.0 1.0 1.0
Temperature(C)
+85C 1.3 1.3 1.3 1.4 +70C 1.5 1.5 1.5 1.8
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See pages 33 thru 37)
*
Tape and Reel/Ammo-Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
43
SAK
WVDC (SV)
+ 85C Low Profile Lead Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
6.3 (8) 10 (13) 16 (20) 25 (32) 35 (44) 50 (63) 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 6.3x9 6.3x9 6.3x9 6.3x9 8x9 63 (79) 100 (125) 5x9 5x9 5x9 5x9 6.3x9 8x9 10x9 10x12.5 16x15 18x15 5x9 6.3x9 8x9 10x9 10x12.5 12.5x15 18x20 18x25 6.3x9 6.3x9 8x9 8x9 10x9 10x9 8x9 10x9 10x12.5 12.5x15 18x15 18x20 18x25 10x9 10x12.5 12.5x12.5 16x15 18x20 12.5x12.5 16x15 18x20 18x25 12.5x12.5 12.5x15 18x15 18x25 16x15 18x20 18x25 16x15 18x15 16x15 18x15 18x20 18x20 18x25 16x15 18x15 18x20 18x25 160 (200) 200 (250) 250 (300) 400 (450)
(F) 1 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470 1000 2200 3300 4700 6800
10x12.5 12.5x12.5 12.5x15 16x15 16x15 18x15 18x20 18x25
16x15 18x15 18x20
18x15 18x20 18x25
10000
Convert to inches, divide by 25.4
DxL(mm)
L
PVC SLEEVE
L
15.0 MIN
L
LEAD INFORMATION V.S. CASE DIAMETER D 5.0 2.0 0.5 0.5 6.3 2.5 0.5 0.5 8.0 3.5 0.6 0.5 10.0 5.0 0.6 0.5 12.5 5.0 0.6 0.8 16.0 7.5 0.8 0.5 18.0 7.5 0.8 0.5
d
L
S
+ L1
19.0 MIN
D1
L
L
L
Note: Case Vent is standard on all diameters 8.0 mm.
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
44
L
L L
L L L
S1
d B
L1=L+1.0mm Max. D8mm L1=L+1.5mm Max. D10mm D1=D+B Max. S1=S0.5 Max.
SAK
Maximum ESR 120Hz,+20C 198.944 132.629 90.429 60.286 60.286 40.191 42.328 28.219 16.579 13.263 41.447 9.043 7.536 6.029 15.071 18.839 7.033 6.029 5.024 4.019 10.048 10.048 12.560 5.644 4.233 3.527 2.822 7.055 7.055 7.055 8.818 4.876 4.876 3.979 2.653 2.321 1.989 1.658 1.326 3.316 3.316 2.210 1.809 Maximum RMS Ripple Current (mA) 120Hz,+85C 13 21 26 30 35 40 40 50 70 80 140 90 110 135 280 280 100 120 135 170 350 350 350 110 140 175 230 420 420 420 420 490 490 135 180 210 240 300 370 590 590 710 220 Dimensions DxL (mm) 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 6.3x9 16x15 5x9 6.3x9 8x9 16x15 18x15 5x9 6.3x9 6.3x9 10x9 16x15 18x15 18x20 5x9 6.3x9 8x9 10x12.5 16x15 18x15 18x20 18x25 18x15 18x20 5x9 6.3x9 8x9 10x9 10x12.5 12.5x15 18x20 18x25 18x25 6.3x9
+ 85C Low Profile Lead Aluminum Electrolytic Capacitor
STANDARD PART LISTING
Capacitance (F) PART NUMBER Capacitance (F) PART NUMBER Maximum ESR 120Hz,+20C 1.507 1.055 0.754 0.603 1.407 1.206 0.804 0.703 0.603 0.502 0.402 0.847 0.705 0.564 0.494 0.423 0.353 0.282 0.464 0.398 0.332 0.265 0.232 0.199 0.166 0.211 0.181 0.151 0.136 0.121 0.151 0.131 0.111 0.120 0.113 0.099 0.085 0.112 0.088 0.078 0.076 0.070 Maximum RMS Ripple Current (mA) 120Hz,+85C 270 330 470 620 250 300 370 460 520 600 830 360 400 520 570 730 840 1080 490 620 700 820 990 1180 1410 950 1170 1350 1520 1750 1270 1430 1660 1380 1530 1740 2060 1640 1830 2120 1950 2230 Dimensions DxL (mm) 8x9 10x9 12.5x12.5 16x15 6.3x9 8x9 10x9 10x12.5 12.5x12.5 12.5x15 18x20 8x9 10x9 10x12.5 12.5x12.5 16x15 18x15 18x25 10x9 10x12.5 12.5x12.5 12.5x15 16x15 18x20 18x25 12.5x15 16x15 18x15 18x20 18x25 16x15 18x15 18x20 16x15 18x15 18x20 18x25 18x15 18x20 18x25 18x20 18x25
WVDC
WVDC
1 1 2.2 2.2 3.3 3.3 4.7 4.7 10 10 10 22 22 22 22 22 33 33 33 33 33 33 33 47 47 47 47 47 47 47 47 68 68 100 100 100 100 100 100 100 100 150 220
50 100 50 100 50 100 50 100 63 100 400 50 63 100 250 400 35 50 63 100 200 250 400 25 50 63 100 160 200 250 400 160 250 10 25 35 50 63 100 160 250 200 10
105SAK050M 105SAK100M 225SAK050M 225SAK100M 335SAK050M 335SAK100M 475SAK050M 475SAK100M 106SAK063M 106SAK100M 106SAK400M 226SAK050M 226SAK063M 226SAK100M 226SAK250M 226SAK400M 336SAK035M 336SAK050M 336SAK063M 336SAK100M 336SAK200M 336SAK250M 336SAK400M 476SAK025M 476SAK050M 476SAK063M 476SAK100M 476SAK160M 476SAK200M 476SAK250M 476SAK400M 686SAK160M 686SAK250M 107SAK010M 107SAK025M 107SAK035M 107SAK050M 107SAK063M 107SAK100M 107SAK160M 107SAK250M 157SAK200M 227SAK010M
220 220 220 220 330 330 330 330 330 330 330 470 470 470 470 470 470 470 1000 1000 1000 1000 1000 1000 1000 2200 2200 2200 2200 2200 3300 3300 3300 4700 4700 4700 4700 6800 6800 6800 10000 10000
16 35 63 100 6.3 10 25 35 50 63 100 10 16 25 35 50 63 100 6.3 10 16 25 35 50 63 10 16 25 35 50 10 16 25 6.3 10 16 25 6.3 10 16 6.3 10
227SAK016M 227SAK035M 227SAK063M 227SAK100M 337SAK6R3M 337SAK010M 337SAK025M 337SAK035M 337SAK050M 337SAK063M 337SAK100M 477SAK010M 477SAK016M 477SAK025M 477SAK035M 477SAK050M 477SAK063M 477SAK100M 108SAK6R3M 108SAK010M 108SAK016M 108SAK025M 108SAK035M 108SAK050M 108SAK063M 228SAK010M 228SAK016M 228SAK025M 228SAK035M 228SAK050M 338SAK010M 338SAK016M 338SAK025M 478SAK6R3M 478SAK010M 478SAK016M 478SAK025M 688SAK6R3M 688SAK010M 688SAK016M 109SAK6R3M 109SAK010M
Aluminum Electrolytic
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
45


▲Up To Search▲   

 
Price & Availability of 337SAK035M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X