Part Number Hot Search : 
2779J 24C02 SG55464 DT71V BD246C TBT8034 G110D PE9104
Product Description
Full Text Search
 

To Download 2SB1599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial Planar Type 2SB1599
Transistors
Features
Low collector to emitter saturation voltage VCE(sat). Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating -50 -40 -5 -3 -0.6 1 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current Collector-base voltage Collector-emitter voltage Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO ICEO IEBO VCBO VCEO hFE Testconditons VCB= -20 V, IE = 0 VCE= -12 V, IB = 0 VEB= -5 V, IC = 0 IC = -1 mA, IE = 0 IC = -10 mA, IB = 0 VCE = -5 V, IC = -1A -50 -40 50 -0.4 220 -1 -1.5 150 70 V V MHz pF Min Typ Max -1 -100 -100 Unit iA iA iA V V
VCE(sat) IC = -1.5A, IB = - 0.15A VBE(sat) IC = -2A, IB = - 0.2A fT Cob VCB = -5 V, IE = 0.5 A, f = 200 MHz VCB = -5V, IE = 0, f = 1 MHz
hFE Classification
Marking Rank hFE P 50 100 1X Q 80 160 R 100 220
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X