Part Number Hot Search : 
SD820S10 VS2AUF CX2029 228Q007 SM5818PL CAT4139 CS836305 KF200
Product Description
Full Text Search
 

To Download 2N7002K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002K -- N-Channel Enhancement Mode Field Effect Transistor
August 2009
2N7002K
N-Channel Enhancement Mode Field Effect Transistor
Features
* * * * * * * * Low On-Resistance Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Ultra-Small Surface Mount Package Pb Free/RoHS Compliant ESD HBM=2000V (Typical:3000V) as per JESD22 A114 and ESD CDM=2000V as per JESD22 C101
D
S G
SOT-23
Marking : 7K
Absolute Maximum Ratings *
Symbol
VDSS VDGR VGSS ID TJ TSTG Drain-Source Voltage
TA = 25C unless otherwise noted
Parameter
Drain-Gate Voltage RGS 1.0M Gate-Source Voltage Drain Current Continuous Pulsed
Value
60 60 20 115 800 -55 to +150 -55 to +150
Units
V V V mA C C
Operating Junction Temperature Range Storage Temperature Range
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Thermal Characteristics
Symbol
PD RJA
Parameter
Total Device Dissipation Derating above TA = 25C Thermal Resistance, Junction to Ambient *
Value
350 2.8 350
Units
mW mW/C C/W
* Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch. Minimum land pad size
(c) 2009 Fairchild Semiconductor Corporation 2N7002K Rev. A1 1
www.fairchildsemi.com
2N7002K -- N-Channel Enhancement Mode Field Effect Transistor
Electrical Characteristics
Symbol
BVDSS IDSS IGSS VGS(th)
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
Test Condition
VGS= 0V, ID=10uA VDS= 60V, VGS= 0V VDS= 60V, VGS= 0V, @TC = 125C VGS= 20V, VDS= 0V VDS = VGS, ID = 250uA
MIN
60
MAX
Units
V
Off Characteristics (Note1)
1.0 500 10 A A
On Characteristics (Note1)
Gate Threshold Voltage 1.0 2.5 2 4 1.5 1.2 200 V A mS RDS(ON) Satic Drain-Source On-Resistance VGS = 10V, ID = 0.5A VGS = 4.5V, ID = 200mA ID(ON) gFS Ciss Coss Crss tD(ON) tD(OFF) On-State Drain Current Forward Transconductance VGS = 10V, VDS= 7.5V VGS = 4.5V, VDS= 10V VDS = 10V, ID = 0.2A
Dynamic Characteristics
Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, VGS= 0V, f = 1.0MHz 50 15 6 pF pF pF
Switching Characteristics
Turn-On Delay Time Turn-Off Delay Time VDD = 30V, IDSS = 200mA, RG = 10, VGS= 10V 5 30 ns
Note1 : Short duration test pulse used to minimize self-heating effect.
(c) 2009 Fairchild Semiconductor Corporation 2N7002K Rev. A1 2
www.fairchildsemi.com
2N7002K -- N-Channel Enhancement Mode Field Effect Transistor
Typical Performance Characteristics
Figure 1. On-Region Characteristics
2.0
Figure 2. On-Resistance Variation with Gate Voltage and Drain Current
3.0
ID. DRAIN-SOURCE CURRENT(A)
VGS = 10V
1.5
RDS(on), () DRANI-SOURCE ON-RESISTANCE
VGS = 3V
2.5
4V 4.5V 5V
5V
4V
1.0
2.0
7V
6V
1.5
3V
0.5
1.0
10V 9V 8V
2V
0.0 0 2 4 6 8 10
0.5 0.0
0.2
0.4
0.6
0.8
1.0
VDS. DRAIN-SOURCE VOLTAGE (V)
ID. DRAIN-SOURCE CURRENT(A)
Figure 3. On-Resistance Variation with Temperature
3.0
Figure 4. On-Resistance Variation with Gate-Source Voltage
RDS(on) () DRANI-SOURCE ON-RESISTANCE
VDS = 10V ID = 500 mA
2.5
2.0
1.5
1.0
0.5 -50
0
50
100
o
150
TJ. JUNCTION TEMPERATURE( C)
Figure 5. Transfer Characteristics
1.0
Figure 6. Gate Threshold Variation with Temperature
Vth, Gate-Source Threshold Voltage (V)
2.0
ID. DRAIN-SOURCE CURRENT(A)
VDS = 10V
0.8
o
25( C)
o
VDS = VGS
1.8
TJ = -25( C)
0.6
o
ID = 1 mA
1.6
150( C)
o
ID = 0.25 mA
1.4
125( C)
0.4
75( C)
0.2
o
1.2
0.0 2 3 4 5 6
1.0 -50
0
50
100
o
150
VGS. GATE-SOURCE VOLTAGE (V)
TJ. JUNCTION TEMPERATURE( C)
(c) 2009 Fairchild Semiconductor Corporation 2N7002K Rev. A1 3
www.fairchildsemi.com
2N7002K -- N-Channel Enhancement Mode Field Effect Transistor
Typical Performance Characteristics (Continue)
Figure 7. Reverse Drain Current Variation with Diode Forward Voltage and Temperature
VGS = 0 V
IS Reverse Drain Current, [mA]
100
TA=150 C
10
o
25 C
o
-55 C
o
1 0.0
0.2
0.4
0.6
0.8
1.0
VSD, Body Diode Forward Voltage [V]
(c) 2009 Fairchild Semiconductor Corporation 2N7002K Rev. A1 4
www.fairchildsemi.com
2N7002K -- N-Channel Enhancement Mode Field Effect Transistor
Physical Dimensions
SOT - 23
(c) 2009 Fairchild Semiconductor Corporation 2N7002K Rev. A1 5
www.fairchildsemi.com
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Auto-SPM Build it Now CorePLUS CorePOWER CROSSVOLT CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM* TM*
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) (R) FAST FastvCore FETBench FlashWriter(R)* FPS
F-PFS FRFET(R) SM Global Power Resource Green FPS Green FPS e-Series GmaxTM GTO IntelliMAX ISOPLANAR MegaBuckTM MICROCOUPLER MicroFET MicroPak MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PowerTrench(R) PowerXSTM Programmable Active Droop QFET(R) QS Quiet Series RapidConfigure TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART START SPM(R) STEALTHTM SuperFET SuperSOT -3 SuperSOT -6 SuperSOT -8 SupreMOSTM SyncFETTM Sync-LockTM (R) *
The Power Franchise(R)
TinyBoost TinyBuck TinyLogic(R) TINYOPTO TinyPower TinyPWM TinyWire TriFault Detect TRUECURRENT * SerDes
PDP SPMTM Power-SPM
UHC(R) Ultra FRFET UniFET VCX VisualMax XSTM
* Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I40
(c) 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 2N7002K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X