Part Number Hot Search : 
LTM461 KBPC2500 SNC11105 S06P20PT 74LS74 MMBD4 MF0ICU2 A124E
Product Description
Full Text Search
 

To Download 264-7SURC-S400-A8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
DATA SHEET
PART NO. DATE 264-7SURC/S400-A8 2005/8/8 CHR&D1
DEPARTMENT . REVISION
2
RECEIVED
MASS PRODUCTION PRELIMINARY CUSTOMER DESIGN DEVICE NUMBER : PAGE : 6
CUSTOMER DESIGNER
CDLE-026-474
CHECKER APPROVER
REV.
DESCRIPTION
RELEASE DATE
OFFICE: 7C BUILDING, LIAN HUA PORT INDUSTRIAL DISTRICT, LIAN HUA SHAN BONDED PRICESSING ZONE PAN YU, GUANG ZHU, CHINA TEL. : (020)84860913,84860914 FAX : (020)84860600 http : //www.everlight.com
Technical Data Sheet 3.0mm Round Type LED Lamps
264-7SURC/S400-A8
Features :

Choice of various viewing angles Available on tape and reel.
Reliable and robust Pb free The product itself will remain within RoHS compliant version.
Descriptions :
The series is specially designed for applications requiring higher brightness
The led lamps are available with different colors, intensities,
Applications :

TV set Monitor Telephone Computer
PART NO.
264-7SURC/S400-A8
Material
AlGaInP
Emitted Color
Hyper Red
Lens Color
Water Clear
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2005/8/8
Rev.:
2
Page: 1 of 6 Lian Xiang You
Device Number :
CDLE-026-474
Prepared by:
BG0408032,R0402362
Technical Data Sheet 3.0mm Round Type LED Lamps
264-7SURC/S400-A8
Package Dimensions
Notes: 1.All dimensions are in millimetres
2. An epoxy meniscus may extend about 1.5mm(0.059'') down to the lead. 3. Tolerances unless Dimension 0.25mm.
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Electrostatic Discharge Soldering Temperature Power Dissipation Peak Forward Current Reverse Voltage Symbol IF Topr Tstg ESD Tsol Pd IF(Peak) VR Rating 50 -40 to +85 -40 to +100 2000 260 5 120 200 5 Unit mA V mW mA V
Note: *1:IFP Conditions --Pulse Width 1msec and Duty 1/10. *2:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD
http : //w //www.everlight.com : Prepared date: 2005/8/8
Rev.:
2
Page: 2 of 6 Lian Xiang You
Device Number :
CDLE-026-474
Prepared by:
Technical Data Sheet 3.0mm Round Type LED Lamps
264-7SURC/S400-A8
Electro-Optical Characteristics (Ta=25)
Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Symbol VF IR Iv 21/2 p d Condition IF= VR= IF= IF= IF= IF= IF= 20 5 20 20 20 20 20 mA V mA mA mA mA mA Min. 400 Typ. 2.0 630 40 632 624 20 Max. 2.4 10 Unit V A mcd deg nm nm nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-026-474
http : //www.everlight.com Prepared date: 2005/8/8
Rev.:
2
Page: 3 of 6 Lian Xiang You
Prepared by:
Technical Data Sheet 3.0mm Round Type LED Lamps
264-7SURC/S400-A8
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-026-474
http : //www.everlight.com Prepared date: 2005/8/8
Rev.:
2
Page: 4 of 6
Prepared by:
Lian Xiang You
Technical Data Sheet 3.0mm Round Type LED Lamps
264-7SURC/S400-A8
Reliability test items and conditions:
Test Sample Ac/Re Hours/Cycle size SEC 76 PCS 0/1
NO 1
Item Solder Heat
Test Conditions TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
2
Temperature Cycle
300 CYCLES 76 PCS
0/1
3
Thermal Shock
300 CYCLES 76 PCS
0/1
4
High Temperature Storage
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
76 PCS
0/1
6
DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS
76 PCS
0/1 0/1
7
76 PCS
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-026-474
http : //www.everlight.com Prepared date: 2005/8/8
Rev.:
2
Page: 5 of 6 Lian Xiang You
Prepared by:
Technical Data Sheet 3.0mm Round Type LED Lamps
264-7SURC/S400-A8
Packing Quantity Specification
1.1000PCS/1Bag4Bags/1Box 2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity
RoHS
CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
264-7SURC/S400-A8
Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please dont reproduce or cause anyone to reproduce them without EVERLIGHT sconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDLE-026-474
http : //www.everlight.com Prepared date: 2005/8/8
Rev.:
2
Page: 6 of 6 Lian Xiang You
Prepared by:


▲Up To Search▲   

 
Price & Availability of 264-7SURC-S400-A8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X