Part Number Hot Search : 
BUL216 20301 9010A 20CTR DTQ14U C2328 OP265C BCR16HM
Product Description
Full Text Search
 

To Download 1N4934G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933G
THRU
1N4937G
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
VOLTAGE RANGE
50 to 600 Volts
CURRENT FEATURES
* Low forward voltage drop * Low leakage current * High reliability * High current capability * Glass passivated junction
1.0 Ampere
DO-41
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.34 grams
.034(.9) .028(.7) DIA. .205(5.2) .166(4.2)
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
1N4933G 50 35 50
1N4934G 100 70 100
1N4935G 200 140 200 1.0 30 1.2 5.0 100 200 15 -65 +175
1N4936G 400 280 400
1N4937G UNITS V 600 V 420 V 600 A A V A A nS pF C
1. Reverse Recovery Time test condition:IF=1.0A, VR=30V. 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
RATING AND CHARACTERISTIC CURVES (1N4933G THRU 1N4937G)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
0.1 FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.01
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLT AGE,(V)
24
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
10K 2W 115Va 60Hz C P CLARE HPG1002 8 7 6 5 4 1 AMP SLO-BLO FUSE 30Vdc CONSTANT VOLT AGE SUPPLY C1 1.0mF 300V 1 2 3 R1 3W 25W 30 W/50W NON-INDUCTIVE UNIT UNDER TEST A 1.0Adc FROM CONSTANT VOLTAGE SUPPL Y RIPPLE=3mVrms MAX.
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
0 1 5 10 50 100
R2 1W /10W NONINDUCTIVE
NUMBER OF CYCLES AT 60Hz
C1 1.0mF 300V Zout 11/2WMAX. DC To 2KHz
MINIMIZE ALL LEAD LENGTHS A-TEKTRONIX 545A. K PLUG IN PRE AMP P6000 PROBE OR EQUIVALENT R1- ADJUSTED FOR 14 BETWEEN POINT 2 OF RELAY AND RECTIFIER INDUCTIVE=3.8mH
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5
R2- TEN 1W 10W 1% CARBON CORE IN PARALLEL TA= 25
+10 0
C FOR RECTIFIER
IFM 1.0 i(t) di/dt=50A/mS
trr 0
IRM(REC) 2.0 1cm SET TIME BASE FOR 50 / 100ns / cm
JUNCTION CAPACITANCE,(pF)
0
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of 1N4934G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X