Part Number Hot Search : 
3468C 57A5336M MP8720 LV320MB BB104 NTXV2N67 MBI5001 6416GF06
Product Description
Full Text Search
 

To Download 1N4934G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost Low leakage
GALAXY ELECTRICAL
1N4933G---1N4937G
VOLTAGE RANGE: 50 --- 600 V CURRENT: 1.0 A
GLASS PASSIVATED JUNCTION
DO - 41
Glass passivated junction Low forward voltage drop High current capability Easily cleaned with Freon,Alcohil,Isopropanop and similar solvents The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC DO-41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1N 4933G
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
1N 4934G
100 70 100
1N 4935G
200 140 200 1.0
1N 4936G
400 280 400
1N 4937G
600 420 600
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
30.0
A
Maximum instantaneous forw ard voltage @1.0 A Maximum reverse current at rated DC blocking voltage Maximym reverse capacitance Typical junction capacitance Typical thermal resistance @TA=25 @TA=100 (Note1) (Note2) (Note3)
VF IR trr CJ RJA TJ TSTG
1.3 5.0 100.0 200 12.0 22.0 - 55---- +175 - 55---- + 175
V A ns pF /W
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A I R=1A I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0269004
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
trr
1N4933G---1N4937G
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 N.1. 10 N.1.
+0.5A
(-)
D.U.T. (+) 50VDC (APPROX) (-)
1 N.1.
OSCILLOSCOPE (NOTE 1)
PULSE GENERATOR (NOTE2)
(+)
0 -0.25A
-1.0A
N S:1.R TIM = 7ns M IN U IM E AN E= 1M . 22P OTE ISE E AX. P T P D C F 2.R TIM = 10ns M SOU C IM E AN E= 50 ISE E AX. R E PD C
SE TIM BASEFOR50/100 ns /cm TE
FIG.2 --FORWARD CURRENT DERATING CURVE AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES
FIG.3 --PEAK FORWARD SURGE CURRENT
1.0
30
0.8
Single Phase Half Wave 50HZ Resistive or Inductive Load
24
0.6
18
TJ=25 8.3ms Single Half Sine-Wave
0.4
12
0.2 0 0 25 50 75 100
6
125
150
175
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, FIG.4--TYPICAL FORWARD CHARACTERISTIC
NUMBER OF CYCLES AT 60 Hz FIG.4--TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE,pF
20 10
20 16 14
FORWARD CURRENT AMPERES
1.0
12 10
TJ=25 PULSE WIDTH=300
s
0.1
4
TJ=25 f=1M Hz
2 1 .1
0.01
0.2 0.4
0.6 0.8
1.0 1.2 1.4 1.6 1.8 2.0
.2
.4
1.0
2
4
10
20
40
100
FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0269004
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of 1N4934G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X