Part Number Hot Search : 
2K100 001118 0N30T STRFNFCA DSH126C 2SK226 BC160 UCC3580
Product Description
Full Text Search
 

To Download 1180026-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1180026-XXX
20.000 MHz OCXO Stratum 3E
Frequency Stability to Stratum 3E of GR-1244 Recommended for or use with Zarlink SONET/SDH System Synchronizer Chip Sets +3.3Vdc or +5.0Vdc Operation Precision Low Aging "SC" Cut Crystal Through-Hole or Surface Mount Configuration RoHS Compliant
Electrical Characteristics
Parameter
Power Requirements Power Supply Turn-On Power Steady State Power Start-Up Time Warm-Up Time Frequency Stabilities Center Frequency Initial Tolerance Frequency vs. Temperature Frequency vs. Voltage Frequency vs Time (Aging) 24 Hour Holdover Stability Total Free-Running Accuracy Waveform: HCMOS Output Symmetry Amplitude Rise/Fall Times Load Sub-Harmonics Phase Noise Offset = 1 Hz 10 Hz 100 Hz 1 KHz 10 KHz 1 -70 -103 -130 -140 -142 Sym Vo tr, tf RL @ 50% Level Logic "1" Logic "0" 20% to 80% Output to Ground 40 0.9Vcc 0.1Vcc 4 10K // 15pF -25 -60 -100 -125 -130 -135 dBc dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz 7 50 60 % V V nSec Vcc Pmax Pss Tsu Twu 5% 5% Vcc = Max. Std. Load Vcc = Max Std. Load @ +25C To 90% Amplitude To meet full spec @ +25C 3.135 4.75 3.30 5.0 3.5 1.5 50 15 3.465 5.25 4.0 Vdc Vdc W W mSec minutes
Sym
Conditions
Min
Typical
Max
Unit
fnom fcal
f/Temp f/Vcc f/Time f/24Hr f/Life Ta = +25C (At time of Shipment) Operating Temperature Vcc 5% per Day 20 years Inclusive of Temperature, Supply Variation and 24 hours Aging All Conditions for 20 years (Reference to fnom)
20.000 0.3 6 1 1 8 1.5 10 2.1 0.5 8
MHz ppm ppb ppb ppb ppm ppb ppm
See Dash Number Table for Voltage and Operating Temperature
CTS 171 Covington Dr. Bloomingdale, IL 60108 800-757-6686 www.ctscorp.com REVISION X4 Page 1 of 4
1180026-XXX
20.000 MHz OCXO Stratum 3E
Dash Number Table (CTS Dash No. = -XXX) No Air-Flow Shield
CTS Dash No. -001 -002 -003 -004 -005 -006 -007 -008 Package Specification Figure 1 Figure 1 Figure 1 Figure 1 Figure 2 Figure 2 Figure 2 Figure 2 Vcc +5.0 Vdc +5.0 Vdc +3.3 Vdc +3.3 Vdc +5.0 Vdc +5.0 Vdc +3.3 Vdc +3.3 Vdc Operating Temperature Range 0C to +70C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C CTS Dash No. -011 -012 -013 -014 -015 -016 -017 -018
With Air-Flow Shield
Package Specification Figure 3 Figure 3 Figure 3 Figure 3 Figure 4 Figure 4 Figure 4 Figure 4 Vcc +5.0 Vdc +5.0 Vdc +3.3 Vdc +3.3 Vdc +5.0 Vdc +5.0 Vdc +3.3 Vdc +3.3 Vdc Operating Temperature Range 0C to +70C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C
Complete CTS orderable part number includes 1180026-XXX (where -XXX = CTS Dash No. from this table)
Environmental and Mechanical Requirements Storage Temperature : Reflow Soldering : Shock : Vibration : Case : Seal : Surface Mount Base : MSL : 6/6 RoHS Compliance : -55C to +125C Will withstand 240C for 20 seconds 50 G's 11 ms, Pulse, 3 shocks per axis 10G's Peak, 20 to 2000 Hz Dual-in-Line Resistance Weld High Temperature FR-4 1 This product is fully compliant to RoHS Directive 2002/95/EC
CTS 171 Covington Dr. Bloomingdale, IL 60108 800-757-6686 www.ctscorp.com REVISION X4 Page 2 of 4
1180026-XXX
20.000 MHz OCXO Stratum 3E
Package Specifications Figure 1 Figure 2
CTS 1180026-XXX 20.000 MHz S/N XXXXX YYWW Made in China
CTS 1180026-XXX 20.000 MHz S/N XXXXX YYWW Made in China
TEST #
CTS 171 Covington Dr. Bloomingdale, IL 60108 800-757-6686 www.ctscorp.com REVISION X4 Page 3 of 4
1180026-XXX
20.000 MHz OCXO Stratum 3E
Package Specifications (continued) Figure 3 Figure 4
CTS 1180026-XXX 20.000 MHz S/N XXXXX YYWW Made in China
CTS 1180026-XXX 20.000 MHz S/N XXXXX YYWW Made in China
TEST #
CTS 171 Covington Dr. Bloomingdale, IL 60108 800-757-6686 www.ctscorp.com REVISION X4 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 1180026-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X