Part Number Hot Search : 
TC124E ACT244 NSPB300B 222E3 N03LA LT3791 BT070 W91520AN
Product Description
Full Text Search
 

To Download 10700442 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Analog 5-wire PET-On-Glass Touch Screen Specification
1. Mechanical Dimensions and Construction 1.1 1.2 General: Analog Resistive touch screen is laminated by ITO PET to ITO glass. Construction : Item 1 2 3 4 5 6 7 8 9 10 Material Remarks 0.188mm ITO PET Film Antiglare coating Surface hardness: 3H Resistance:300~600/ ITO Patterned Glass (Bottom 2.36mm ITO Glass Resistance:300~600/ layer) Tail Base Kapton Separated Tail Tail Coverlay Kapton Connector AMP Compatible Pitch:2.54mm Top layer circuit Silver ink Bottom layer circuit Silver ink Layer to layer contacted Silver ink Dot spacer UV Cure ink Isolation Layer Isolation Adhesive Description ITO PET (Top layer)
Touch screen side view:
Changes that contribute to technical improvement are subject to alternations
2002 Bearb. Gepr. Vert.
Datum 24.10. 24.10.
Name Maurer Maurer
TOUCHSCREEN
15", 5-Wire
SPECIFICATIONS OF ANALOG RESISTIVE PET-ON-GLASS TOUCH SCREEN
Manufactured bei Apex Material Technology Corp.
EDV-Datasheet
don't change manually
H
Zu And. Datum Name
1070.0442
Index: -
D 79346 Endingen
Blatt 1 von 3
1.3
Input Method and Activation Force Input Method 1.6mm dia. Delrin stylus 16mm dia. Silicon "finger" Average Activation Force 10~70 grams 10~ 80 grams
2. Typical Optical Characteristics 2.1 2.2 Visible Light Transmission: >80% Haze: 3~7% (JIS K-7105)
3. Electrical Specifications 3.1 3.2 3.3 3.4 3.5 3.6 Operating Voltage: 5.5V or less Contact current: 20mA (maximum) Circuit close resistance: 30~300 Circuit open resistance: > 10M at 25VDC Contact bounce: < 15ms Linear Test : <1.5 %
4. Environment Specification 4.1 4.2 Operating Temperature - 10 C ~ + 60 C Storage Temperature - 20 C ~ + 80 C Humidity less than 90% RH at Ambient Humidity
5. Reliability Test 5.1 Exposure to high temperature Touch panel is put into a test machine at the condition of 80 for 120 hours. Then it is left at the room temperature for 24 hours or more. The measurement must satisfy the following: - Circuit close resistance: as Sec. 3.3 - Circuit open resistance: as Sec. 3.4 - Contact bounce: as Sec. 3.5 - Linearity test: as Sec. 3.6 Exposure to low temperature Touch panel is put into a test machine at the condition of -20 for 120 hours. Then it is left at the room temperature for 24 hours or more. The measurement must satisfy the following: - Circuit close resistance: as Sec. 3.3 - Circuit open resistance: as Sec. 3.4 - Contact bounce: as Sec. 3.5 - Linearity test: as Sec. 3.6
5.2
Changes that contribute to technical improvement are subject to alternations
2002 Bearb. Gepr. Vert.
Datum 24.10. 24.10.
Name Maurer Maurer
TOUCHSCREEN
15", 5-Wire
SPECIFICATIONS OF ANALOG RESISTIVE PET-ON-GLASS TOUCH SCREEN
Manufactured bei Apex Material Technology Corp.
EDV-Datasheet
don't change manually
H
Zu And. Datum Name
1070.0442
Index: -
D 79346 Endingen
Blatt 2 von 3
5.3
Exposure to constant temperature and humidity Touch panel is put into a test machine at the condition of 60 , 90%RH for 120 hours. Then it is left at the room temperature for 24 hours or more. The measurement must satisfy the following: - Circuit close resistance: as Sec. 3.3 - Circuit open resistance: as Sec. 3.4 - Contact bounce: as Sec. 3.5 - Linearity test: as Sec. 3.6 Thermal Shock Touch panel is put into a test machine at the condition of -20 for 30 minutes, and then 80 for 30 minutes. The process is repeated by 10 cycles. Then it is left at the room temperature for 24 hours or more. The measurement must satisfy the following: - Circuit close resistance: as Sec. 3.3 - Circuit open resistance: as Sec. 3.4 - Contact bounce: as Sec. 3.5 - Linearity test: as Sec. 3.6
5.4
6. Durability test: 6.1 Finger touches Touch panel is hit 36 millions times with a silicone rubber of R8 finger, hitting rate is by 250g at 2 times per second. The measurement must satisfy the following: - Circuit close resistance: as Sec. 3.3 - Circuit open resistance: as Sec. 3.4 - Contact bounce: as Sec. 3.5 - Linearity test: as Sec. 3.6 Stylus writing Touch panel is drawn by R0.8 Derlin stylus pen, at 250g forces, repeat one inch by 100K times. The measurement must satisfy the following: - Circuit close resistance: as Sec. 3.3 - Circuit open resistance: as Sec. 3.4 - Contact bounce: as Sec. 3.5 - Linearity test: as Sec. 3.6
6.2
7. Optical Performance: 7.1 7.2 7.3 7.4 Optical inspection method and optical defect standards refer to document. A001-2 Touch Screen Optical Quality Standard. Outside to Active Area : any optical defected in this area need to be ignored if no effected to touch screen function. Glass defects such as edge chips and scratches refer to A001-2, Touch Screen Optical Quality Standard. Others 7.4.1 7.4.2 7.4.3 Folding line should be avoided on the pressure sensitive adhesive. Refer to document A001-2, Touch Screen Optical Quality Standard. Always store the touch screen in its original shipping container under normal Conditions (20~25C, 65% RH)
Changes that contribute to technical improvement are subject to alternations
2002 Bearb. Gepr. Vert.
Datum 24.10. 24.10.
Name Maurer Maurer
TOUCHSCREEN
15", 5-Wire
SPECIFICATIONS OF ANALOG RESISTIVE PET-ON-GLASS TOUCH SCREEN
Manufactured bei Apex Material Technology Corp.
EDV-Datasheet
don't change manually
H
Zu And. Datum Name
1070.0442
Index: -
D 79346 Endingen
Blatt 3 von 3


▲Up To Search▲   

 
Price & Availability of 10700442

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X