Part Number Hot Search : 
APT50M85 CM2180 NTE7019 C4115 86VBA 74LVC 08852 QS6U24
Product Description
Full Text Search
 

To Download WBC3R-3S4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
Wideband chokes EMI-suppression products
Supersedes data of September 2004 2008 Sep 01
Ferroxcube
EMI-suppression products
WIDEBAND CHOKES FOR EMI-SUPPRESSION General data WBC1.5/A ITEM Solderability SPECIFICATION "IEC 60068-2-20", Part 2, Test Ta, method 1
3S4 4B1 4S2
Wideband chokes
Grades, parameters and type numbers; see Fig.1 GRADE No. OF TURNS
1.5 1.5 1.5
|Ztyp| at f ()
300 350 213(1) 400(1) 470(1)
(MHz)
120 250 10 50 100
TYPE NUMBER
WBC1.5/A-3S4 WBC1.5/A-4B1 WBC1.5/A-4S2
Wire material copper (Cu), tin (Sn) plated
Note 1. Minimum guaranteed impedance is Ztyp -20%. 2. Also available with insulated
handbook, 4 columns
40 5
10
40 5
6
0.6
Dimensions in mm.
14
CBW211
Fig.1 WBC1.5/A.
General data WBC1.5/1.5/A ITEM Solderability SPECIFICATION "IEC 60068-2-20", Part 2, Test Ta, method 1
Grades, parameters and type numbers; see Fig.2 GRADE
3S4 4B1 4S2
Wire material copper (Cu), tin (Sn) plated
No. OF TURNS
2 x 1.5 2 x 1.5 2 x 1.5
|Ztyp| at f ()
700 (1) 800 (1) 213(2) 400(2) 470(2) 1000 1000
(MHz)
50 110 10 50 100 50 180
TYPE NUMBER
WBC1.5/1.5/A-3S4 WBC1.5/1.5/A-4B1 WBC1.5/1.5/A-4S2
4A15
2 x 1.5
WBC1.5/1.5/A-4A15
Notes 1. Z measured with both windings connected in series. 2. Minimum guaranteed impedance is Ztyp -20%; measured with one winding.
handbook, 4 columns
40 5
10
40 5
6
0.6 14
Dimensions in mm.
CBW212
Fig.2 WBC1.5/1.5/A.
2008 Sep 01
1468
Ferroxcube
EMI-suppression products
General data WBC2/R ITEM Solderability SPECIFICATION "IEC 60068-2-20", Part 2, Test Ta, method 1
Wideband chokes
Grades, parameters and type numbers; see Fig.3 GRADE
4S2
Wire material copper (Cu), tin (Sn) plated
No. OF TURNS
2
|Ztyp| (1) at f ()
300 650 600 730 750
(MHz)
10 50 100 50 180
TYPE NUMBER
WBC2/R-4S2
4A15
2
WBC2/R-4A15
Note 1. Minimum guaranteed impedance is Ztyp -20%.
10
40 5
6
14
0.6
CBW377
Dimensions in mm.
Fig.3 WBC2/R. General data WBC2.5/A ITEM Solderability SPECIFICATION "IEC 60068-2-20", Part 2, Test Ta, method 1 Grades, parameters and type numbers; see Fig.4 GRADE
3S4 4B1 4S2
Wire material copper (Cu), tin (Sn) plated
No. OF TURNS
2.5 2.5 2.5
|Ztyp| at f ()
600 700 400(1) 850(1) 725(1) 800 820
(MHz)
50 180 10 50 100 50 180
TYPE NUMBER
WBC2.5/A-3S4(2) WBC2.5/A-4B1(2) WBC2.5/A-4S2
4A15
2.5
WBC2.5/A-4A15
Note 1. Minimum guaranteed impedance is Ztyp -20%. 2. Also available with insulated wires, sleeves, encapsulated and taped and reeled.
handbook, 4 columns
40 5
10
40 5
6
O 0.6
Dimensions in mm.
14
MGC279
Fig.4 WBC2.5/A.
2008 Sep 01
1469
Ferroxcube
EMI-suppression products
General data WBC2.5/R ITEM Solderability SPECIFICATION "IEC 60068-2-20", Part 2, Test Ta, method 1
Wideband chokes
Grades, parameters and type numbers; see Fig.5 GRADE 3S4 4B1 4S2 No. OF TURNS 2.5 2.5 2.5 |Ztyp | at f () 600 700 400 850 725 (MHz) 50 75 10 50 100 TYPE NUMBER
WBC2.5/R-3S4(1) WBC2.5/R-4B1(2) WBC2.5/R-4S2
Wire material copper (Cu), tin (Sn) plated
Note 1. Also available with insulated wires, sleeves and moulded. 2. Also available with insulated wires, sleeves.
10
6
2 40 12.5 1 13.5
Dimensions in mm.
MGC282
O 0.6 2.5
Fig.5 WBC2.5/R.
General data WBC2.5/SP ITEM Support SPECIFICATION polyamide (PA6.6) plate to allow mounting across circuit tracks; flame retardant in accordance with UL 94V-0 "IEC 60068-2-20", Part 2, Test Ta, method 1
Grades, parameters and type numbers; see Fig.6 GRADE No. OF note 1 TURNS 3S4 4B1 2.5 2.5 |Ztyp | at f () 600 700 (MHz) 50 75 TYPE NUMBER
WBC2.5/SP-3S4 WBC2.5/SP-4B1
Wire material copper (Cu), tin (Sn) plated
Solderability
Note 1. Colour code 3S4 = blue, 4B1 = green.
handbook, 4 columns
Dimensions in mm.
; ;; ; ;;
O 0.6
2 2.5 0 12.5 1 2.5 1
MGC284
Fig.6 WBC2.5/SP. 2008 Sep 01 1470
Ferroxcube
EMI-suppression products
General data WBC3/R ITEM Solderability SPECIFICATION "IEC 60068-2-20", Part 2, Test Ta, method 1
Wideband chokes
Grades, parameters and type numbers; see Fig.7 GRADE
3S4 4B1 4S2
Wire material copper (Cu), tin (Sn) plated
No. OF TURNS
3 3 3
|Ztyp| at f ()
650 800 500(1) 1000(1) 688(1) 1000 1000
(MHz)
63 110 10 50 100 50 180
TYPE NUMBER
WBC3/R-3S4(2) WBC3/R-4B1(2) WBC3/R-4S2
4A15
3
WBC3/R-4A15
Note 1. Minimum guaranteed impedance is Ztyp -20%. 2. Also available with encapsulation and/or taped and reeled.
handbook, 4 columns
10
20 O 0.6
6
3.5
14
Dimensions in mm.
MGC287
Fig.7 WBC3/R.
2008 Sep 01
1471
Ferroxcube
EMI-suppression products
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
Wideband chokes
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
1472


▲Up To Search▲   

 
Price & Availability of WBC3R-3S4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X