Part Number Hot Search : 
2SD1211 MAX353 20D112K SDB30A40 1344180 VHCT125 2TL287 IRAMS10
Product Description
Full Text Search
 

To Download VZL-6943J2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Medium Power Amplif ier for Test and Measurement Applications
1.0 to 2.5 GHz
The VZL-6943J2 250 Watt TWT Compact Medium Power Amplifier.
1.0 to 2.5 GHz
Compact
Global Applications
Five rack units tall (8.75 in/222 mm).
Versatile
230 VAC operation. Meets International Safety Standard EN61010 and Electromagnetic Compatibility 89/336/EEC.
Easy to Maintain
250W
Ultra wide-band, automatic fault recycle, user friendly microprocessor-controlled logic with integrated computer interface, digital metering, electronic variable attenuation, soft fail when subjected to extreme load SWR conditions, quiet operation for a laboratory environment. An integral solid state preamplifier and IEEE interface are included as standard features.
Compact
Modular design and built-in fault diagnostic capability backed by CPI's worldwide 24-hour customer support network that includes 9 regional factory Service Centers.
Medium Power
INSTRUMENTATION AMPLIFIERS
wireless solutions
Amplif ier
Communications & Power Industries Canada, Inc. 45 River Drive / Georgetown, Ontario / Canada L7G 2J4 Hot Line Telephone: 1-800-267-JETSAT TEL: 905-877-0161 / FAX: 905-877-5327 E-MAIL: marketing@cmp.cpii.com WEB: www.cpii.com/cmp
1.0 to 2.5 GHz
SPECIFICATIONS, VZL-6943J2
Electrical
TWT Model Number Frequency Output Power TWT Flange Gain 0102181700 1.0 to 2.5 GHz 250W min. (typical 300W) 225W min. (typical 275W) 54 dB min. at rated power output; 56 dB min. at small signal 0 to 20 dB 0.25 dB/24hr max. (after 30 min. warmup and at constant drive and temperature) 18 dB pk-to-pk, typical 2.5:1 max. 2.0:1 max. (with optional input isolator) 2.5:1 typical 1.5:1 max. for full spec compliance 2.0:1 max. continuous operation -50 dBc below 10 kHz -20 (1.3 +log F kHz) dBc, 10 kHz to 500 kHz -85 dBc above 500 kHz Meets IESS 308/309 with 3 dB margin -60 dBw/4 kHz 15 dB max. -3 dBc typical at lower band edge decreasing to -15 dBc typical at upper band edge. 220-240 VAC 10%, single phase 47-63 Hz 2.6 kVA typical 3.0 kVA max. 200% max. Acoustic Noise
Environmental (Operating)
Ambient Temperature Relative Humidity Altitude Shock and Vibration -10 to + 40C operating 95% non-condensing 10,000 ft. with standard adiabatic derating of 2C/1000 ft., operating As normally encountered in a protected engineering laboratory environment 65 dBA @ 3 ft. from amplifier
OPTIONS: * Input Isolator (-1 dB gain) * Remote Control Panel * 115 VAC External Step-Up Transformer
RF Level Adjust Gain Stability
Mechanical
Cooling (TWT) RF Connectors Input Output RF Output Monitor Dimensions (W x H x D) Weight Safety Forced air with integral blower Rear air intake & exhaust Type-N Female Type-N Female Type-N Female, -50 dB nominal 19 x 8.75 x 26 in (483 x 222 x 661 mm) 110 lbs/50 kg EN61010
Gain Variation Input VSWR Output VSWR Load VSWR Residual AM
Phase Noise Noise and Spurious Noise Figure Harmonic Content
Primary Power Voltage Frequency Power Consumption Inrush Current
KEEPING YOU ON THE AIR not up in the air
wireless solutions
For more detailed information, please refer to the corresponding CPI Technical Description. Note: Specifications may change without notice as a result of additional data or product refinement. Please contact CPI before using this information for system design. MKT 47, ISSUE 4 7/99 2500
INSTRUMENTATION AMPLIFIERS


▲Up To Search▲   

 
Price & Availability of VZL-6943J2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X