Part Number Hot Search : 
HIN207CP MPC82 0ETTTS SMBJ26 00LVEL TDA21201 GBPC35 LR3303
Product Description
Full Text Search
 

To Download VTU5790C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The VTU-5790C pulsed- coupled cavity TWT covers 16.1 GHz to 16.7 GHz with 8 kW peak output power, 10 % duty cycle. This device has a non-intercepting grid pulsed and single stage depressed collector to achieve 46 dB gain. Custom configurations are also available. These variations in the performance and configuration include: cooling method (affects average power level),mechanical configuration, electrical and RF connections, multiple stage depressed collector.
Typical Operating Parameters
PARAMETER MIN -29 --9 --20 -550 300 ------3.0 ------MAX -31 3.0 11 4 22 -450 450 0.5 50 10.0 --25 18
3 X3X 15
Features
* * * * * * * * * 16.1 GHz to 16.7 GHz 8 kW PEAK OUTPUT POWER 10% DUTY CYCLE NON-INTERCEPTING GRID PULSED 46 dB GAIN SINGLE STAGE DEPRESSED COLLECTOR FORCED LIQUID COOLED PPM FOCUSED WR 62 WAVEGUIDE, INPUT AND OUTPUT Cathode Voltage Cathode Current Heater Voltage Heater Current Collector Voltage Grid Bias Voltage Grid Pulse Voltage RF Drive Power Pulse Width Duty Cycle Cooling Flow Rate Pressure Drop Weight Dimensions
UNIT S kV a V A kV V A W sec %
lbm/mn
psi lbs inches
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
For additional information on CPI MPP products contact: CPI MPP, Coupled Cavity TWT Operation - 3120 Hansen Way, Palo Alto, CA 94303-0750 Phone: 650-846-3073, Fax: 650-857-1708, Email: marketing@mpp.cpii.com, www.cpii.com/mpp


▲Up To Search▲   

 
Price & Availability of VTU5790C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X