Part Number Hot Search : 
035PBF 60DNT BTS410E2 CL9013 TAR8D08K D2003 AD7450 TA400
Product Description
Full Text Search
 

To Download VTP170XSDF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: VTP170XSDF
DOCUMENT: SCD 26179 PCN: A45828 REV LETTER: B REV DATE: JUNE 16, 2005 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Operating Voltage: 16Vdc Interrupt Current: 100A Chip Size: 5 X 7mm Leads: Nickel 1/4H 0.125mm nominal thickness Solder: Lead-free Tape: Polyester (White) 8 mm nominal width Marking:(Color: Green)
Manufacturer's Mark
V17
Part Identification Lot Identification
TABLE I. DIMENSIONS:
A B MIN MAX MIN MAX 17.9 19.9 4.9 5.3 (0.70) (0.78) (0.19) (0.20) *Rounded off approximation C MIN --MAX 0.8 (0.03) MIN 6.0 (0.23) D MAX 8.6 (0.33) MIN 3.0 (0.11) E MAX 5.6 (0.22) MIN 3.9 (0.15) F MAX 4.1 (0.16) MIN G MAX
mm: in*:
TABLE II. PERFORMANCE RATINGS: As measured in Mueller Kelvin Clips model BU-75K.
I HOLD CURRENT TRIP LIMITS TIME TO TRIP REFERENCE RESISTANCE ONE-HOUR POST-TRIP RESISTANCE OHMS AT 25C MIN MAX 0.030 0.105 TRIPPEDSTATE POWER DISSIPATION WATTS AT 25C, 16V MAX 1.4
AMPS 25C HOLD 1.7
AMPS AMPS AMPS AMPS SECONDS AT OHMS AT 0C AT 25C AT 60C AT --C 25C, 8.5A AT 25C HOLD TRIP HOLD TRIP HOLD TRIP HOLD TRIP MIN MAX MIN MAX 2.2 4.5 1.7 3.4 0.8 1.8 ------5 0.030 0.052
Recognitions: Reference Documents: Precedence: Effectivity: CAUTION: Materials Information:
ROHS Compliant
UL, TUV, CSA PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
ELV Compliant
Pb-Free
(c) 2005 Tyco Electronics Corporation. All rights reserved


▲Up To Search▲   

 
Price & Availability of VTP170XSDF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X