Part Number Hot Search : 
OMA541SK 6KE120AP TM100 RE5RL38A AN77L05 AN4210 HC406 D9244
Product Description
Full Text Search
 

To Download VHD6031035LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
* Pletronics' VHD6 Series is a voltage controlled crystal oscillator with a CMOS output. * This model uses fundamental mode crystals with no multiplication circuits. * Tape and Reel or tube packaging is available.
* * * *
10 to 108 MHZ 3.2 x 5 mm Ceramic LCC Package Voltage Control Function on pad 1 Enable/ Disable Function on pad 2
Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB's, PBDE's Weight of the Device: 0.09 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter VCC Supply Voltage Vi Vo Input Voltage Output Voltage Unit -0.5V to +5.5V -0.5V to VCC + 0.5V -0.5V to VCC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC The thermal resistance junction to board is 60 to 100oC/Watt depending on the solder pads, ground plane and construction of the PCB.
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright (c) 2008, Pletronics Inc.
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
Part Number:
VHD6031035 E G 500 100 -16.384M -XX Internal code or blank Nominal Frequency in MHZ Pullability in ppm (Vcontrol) 050 = _ 50 ppm minimum + 100 = _ 100 ppm minimum + Stability in ppm 000 = APR 250 = _ 25 ppm + 500 = _ 50 ppm +
Highest Specified Operating Temperature A = +40oC F = +65oC L = +90oC B = +45oC G = +70oC M = +95oC C = +50oC H = +75oC N = +100oC P = +105oC D = +55oC J = +80oC o o E = +60 C K = +85 C Lowest Specified Operating Temperature J = -30oC A = +10oC E = -10oC F = -15oC K = -35oC B = +5oC o o G = -20 C L = -40oC C = +0 C H = -25oC M = -45oC D = -5oC Series (Part Type, Logic & Package)
Part Marking:
PLE VHD6 FF.FFFM C YMDXX Legend: P or PLE FF.FFFM YMD xx = Pletronics = Frequency in MHZ = Date of Manufacture = Internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. Codes for Date Code YMD
Code Year Code Month Code Day Code Day Code Day 1 1 D 13 T 25 8 2008 A JAN 2 2 E 14 U 26 9 2009 B FEB 0 2010 C MAR 3 3 F 15 V 27 1 2011 D APR 4 4 G 16 W 28 E MAY 5 5 H 17 X 29 2 2012 F JUN 6 6 J 18 Y 30 3 2013 G JUL 7 7 K 19 Z 31 H AUG 8 8 L 20 4 2014 J SEP 9 9 M 21 K OCT A 10 N 22 L NOV B 11 P 23 M DEC C 12 R 24
www.pletronics.com
425-776-1880
2
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
Electrical Specification for 3.30V _5% over the specified temperature range +
Item Frequency Range Frequency Accuracy 1 Pullability 1 Min 10 _ 25 + _ +90 Typ Max 108 +125 _ Unit MHZ ppm ppm Not specified if APR is specified For Vcontrol 1.65 V _ 1.5 V. + Not specified if APR is specified Defined by the part number Absolute Pull Range, includes the effect of temperature stability Defined by the part number Condition
Pullability (APR) 1
_ 50 +
-
-
ppm
Output Waveform Output High Level Output Low Level Output TRISE and TFALL Output Symmetry Vcontrol Resistance Pin 1 Modulation Bandwidth Integrated Jitter E/D Internal Pull-up V disable V enable Output leakage VOUT = VCC VOUT = 0V Enable time Disable time Start up time Supply Current Operating Temperature Storage Temperature Range 90 45 20 10 50 85 -10 -10 -45 -55 -
CMOS 10 6.0 55 0.6 15 +10 +10 250 250 10 8.0 +105 +125 % % nS % Kohm KHz pS Kohm % % uA uA nS nS mS mA
o
of VCC for IOH= +7 mA of VCC for IOL = -7 mA 10% to 90% of VCC, CLOAD = 15 pF at 50% point of VCC (See load circuit)
3.0 50 25 20 0.4 1.5 5.0
Vcontrol = 1.65V +1.65V, -3dB _ 12 KHz to 20 MHZ to VCC of VCC applied to pin 1 of VCC applied to pin 1 Pin 1 low, device disabled
Time for output to reach a logic state Time for output to reach a high Z state Time for output to reach specified frequency CLOAD = 15 pF Defined by part number
C C
o
Specifications with Pad 2 E/D open circuit
1
For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures.
www.pletronics.com
425-776-1880
3
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
Load Circuit and Test Waveform
Symmetry
Vhigh 90% * Vcc 50% * Vcc 10% * Vcc Vlow Ground
Trise Tfall
Reliability: Environmental Compliance
Parameter Mechanical Shock Vibration Solderability Thermal Shock Condition MIL-STD-883 Method 2002, Condition B MIL-STD-883 Method 2007, Condition A MIL-STD-883 Method 2003 MIL-STD-883 Method 1011, Condition A
ESD Rating
Model Human Body Model Charged Device Model Minimum Voltage 1500 1000 Conditions MIL-STD-883 Method 3115 JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Bar code is 39-Full ASCII (example actual PN will appear) Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Arial
www.pletronics.com
425-776-1880
4
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
Mechanical:
Inches A B C D1 E1 0.197 +0.006 _ 0.125 +0.006 _ 0.053 max 0.050 0.050 0.004 0.039 0.025 0.020 0.004R 0.008R mm 5.00 +0.15 _ 3.20 +0.15 _ 1.35 max 1.27 1.27 0.10 1.00 0.63 0.50 0.10R 0.20R
1
1 2
6 5
3
4
F1 G1 H1 I
1
Contacts: Gold 11.8 inches 0.3 m minimum over Nickel 50 to 350 inches 1.27 to 8.89 m
1
Typical dimensions
J1 K1
Not to Scale
Pad 1 2
Function Vcontrol Input Output Enable/ Disable Ground (GND) Output N.C. Supply Voltage (VCC)
Note
When this pad is not connected, the oscillator shall operate When this pad is logic low, the output will be inhibited (high impedance state) Recommend connecting this pad to Vcc if the oscillator is to be always on
3 4 5 6
No Internal connection, pad may be connected to ground or VCC Recommend connecting appropriate power supply bypass capacitors as close as possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends: * a ground plane under the device * no large transient signals (both current and voltage) should be routed under the device do not layout near a large magnetic field such as a high frequency switching power supply * do not place near piezoelectric buzzers or mechanical fans.
www.pletronics.com
425-776-1880
5
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
Reflow Cycle (typical for lead free processing)
Temperature (C)
250 200 150 100 175C10C
260C Maximum 10 Seconds Maximum 215C10C
120 to 160 Seconds
Approximately 50 Seconds Allowed rate of temperature change Maximum 4C per second
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel
Constant Dimensions Table 1 Tape Size 8mm 12mm 16mm 24mm 1.5 +0.1 -0.0 D1 Min 1.0 1.5 1.5 1.5 1.75 _0.1 + 4.0 0.6 _ +0.1 2.0 _0.1 + 0.6 0.1 S1 Min T Max T1 Max
D0
E1
P0
P2
2.0 _ +0.05
Variable Dimensions Table 2 Tape Size 16 mm B1 Max 12.1 E2 Min F P1 T2 Max 8.0 W Max 16.3 Ao, Bo & Ko Note 1 Not to scale
14.25
7.5 _0.1 +
8.0 +0.1 _
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
REEL DIMENSIONS A inches mm B inches mm C D mm mm 16.4 +2.0 -0.0 7.0 177.8 2.50 63.5 10.0 254.0 4.00 101.6 13.0 +0.5 / -0.2 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.0 13.0 330.2 3.75 95.3 Tape Width
Reel dimensions may vary from the above
www.pletronics.com
425-776-1880
6
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
IMPORTANT NOTICE Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice. Customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to PLE's terms and conditions of sale supplied at the time of order acknowledgment. PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with PLE's limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. PLE assumes no liability for application assistance or customer product design. Customers are responsible for their products and applications using PLE components. To minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. PLE products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk applications should be directed to PLE. PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent right, copyright, artwork or other intellectual property right relating to any combination, machine or process which PLE product or services are used. Information published by PLE regarding third-party products or services does not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from PLE under the patents or other intellectual property of PLE. Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such altered documents. Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that product or service voids all express and implied warranties for the associated PLE product or service and is an unfair or deceptive business practice. PLE is not responsible for any such statements. Contacting Pletronics Inc. Pletronics Inc. 19013 36th Ave. West Lynnwood, WA 98036-5761 USA Tel: 425-776-1880 Fax: 425-776-2760 E-mail: ple-sales@pletronics.com URL: www.pletronics.com
Copyright (c) 2008, Pletronics Inc.
www.pletronics.com
425-776-1880
7


▲Up To Search▲   

 
Price & Availability of VHD6031035LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X