|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS * * * * * * Designed for Use with Power Integrations IC's, LINK Switch Family Design to comply with the requirements of IEC950, EN60950, UL1950/CSA950. Design to comply with the requirements of UL, IEC & CSA Insulation System Class B. All units comply with the requirements of EU RoHS Directive.COC 3000 Vrm Isolation (Hi-Pot). Meets UL1950, IEC950 Safety Standard Units are Designed for a Universal AC Input of 85 to 265Vac, 47/440 Hz, Unless otherwise Designated GENERAL ELECTRICAL SPECIFICATIONS AT 25OC PART NUMBER PNK-30001 PNK-36001 PNK-36002 PNK-36003 PNK-36004 PNK-36005 PNK-50101 PNK-52001 PNK-56001 PNK-56002 PNK-56003 PNK-56004 PNK-60001 PNK-61001 PNK-62001 PNK-62002 Recommended Power Intgr. Controller LINK-TN LINK-XT LINK-XT LINK-XT LINK-XT LINK-XT LINK-501 LINK-520 LINK-LP LINK-LP LINK-LP LINK-LP LINK-II LINK-II LINK-CV LINK-CV Output Voltages (Vdc) 12 5/18 5 7/-5 5 6.2 18 5 2 12 9 6 7.6 5 5 5/12/-22 Output Currents (mAmp) 250 100/300 550 175/300 600 322 175 480 1500 260 220 330 700 1000 1200 1200/100/15 Output Power (Watt) 3 5.9 2.75 2.7/4.15WP 3 2 3.2 2.4 3 3.1 2 2 5.3 5 6 7 Package number 4 3 2 2 1 1 5 2 3 2 1 1 1 1 1 7 TSD-1992 TSD-2094 TSD-2349 LINK-501 LINK-501 LINK-520 5.5 5 5 500 150 550 2.75 0.75 2.75 5 6 1 Specifications subject to change without notice. 02/10/09 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com 1 OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS Package #1 10 9 8 7 6 Package #2 8 7 6 5 1 2 3 17.0 (.670) MAX 4 5 19.0 (.748) MAX 1 2 3 14.22 (.56) MAX 4 18.54 (.730) MAX 15.0 MAX 14.6 (.575) MAX 4.0 typ 3.2 1 2 3 4 5 0.80 3.81 (.150) 1 2 3 4 4.0 (.157) 0.6 (.023) 15.5 20.0 MAX 12.5 (.492) 10 9 8 7 6 8 7 6 5 Package #3 8 7 6 5 10 9 8 7 6 5 Package #4 1 2 3 4 16.8 (.661) MAX 1 2 3 4 15.5 (.610) MAX 17.8 (.700) MAX 17.0 (.670) MAX 3.5 (.137) MIN 15.0 (.590) MAX 31.75 (1.25) MAX 1.3 (.051) 3.0 (.118) 3 3.8 (.150) 0.6 (.024) 10.5 (.413) 1 2 3 4 12.20 (.480) 0.6 DIA. (.024) 1 2 4 3.5 (.138) 11.0 (.433) 12.2 (.480) 8 7 6 5 2.7 (.106) 10 9 8 7 6 5 13.5 (.531) Specifications subject to change without notice. 02/10/09 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com 2 OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS Package #5 8 7 6 5 10 9 8 7 6 Package #6 1 2 3 13.20 (.520) MAX 4 5 12.8 (.504) MAX 1 2 3 4 0.61 (15.5) MAX CORE TAPED 13.0 (.512) MAX .492 (12.5) MAX 1 2 3 2.5 (.098) 10.0 (.394) 4 5 0.6 DIA. (.024) 2.5 (.098) MIN 8.5 (.335) .10 (2.54) MIN .018 (0.45) .15 (3.81) .398 (10.16) 0.669 (17.0) MAX Specifications subject to change without notice. 02/10/09 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com 3 |
Price & Availability of TSD-2094 |