Part Number Hot Search : 
MEM806 12C10 70001 R5F211A4 BU920 B39212B 70001 3406A
Product Description
Full Text Search
 

To Download TS16GJFV30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS16GJFV30
Description
TS16GJFV30 is a 16GB USB Flash Drive with 1pcs of 16Gbx8 Flash Memory assembled on printed circuit board.
16GB USB2.0 JetFlashTMV30 Features
* Frame Color: Lavender * Fully compatible with hi-speed USB 2.0 * Easy Plug and Play installation * USB powered. No external power or battery needed
Outline
* LED indicates the usage status * JetFlash elite software pack*
System Requirement
* Hardware: Desktop or notebook computer with USB port * Operating System: Windows 7/ Vista/ XP/ Me/ 2000 and MacTM OS 9.0 or later, LinuxTM Kernel 2.4.2 or later
(R)
Dimensions
Side
A B C
Millimeters
60 1.00 16.5 1.00 8.1 1.00
Inches
2.36 0.04 0.65 0.04 0.32 0.04
*JetFlash software pack Function
Favorites store your favorite website addresses on the JetFlash AutoLogin automatically login to websites Secret-Zip compress and/or password protect saved files PC-Lock E-Mail makes JetFlash a key to your computer securely send, receive and save e-mails
DataBackup backup, restore and synchronize your data
1
Transcend Information Inc.
TS16GJFV30
Pinouts
Pin No. 01 02 03 04 Pin Name VCC USBUSB+ VSS Function USB power input USB differential signal Ground
16GB USB2.0 JetFlashTMV30
Specifications
Storage Capacity Data Retention Erase Cycles Connector Durability System Performance Wear-leveling Power Supply Temperature Range Certificates 16GB** 10 years >10,000 times 10,000 times Read: 20MB/sec (max.), Write: 8MB/sec (max.) Dynamic DC 5V10%, Max current : 200 mA Operation: 0-70 C, Non-Operating: -20 C-75 C CE, FCC, BSMI, C-tick, KCC
o o o
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.
2
Transcend Information Inc.


▲Up To Search▲   

 
Price & Availability of TS16GJFV30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X