|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF AMPLIFIER MODEL TM5304 Features ! ! ! ! High Gain: 19.5 dB Typical Low Noise Figure: <2.5 dB Typical Operating Temp. - 55 C to +85 C Environmental Screening Available Available as: TM5304, 4 Pin TO-8 (T4) TN5304, 4 Pin Surface Mount (SM3) FP5304, 4 Pin Flatpack (FP4) BX5304, Connectorized Housing (H1) Typical Intermodulation Performance at 25 C Second Order Harmonic Intercept Point ....... +39 dBm (Typ.) Second Order Two Tone Intercept Point ........ +33 dBm (Typ.) Third Order Two Tone Intercept Point ............ +25 dBm (Typ.) Specifications CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out TYPICAL Ta= 25 C 5-200 MHz 19.5 +10.5 -26 <1.75:1 <1.75:1 <2.5 +15 24 MIN/MAX Ta = -55 C to +85 C 5-200 MHz 18.5 Min. +9.5 Min. -25 Max. 2.0:1 Max. 2.0:1 Max. 3.0 Max. +15 Min. 25 Max. Maximum Ratings Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage .......................................................... + 17Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.) Noise Figure (dB) Power Vdc mA Note: Care should always be taken to effectively ground the case of each unit. Typical Performance Data 21 20 19 18 17 Start 5 MHz Stop 200 MHz Gain (dB) 0 - 10 - 20 - 30 - 40 Reverse Isolation (dB) Noise Figure (dB) 3 2 1 Start 5 MHz Stop 200 MHz Start 5 MHz Stop 200 MHz +13 +12 +11 +10 +9 1 dB Comp. (dBm) 2.0 1.5 1.0 Input VSWR 2.0 1.5 1.0 Output VSWR Start 5 MHz Stop 200 MHz Start 5 MHz Stop 200 MHz Start 5 MHz Stop 200 MHz Legend + 25 C + 85 C - - - - - - -55 C Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 6/17/04 www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001 |
Price & Availability of TM5304 |