Part Number Hot Search : 
B105K DS1284N DTA123 TA0751B XN1000 XAA170S SGC10 BT815A
Product Description
Full Text Search
 

To Download TM3091 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM3091
Features
! ! ! ! Low Noise Figure: 1.7 dB Typical Higher Output Power: +23.5 dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available
Available as:
TM3091, 4 Pin TO-8 (T4) TN3091, 4 Pin Surface Mount (SM3) FP3091, 4 Pin Flatpack (FP4) BX3091, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +49 dBm (Typ.) Second Order Two Tone Intercept Point ........ +43 dBm (Typ.) Third Order Two Tone Intercept Point ............ +36 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise Figure (dB) Power Vdc mA TYPICAL Ta= 25 C 15 - 200 MHz 14 +23.5 -21 <1.5:1 <1.5:1 1.7 +10 85 MIN/MAX Ta = -55 C to +85 C 15 - 200 MHz 13 Min. +22 Min. -19 Max. 2.0:1 Max. 2.0:1 Max. 3.0 Max. +10 90 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 13 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
Gain (dB)
16 15 14 13 12
Start 15 MHz Stop 200 MHz
Reverse Isolation (dB)
0 - 10 - 20 - 30 - 40
Start 15 MHz Stop 200 MHz
Noise Figure (dB)
3.0 2.0 1.0
Start 15 MHz Stop 200 MHz
1 dB Comp. (dBm)
+25 +24 +23 +22 +21
Start 15 MHz Stop 200 MHz
Input VSWR
2.0 1.5 1.0
Start 15 MHz Stop 200 MHz
Output VSWR
2.0 1.5 1.0
Start 15 MHz Stop 200 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 02/08/05
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM3091

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X