Part Number Hot Search : 
SUS30505 P147T 20B5T UT3401Z SST201 80710 PN222112 7078AF1
Product Description
Full Text Search
 

To Download TM3079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM3079
Features
! ! ! ! Low +5 Volt Supply Wide 50 - 2000 MHz Bandwidth High Reverse Isolation Environmental Screening Available
Available as:
TM3079, 4 Pin TO-8 (T4) TN3079, 4 Pin Surface Mount (SM3) BX3079, SMA Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ...... +45 dBm (Typ.) Second Order Two Tone Intercept Point ....... +40 dBm (Typ.) Third Order Two Tone Intercept Point ........... +25 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. Reverse Isolation (dB) In Out Noise Figure (dB) Power Vdc mA VSWR TYPICAL Ta= 25 C 50 - 2000 MHz 19.5 +13 -35 1.8:1 1.8:1 4.0 +5 70 MIN/MAX Ta = -55 C to +85 C 50 - 2000 MHz 18 Min. +12 Min. -30 Max. 2.0:1 Max. 2.0:1 Max. 5.5 Max. +5 75 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ........................................................... + 8 Volts Continuous RF Input Power ................................. + 10 dBm Short Term RF Input Power ...... 20 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.2 Watt (3 sec Max.)
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
Gain (dB)
21 20 19 18 17
Start 50 MHz Stop 2000 MHz
-20 -25 - 30 - 35 -40
Reverse Isolation (dB)
6 5 4 3
Start 50 MHz Stop 2000 MHz
Noise Figure (dB)
2
Start 50 MHz
Stop 2000 MHz
1 dB Comp. (dBm)
+15 +14 +13 +12 +11
Start 50 MHz Stop 2000 MHz
Input VSWR
2.0 1.5 1.0
Start 50 MHz Stop 2000 MHz
2.0 1.5 1.0
Start 50 MHz
Output VSWR
Stop 2000 MHz
Linear S-Parameters
Freq. MHz ----S11---Mag Deg ----S21---Mag Deg ----S12---Mag Deg ----S22---Mag Deg
====================================================================================== 178 1 .0141 -3 9.43 -7 .22 50 .14 176 -1 .0142 -12 9.46 -11 .22 100 .14 173 -4 .0146 -27 9.49 -20 .21 200 .14 167 -6 .0144 -55 9.52 -39 .20 400 .14 153 -18 .0145 9.63 -112 -77 .17 800 .13 141 -38 .0134 9.46 -170 -116 .12 1200 .12 140 -62 .0134 131 9.56 -169 .12 1600 .10 169 -99 .0101 63 9.17 118 .29 2000 .15
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 04/07/06
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM3079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X