Part Number Hot Search : 
AD561J EB60WT M21001 K2915 BA277 1N4002PT SR220 6M324VQB
Product Description
Full Text Search
 

To Download TM3071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM3071
Features
! ! ! ! Higher Gain: 20 dB Typical Output Power: +19.5 dB Typical Operating Temp.: - 55 C to + 85 C Environmental Screening Available
Available as:
TM3071, 4 Pin TO-8 (T4) TN3071, 4 Pin Surface Mount (SM3) FP3071, 4 Pin Flatpack (FP4) BX3071, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +51 dBm (Typ.) Second Order Two Tone Intercept Point ........ +45 dBm (Typ.) Third Order Two Tone Intercept Point ............ +34 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise Figure (dB) Power Vdc mA TYPICAL Ta= 25 C 10-500 MHz 20 +19.5 -22 <1.75:1 <1.5:1 4.0 +15 75 MIN/MAX Ta = -55 C to +85 C 10-500 MHz 19 Min. +18.5 Min. -19 Max. 2.0:1 Max. 2.0:1 Max. 5.5 Max. +15 85 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
21 20 19 18 17
Start 10 MHz Stop 500 MHz
Gain (dB)
0 - 15 - 30 - 45 - 60
Reverse Isolation (dB)
6 5 4 3 2
Noise Figure (dB)
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
+21 +20 +19 +18 +17
Start 5 MHz
1 dB Comp. (dBm)
2.0 1.5 1.0
Input VSWR
2.0 1.5 1.0
Output VSWR
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 05/21/04
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM3071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X