Part Number Hot Search : 
PSB07038 334J400 ALQ112 B0530W MICAL18 N5240 SX5032A 37101E3
Product Description
Full Text Search
 

To Download TM3040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM3040
Features
! ! ! ! High Output Power: +27 dBm Typical High IP3: +39 dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available
Available as:
TM3040, 4 Pin TO-8 (T4) TN3040, 4 Pin Surface Mount (SM3) FP3040, 4 Pin Flatpack (FP4) BX3040, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +58 dBm (Typ.) Second Order Two Tone Intercept Point ........ +54 dBm (Typ.) Third Order Two Tone Intercept Point ............ +39 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise Figure (dB) Power Vdc mA TYPICAL Ta= 25 C 100 - 250 MHz 14.5 +27 -22 1.6 1.35 4 +15 110 MIN/MAX Ta = -55 C to +85 C 100 - 250 MHz 13.5 Min. +26 Min. -20 Max. 2.0:1 Max. 2.0:1 Max. 6.0 Max. +15 125 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 18 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power ................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
16 15 14 13 12
Start 100 MHz Stop 250 MHz
Gain (dB)
-5 - 10 - 15 - 20 - 25
Reverse Isolation (dB)
6 5 4 3 2
Start 100 MHz Stop 250 MHz Start 100 MHz
Noise Figure (dB)
Stop 250 MHz
+29 +28 +27 +26 +25
1 dB Comp. (dBm)
2.0 1.5 1.0
Input VSWR
2.0 1.5 1.0
Output VSWR
Start 100 MHz
Stop 250 MHz
Start 100 MHz
Stop 250 MHz
Start 100 MHz
Stop 250 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Linear S-Parameters
Freq. MHz ----S11---Mag Deg ----S21---Mag Deg ----S12---Mag Deg ----S22---Mag Deg
====================================================================== -40 142 .0913 149 5.54 -55 100 .09 .22 -68 122 .0940 131 5.49 -100 .10 150 .21 -99 105 .1000 115 5.31 -130 .12 200 .21 -135 89 .1054 97 5.07 -166 .18 250 .22
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 05/10/05
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM3040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X