|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Micro Commercial Components TM omponents 20736 Marilla Street Chatsworth !"# $ % !"# TIP29,A,B,C(NPN) TIP30,A,B,C(PNP) 1.0 Amp Complementary Silicon Power Transistors Features * Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) Marking: Type Number * Rth(jc) is 4.167OC/W, Rth(ja) is 62.5OC/W Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Rating Collector-Emitter Voltage Collector-Base Voltage TIP29, TIP30 TIP29A, TIP30A TIP29B, TIP30B TIP29C, TIP30C Rating 40 60 80 100 5.0 1.0 3.0 0.4 30 0.24 -55 to +150 -55 to +150 Max Unit V V A A W W/OC O C O C Units K F Maximum Ratings Symbol V CEO V CBO V EB IC IB PD TJ , TSTG Symbol TO-220 B C S Q T A U 12 H 3 Emitter-Base Voltage Collector Current- Continuous Peak (1) Base Current-Continuous Total power dissipation @TC=25OC Derate above 25OC Junction Temperature Storage Temperature O Electrical Characteristics @ 25 C Unless Otherwise Specified Parameter Collector-Emitter Sustaining Voltage(note 2) (IC=30mAdc, IB =0) TIP29, TIP30 TIP29A, TIP30A TIP29B, TIP30B TIP29C, TIP30C Emitter-Base Cutoff Current (VEB =5.0Vdc, IC=0) Collector Cutoff Current (V CE=40V, V EB=0) TIP29, TIP30 (V CE=60V, V EB=0) TIP29A, TIP30A (V CE=80V, V EB=0) TIP29B, TIP30B (V CE=100V, VEB =0) TIP29C, TIP30C Collector Cutoff Current (VCE=30Vdc, IB =0) TIP29, TIP29A, TIP30, TIP30A (V CE=60Vdc, IB =0) TIP29B, TIP29C, TIP30B, TIP30C Min OFF CHARACTERISTICS V CEO(SUS) 40 60 80 100 ----------1.0 Vdc L V D G N J R IEBO ICES mAdc ------------- 200 200 200 200 0.3 0.3 uAdc PIN 1. PIN 2. PIN 3. BASE COLLECTOR EMITTER ICEO mAdc ON CHARACTERISTICS(2) DC Current Gain (IC=0.2Adc, V CE=4.0Vdc) 40 -----(IC=1.0Adc, V CE=4.0Vdc) 15 75 V CE(sat) Collector-Emitter Saturation Voltage (IC=1.0Adc, IB =125mAdc) --0.7 Vdc V BE(ON) Base-Emitter On Voltage Vdc (IC=1.0Adc,V CE=4.0Adc) --1.3 (note 3) fT Current-Gain-Bandwidth Product 3.0 --MHZ (IC=200mAdc, V CE=10Vdc, f=1.0MHZ) hfe Small-Signal Current Gain 20 ----(IC=0.2Adc, VCE=10Vdc, f=1.0KHz ) Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7. 2. Pulse Test: Pulse Width=300us, Duty Cycle <2.0% 3. f T =| hfe | x f test hFE(1) DIM A B C D F G H J K L N Q R S T U V DIMENSIONS INCHES MM MIN MAX MIN MAX .560 .625 14.22 15.88 .380 .420 9.65 10.67 .140 .190 3.56 4.82 .020 .139 .190 --.012 .500 .045 .190 .100 .080 .045 .230 ----.045 .045 .161 .110 .250 .025 .580 .060 .210 .135 .115 .055 .270 .050 ----0.51 3.53 2.29 --0.30 12.70 1.14 4.83 2.54 2.04 1.14 5.84 ----1.15 1.14 4.09 2.79 6.35 0.64 14.73 1.52 5.33 3.43 2.92 1.39 6.86 1.27 ----- NOTE Revision: 3 www.mccsemi.com 1 of 3 2008/01/01 TIP29,A,B,C(NPN) TIP30,A,B,C(PNP) MCC Micro Commercial Components VCE = 2.0 V 3.0 2.0 ts 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 tf @ VCC = 30 V tf @ VCC = 10 V IB1 = IB2 IC/IB = 10 ts = ts - 1/8 tf TJ = 25C TM 500 300 hFE, DC CURRENT GAIN TJ = 150C 25C -55C t, TIME ( s) 100 70 50 30 10 7.0 5.0 0.03 0.5 0.07 0.1 1.0 0.2 0.3 IC, COLLECTOR CURRENT (AMP) 2.0 3.0 0.03 0.03 0.05 0.07 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 IC, COLLECTOR CURRENT (AMP) Figure 1. DC Current Gain Figure 2. Turn-Off Time 2.0 1.0 0.7 0.5 t, TIME ( s) 0.3 tr @ VCC = 30 V IC, COLLECTOR CURRENT (AMPS) IC/IB = 10 TJ = 25C 10 TJ = 150C 1 ms dc 5 ms 3.0 tr @ VCC = 10 V 0.1 0.1 0.07 0.05 0.03 0.02 0.03 td @ VEB(off) = 2.0 V 0.05 0.07 0.1 0.3 0.5 0.7 1.0 IC, COLLECTOR CURRENT (AMP) 3.0 SECOND BREAKDOWN LIMITED THERMALLY LIMITED @ TC = 25C BONDING WIRE LIMITED TIP29, 30 CURVES APPLY BELOW TIP29A, 30A RATED VCEO TIP29B, 30B TIP29C, 30C 0.1 10 1.0 4.0 20 40 VCE, COLLECTOR-EMITTER VOLTAGE, (VOLTS) 100 Figure 3. Turn-On Time Figure 4. Active Region Safe Operating Area Revision: 3 www.mccsemi.com 2 of 3 2008/01/01 MCC Micro Commercial Components TM Ordering Information Device (Part Number)-BP Packing Bulk;1Kpcs/Box ***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications. www.mccsemi.com Revision: 3 3 of 3 2008/01/01 |
Price & Availability of TIP29A-BP |