Part Number Hot Search : 
1N725A MP2483DS MJF6107 MBR15 D7514G 25X25 PC1498H AD7569TQ
Product Description
Full Text Search
 

To Download TD6-25T120512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TD6 Series
2:1 Input, 25-30 Watt
MODEL NUMBER
OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5/12 VDC 5/15 VDC
OUTPUT CURRENT 5000 mA 5000 mA 2500 mA 2000 mA 2500 mA 1250 mA 1000 mA 3500/310 mA 3500/250 mA
OUTPUT POWER 16.5W 25W 30W 30W 25W 30W 30W 25W 25W
9-18 VDC IN TD6-16S123.3 TD6-25S1205 TD6-30S1212 TD6-30S1215 TD6-25D1205 TD6-30D1212 TD6-30D1215 TD6-25T120512 TD6-25T120515
18-36 VDC IN TD6-16S243.3 TD6-25S2405 TD6-30S2412 TD6-30S2415 TD6-25D2405 TD6-30D2412 TD6-30D2415 TD6-25T240512 TD6-25T240515
36-72 VDC IN TD6-16S483.3 TD6-25S4805 TD6-30S4812 TD6-30S4815 TD6-25D4805 TD6-30D4812 TD6-30D4815 TD6-25T480512 TD6-25T480515
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-18V Input................................12 VDC 18-36V Input..............................24 VDC 36-72V Input..............................48 VDC Input Filter........................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy, Single..............................2%, Max. Dual +Output...................2%, Max. -Output....................3%, Max. Triple, 5V........................2%, Max. 12V/15V................5%, Max. Voltage Balance, Dual...................................1%, Max. External Trim Adjustment Range..........................10% Line Regulation, Single/Dual, HL-LL.............0.5%, Max. Triple, HL-LL.......................1%, Max. Load Regulation, Single/Dual, 25%FL-FL........1%, Max. Triple, 25%FL-FL................5%, Max. Transient Response..............................500 mSec, Max. Ripple and Noise, 20MHz BW................75mVp-p, Max. Short Circuit Protection...............................Continuous . GENERAL SPECIFICATIONS Efficiency.....................................................74% - 85% Isolation Voltage, Input to Output...............500 VDC, Min. Switching Frequency.................................300KHz, Min. Operating Temperature Range.................-25C to +71C Storage Temperature Range..................-55C to +105C Case Temperature......................................100C, Max. Cooling...........................................Free-Air Convection EMI/RFI.............................Six-Sided Continuous Shield Case Material................Metal with Non-Conductive Base
REMOTE ON/OFF CONTROL Logic Compatibility Ec-ON Ec-OFF Shutdown Idle Current Input Resistance Control Common CMOS or Open Collector TTL >+5.5 VDC or Open Circuit <1.8 VDC 10 mA >100K ohms (Ein 0V to 9V DC) Referenced to Input Minus
PIN CONNECTIONS PIN SINGLE DUAL 1 2 3 4 5 6 7 8 Remote No Pin -Vin +Vin Trim -Vout +Vout No Pin Remote No Pin -Vin +Vin Trim -Vout Common +Vout TRIPLE Remote No Pin -Vin +Vin -Aux.Out Common +5V Out +Aux.Out
2.00 (50.8)
0.40 (10.2) 5 1.80 (45.7)
0.22 (5.6)
8
*
*
7
6
*
*
BOTTOM VIEW
2.00 (50.8)
4321
****
0.90 (22.9) 0.20 (5.1)
0.40 (10.2)
PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. A 01/2008
Tumbler Technologies+TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TD6-25T120512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X