Part Number Hot Search : 
MLL983B RFPP2590 MC680L N2808 A106S PMD3001D S2065K C3501
Product Description
Full Text Search
 

To Download TD3WR-15T240512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TD3WR Series
4:1 Input, 15 Watt
MODEL NUMBER
OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5/12 VDC 5/15 VDC
OUTPUT CURRENT 3000 mA 3000 mA 1250 mA 1000 mA 1500 mA 625 mA 500 mA 1500/310 mA 1500/250 mA
OUTPUT POWER 9.9W 15W 15W 15W 15W 15W 15W 15W 15W
9-36 VDC IN TD3WR-10S243.3 TD3WR-15S2405 TD3WR-15S2412 TD3WR-15S2415 TD3WR-15D2405 TD3WR-15D2415 TD3WR-15D2415 TD3WR-15T240512 TD3WR-15T240515
18-72 VDC IN TD3WR-10S483.3 TD3WR-15S4805 TD3WR-15S4812 TD3WR-15S4815 TD3WR-15D4805 TD3WR-15D4812 TD3WR-15D4815 TD3WR-15T480512 TD3WR-15T480515
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-36V Input................................24 VDC 18-72V Input..............................48 VDC Input Filter........................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy, Single..............................1%, Max. Dual +Output...................1%, Max. -Output....................3%, Max. Triple, 5V.........................2%, Max. 12V/15V................3%, Max. Voltage Balance, Dual...................................1%, Max. External Trim Adjustment Range..........................10% Line Regulation, Single/Dual, HL-LL...........0.2%, Max. Triple, HL-LL......................1%, Max. Load Regulation, Single/Dual, 25%FL-FL.......1%, Max. Triple, 25%FL-FL...............5%, Max. Transient Response..............................500 mSec, Max. Ripple and Noise, 20MHz BW................75mVp-p, Max. Short Circuit Protection...............................Continuous . GENERAL SPECIFICATIONS Efficiency.....................................................76% - 82% Isolation Voltage, Input to Output............500 VDC, Min. Switching Frequency.................................300KHz, Min. Operating Temperature Range...............-25C to +71C Storage Temperature Range................-55C to +105C Case Temperature......................................100C, Max. Cooling..........................................Free-Air Convection EMI/RFI............................Six-Sided Continuous Shield Case Material..............Metal with Non-Conductive Base
REMOTE ON/OFF CONTROL Logic Compatibility Ec-ON Ec-OFF Shutdown Idle Current Input Resistance Control Common CMOS or Open Collector TTL >+5.5 VDC or Open Circuit <1.8 VDC 10 mA >100K ohms (Ein 0 VDC to 9 VDC) Referenced to Input Minus
PIN CONNECTIONS PIN SINGLE 1 2 3 4 5 6 7 8 DUAL TRIPLE
Remote On/Off Control No Pin No Pin No Pin -Vin -Vin -Vin +Vin +Vin +Vin Trim Trim -Aux.Out -Vout -Vout Common Common +5V Out +Vout No Pin +Vout +Aux.Out 2.00 (50.8)
0.40 (10.2) 5 1.80 (45.7)
0.22 (5.6)
8
*
*
7
6
*
*
BOTTOM VIEW
2.00 (50.8)
4321
****
0.90 (22.9) 0.20 (5.1)
0.40 (10.2)
PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies+TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TD3WR-15T240512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X