Part Number Hot Search : 
M5239 SF2185A 002M0 MA4E1338 TF841S 10N50 U2608B BUL310
Product Description
Full Text Search
 

To Download SWE62000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWE62000(6V200AH)
Outer dimensions (mm)
323 178
224
) ( w 200Ah S6vE62000
SwE6 2000 ) (6v2 00Ah
Terminal Type (mm) Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 6V 200 Ah 230 mm (9.05 inches) 224 mm (8.82 inches) 323 mm (12.7 inches)
Curves of cycle life(25 )
M8 16
16
178 mm (7.00 inches)
120
Capacity(%)
31 Kg (70.4 lbs)
100 80 60 40
Characteristics
Capacity 25 (77 ) 10 hour rate(20 A) 5 hour rate(32A) 1 hour rate(120 A) 200 AH 160 AH 120 AH
Approx 1.5 m
6
230
100%DOD
50%DOD
30%DOD
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C Ich=0.10C
2.5h 5.0h
Idis=0.17C Ich=0.10C
1.5h 3.0h
20 0 800 1000 1200 1400
200
400
600
1600
Number of cycles(cycles)
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 )
102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
6.60 6.30 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 1 2 4 100A 40A 200A 422A 6 8 10 20 4060 2 (Min) 4 6 8 10 20 40 (h) 20A
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
T19 Initial Charging Current less than 80 A Voltage 7.05-7.20V Voltage 6.75-6.90V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
4.80V 5.10V
)
10h 20h
5min
A W A W A W A W A W
10min
15min
30min
1h
2h
3h
4h
5h
8h
5.25V
5.40V
5.55V
RR


▲Up To Search▲   

 
Price & Availability of SWE62000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X