Part Number Hot Search : 
RU4AG N1FXXAA2 NTE1529 2N1805 TK17013S S9S12 AK8430 L6004D
Product Description
Full Text Search
 

To Download SWE61900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWE61900(6V190AH)
Outer dimensions (mm)
306
169
223
Sw 61 (6 V1 20 0 20 A H)
SW E6 (6 V1 19 00 90 A H)
Terminal Type (mm) Specifications
16
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx
6V 190 Ah 228 mm (8.97 inches) 223 mm (8.77 inches) 306 mm (12.04 inches)
Curves of cycle life(25 )
M8 16
169 mm (6.63 inches)
120
Capacity(%)
28 Kg (61.88 lbs)
100 80 60 40
Characteristics
Capacity 25 (77 ) 10 hour rate(19 A) 5 hour rate(30.4A) 1 hour rate(114 A) 190 AH 152 AH 114 AH Approx 1.2 m 102% 100% 85% 65% 91% 82% 64%
5
228
100%DOD
50%DOD
30%DOD
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C Ich=0.10C
2.5h 5.0h
Idis=0.17C Ich=0.10C
1.5h 3.0h
20 0 800 1000 1200 1400
200
400
600
1600
Number of cycles(cycles)
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 )
Discharge Curves 25 (77 )
6.60 6.30 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 1 2 4 95A 190A 401A 6 8 10 20 4060 2 (Min) 4 6 8 10 20 40 (h) 38A 19A
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
T19 Initial Charging Current less than 76 A Voltage 7.05-7.20V Voltage 6.75-6.90V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
4.80V 5.10V
)
10h 20h
5min
A W A W A W A W A W
10min
15min
30min
1h
2h
3h
4h
5h
8h
5.25V
5.40V
5.55V
R


▲Up To Search▲   

 
Price & Availability of SWE61900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X