Part Number Hot Search : 
MCP1825 ASI10 25M50 7906CT HER306 ASI10 ASI10 8ACPA
Product Description
Full Text Search
 

To Download SWE220000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWE220000(2V2000AH)
Outer dimensions (mm)
491 369
344
107
132
107
106
36
Terminal Type (mm)
351
162
0 0 0) 0H 2A 20 G0 0 W2 SV (2
162
20 11
36
106
107
132
107
M8 20
Specifications
Curves of cycle life(25 )
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 2V 2000 Ah
120
Capacity(%)
369 mm (14.5 inches) 344 mm (13.5 inches) 491 mm (19.3 inches)
100 80 60 40
100%DOD
50%DOD
30%DOD
351 mm (13.8 inches)
20
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C Ich=0.10C
2.5h 5.0h
Idis=0.17C Ich=0.10C
1.5h 3.0h
131 Kg (290lbs)
0 200 800 600 400 Number of cycles(cycles) 1000 1200 1400
1600
Characteristics
Capacity 25 (77 ) 10 hour rate(200 A) 5 hour rate(320 A) 1 hour rate(1200 A) 1.5 hour discharge to 1.75 V Internal Resistance Full charged Battery at 25 Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) Cycle Float 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage (77 ) 2000 AH 1600 AH 1200 AH 800 A 0.3 m 102% 100% 85% 65% 91% 82% 64%
Curves of charge voltage and temperature
Charge voltage(V)
(V/1 2V)
15.6
15.0
Cyc
le u se
14.4
13.8
S ta n
dby
use
13.2
T20 Initial Charging Current less than 800 A Voltage 2.35-2.40V Voltage 2.25-2.30V
-10
0
10
Ambient temperature(
20
30
40
)
50
60
Curves of capacity and temperature
Discharge Curves 25
(77
)
120 100 80 60 40 20
Capacity(%)
100A
20 0A
4
00A
20
00
A
A
0 400
2.30 2.20 2.10 2.00 1.90 1.80 1.70 1.60 1.50 1.40 1.30 01 2 4
400A 1000A 2000A 4220A
200A
6 8 10
20
40 60
2
4
6 8 10 20 40
0 -20
-10
10 20 0 Ambient temperature(
30 )
40
50
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
1.60V 1.70V 1.75V 1.80V 1.85V A W A W A W A W A W
)
10h 20h
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
R


▲Up To Search▲   

 
Price & Availability of SWE220000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X