Part Number Hot Search : 
4401N RN2706 2SA129 EM91410B ATF501P8 SC538 GMZJ18 EM91410B
Product Description
Full Text Search
 

To Download SSM2761P-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM2761P-A
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PRODUCT SUMMARY
Lower On-resistance Fast Switching Characteristic Simple Drive Requirement RoHS Compliant
D
BVDSS RDS(ON) ID
650V 1 10A
G S
DESCRIPTION
The TO-220 package is universally preferred for all commercialindustrial applications. The device is suited for DC-DC ,AC-DC converters for power applications.
G
Pb-free; RoHS-compliant
D
TO-220
S
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, V GS @ 10V Continuous Drain Current, V GS @ 10V Pulsed Drain Current
1
Rating 650 30 10 4.4 18 104 0.8 10 -55 to 150 -55 to 150
Units V V A A A W W/ A
Total Power Dissipation Linear Derating Factor Avalanche Current Storage Temperature Range Operating Junction Temperature Range
THERMAL DATA
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 1.2 62 Units /W /W
05/25/2007 Rev.1.00
www.SiliconStandard.com
1
SSM2761P-A
ELECTRICAL CHARACTERISTICS @Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=1mA
Min. 650 2 -
Typ. 0.6 4.5 53 10 15 16 20 82 36 320 8
Max. Units 1 4 10 100 100 85 V V/ V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VGS=10V, ID=3.5A VDS=VGS, ID=250uA VDS=10V, ID=3.5A VDS=600V, VGS=0V VDS=480V, VGS=0V VGS=30V ID=10A VDS=520V VGS=10V VDD=320V ID=10A RG=10,VGS=10V RD=32 VGS=0V VDS=15V f=1.0MHz
Gate-Source Leakage Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
3
2770 4430
Source-Drain Diode
Symbol VSD trr Qrr Notes: 1.Pulse width limited by safe operating area.
o 2.Starting Tj=25 C , VDD=50V , L=1.2mH , RG=25 , IAS=10A.
Parameter Forward On Voltage
3 3
Test Conditions IS=10A, VGS=0V IS=10A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 610 8.64
Max. Units 1.5 V ns C
Reverse Recovery Time
Reverse Recovery Charge
3.Pulse width <300us , duty cycle <2%.
05/25/2007 Rev.1.00
www.SiliconStandard.com
2
SSM2761P-A
12 9
T C =25 C ID , Drain Current (A)
9
o
10V 6.0V 5.5V ID , Drain Current (A)
6
T C =150 C
o
10V 6.0V 5.5V 5.0V
6
5.0V
3
3
V G =4.0V
V G =4.0V
0 0 5 10 15 20 25 0
0 10 20 30 40
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1.2
2.4
I D =3.5A V G =10V
1.1 1.8
Normalized BVDSS (V)
Normalized RDS(ON)
1
1.2
0.9
0.6
0.8 -50 0 50 100 150
0 -50 0 50 100 150
T j , Junction Temperature ( o C)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
5
100
10
4
1
T j = 150 o C
T j = 25 o C
VGS(th) (V)
1.1 1.3
IS (A)
3
0.1
2
0.01 0.1 0.3 0.5 0.7 0.9
1 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
05/25/2007 Rev.1.00
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
www.SiliconStandard.com
SSM2761P-A
f=1.0MHz
16 10000
VGS , Gate to Source Voltage (V)
I D =10A
12
C iss V DS =330V V DS =410V V DS =520V
C (pF)
8
100
C oss
4
C rss
0 0 20 40 60 80 1 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthjc)
10
0.2
ID (A)
10us 100us
1
0.1
0.1
0.05 0.02
PDM
0.01
1ms T C =25 C Single Pulse
o
t T
Single Pulse
10ms 100ms
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
0
0.01
1
10
100
1000
10000
0.00001
0.0001
0.001
0.01
0.1
1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
05/25/2007 Rev.1.00
Fig 12. Gate Charge Waveform
4
www.SiliconStandard.com
SSM2761P-A
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
05/25/2007 Rev.1.00
www.SiliconStandard.com
5


▲Up To Search▲   

 
Price & Availability of SSM2761P-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X