Part Number Hot Search : 
HYC156 HYC156 HIT673 10032 22C050G 21U8C C3153M VC2G0
Product Description
Full Text Search
 

To Download SRS101PV24M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRS Valve
Manifold mountable plastic switching solenoid valve
FEATURES * 3-way, 2 position valve (NO, NC & Distributor) * Design incorporates thermoplastics and non-corrosive metals * Offers high-density manifold mounting with convenient manifold to PC board interface * Weighs only 7 g, perfect where low weight is critical to overall system
MEDIA COMPATIBILITY
Gases and select liquids
PHYSICAL PROPERTIES
Operating environment Storage temperature 0 to 70 C -40 to 70 C 38 mm (1.5 in) 10 mm (0.394 in) 15.5 mm (0.61 in) Manifold mount, (gasket and screws supplied) 7 g (0.23 oz) 0.0267 cm3 40 m None required
WETTED MATERIALS
Length Body: PBT; LNP Thermocomp(R) Elastomers: FKM Non-corrosive metals: 302 series stainless steel; 430 FR series stainless steel; CMI-B core iron; electroless nickel plating Width Height Porting
Weight Internal volume
ELECTRICAL
Power Voltage 0.5, 1.0 or 2.0 W 5, 12, 24 VDC 10%
Filtration (recommended) Lubrication
Thermocomp(R) is a registered trademark of General Electric Company.
October 2006 / 261
1/5
www.sensortechnics.com
SRS Valve
Manifold mountable plastic switching solenoid valve
PERFORMANCE CHARACTERISTICS
Part no.
SRS10... SRS11... SRS13... SRS14... SRS16... SRS17...
Pressure
0...35 psig 0...85 psig 0...20 psig 0...50 psig 0...10 psig 0...20 psig
Vacuum
Orifice siz es/ Equivalent CV1
0.020" (0.510 mm)/ 0.0075 CV
Leak rate2
R esp o n se
0...27 "Hg (0...13 psi)
0.030" (0.762 mm)/ 0.017 CV 0.045" (1.143 mm)/ 0.027 CV
0.016 sccm (bubble tight)
<30 msec cycling (2 Watts)
FLOW CURVES (typical air flow)3
Notes: 1 The CV value is the volume flow in US gallons/min under specific flow conditions and describes the relative flow capacity of a valve. If several valves with the same nominal diameter are compared, the valve with the highest CV value has the best flow dynamics design. The equivalent european measure is the kV value expressed in m3/h (kV = 0.86 CV). 2 sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1000 sccm = 1 slpm. 3 slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1 slpm = 1000 sccm.
October 2006 / 261
2/5
www.sensortechnics.com
SRS Valve
Manifold mountable plastic switching solenoid valve
OUTLINE DRAWING
dimensions in inches (mm)
October 2006 / 261
3/5
www.sensortechnics.com
SRS Valve
Manifold mountable plastic switching solenoid valve
VALVE TYPE
Type 1
N.C. PRESSURE N.O. VACUUM
Type 2
N.O. PRESSURE N.C. VACUUM
Type 3
DISTRIBUTOR PRESSURE DISTRIBUTOR VACUUM
October 2006 / 261
4/5
www.sensortechnics.com
SRS Valve
Manifold mountable plastic switching solenoid valve
ELECTRICAL INTERFACE OPTIONS
SRS...F (Square pins, front)
SRS...M (Square pins, manifold)
SRS...L (Wire leads)
ORDERING INFORMATION
Model no. Series Options SR S Max. pressure 10: 0...35 psi 11: 0...85 psi 13: 0...20 psi 14: 0...50 psi 16: 0...10 psi 17: 0...20 psi Orifice size 0.020"
(0.510 mm)
C oi l wattage 0.5 W 1W 0.5 W 1W 0.5 W 1W
Type 1: 3-way NC 2: 3-way NO 3: distributor
Material P: PBT
S eal material V: FK M
Voltage 5: 5 V DC
Electrical connection F: 0.025" square pins, front
0.020"
(0.510 mm)
12: 12 V D C
0.030"
(0.762 mm)
0.030"
(0.762 mm)
24: 24 VDC M: 0.025" square pins, manifold interface
0.045"
(1.143 mm)
0.045"
(1.143 mm)
L: insulated wire leads, 18", front
Example: SRS
10
2
P
V
12
M
Note: Not all combinations might be available. Please contact your nearest Sensortechnics sales representative for further information.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. October 2006 / 261 5/5
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of SRS101PV24M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X