Part Number Hot Search : 
BD232 2405E 4ACT2 SLB0586A BD2225G SD2337 CTQ08 74ALVC16
Product Description
Full Text Search
 

To Download SPB-97120M-1590G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPB-97120M-1590G SPB-97120ML-1590G (SC) (LC) 1590 nm TX / 1510 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-97120M-1590G
(RoHS Compliant)
1
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
FEATURES
DESCRIPTION
l l l l l l l l l l l l l
1-Fiber Bi-Directional SFP Optical Transceiver Simplex SC Connector: SPB-97120M-1590G Simplex LC Connector: SPB-97120ML-1590G Up to 2.67 Gb/s bi-directional data links Multirate for SONET OC-48 / SDH STM-16, Fibre Channel 1x/2x, and 1000BASE 1590 nm DFB LD Transmitter 1510 nm Receiver Distance Up to 120 km AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operation Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPB-97120M-1590G series is high performance module for OC-48 / STM-16 and Gigabit Ethernet 1000BASE single fiber communications by using 1590 nm transmitter and 1510 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. The transmitter section uses a multiple quantum well 1590 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section is designed to receive 1510 nm signal. The receiver section uses an integrated 1510 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l WDM OC-48 / STM-16 Links l Gigabit Ethernet Interconnect l Fibre Channel Links
ORDER INFORMATION
P/No. Bit Rate (Gb/s)
Multirate* Multirate*
Distance (km) 120 120
TX (nm) 1590DFB 1590DFB
RX (nm) 1510 1510
Package
Temp (oC) 0 to 70 0 to 70
SPB-97120M-1590G SPB-97120ML-1590G
SC SFP LC SFP
TX Power (dBm) 4 to 0 4 to 0
RX Sens. RoHS (dBm) Compliant -29 -29 Yes Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3. Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Relative Humidity Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr RH Vcc --Iout Min -40 0 0 0 GND 0 Max 85 70 85 3.6 Vcc 30 Units o C o C % V V mA Notes
Non condensing
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Case Temperature Data Rate Symbol Vcc ICC (TX+RX) Topr Min 3.13 0 125 Typ 3.3 200 2488 Max 3.47 300 70 2670 Units / Notes V mA o C Mb/s
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V1.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Symbol Min Typ Max
SPB-97120M-1590G
Units Notes
2
***********************************************************************************************************************************************************************
Optical Optical Transmit Power Po 0 4 dBm 1 Output Center Wavelength 1580 1620 nm Output Spectrum Width 1 nm -20 dB width Side Mode Suppression Ratio SMSR 30 dB Extinction Ratio ER 8.2 dB Output Eye Compliant with Telecordia GR-253-GORE and ITU-T Recommendation G.957 Optical Rise Time tr 150 ps 20 % to 80% Values Optical Fall Time tf 150 ps 20 % to 80% Values Relative Intensity Noise RIN -120 dB/Hz Electrical Data Input Current - Low IIL -350 A Data Input Current - High IIH 350 A Differential Input Voltage VIH - VIL 0.5 2.4 V Peak-to-Peak TX Disable Input Voltage - Low TDIS, L 0 0.5 V 2 TX Disable Input Voltage - High TDIS, H 2.0 Vcc V 2 TX Disable Assert Time TASSERT 10 s TX Disable Deassert Time T DEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V 3 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 3 Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
Receiver Specifications (0oC < Topr < 70oC, 3.13 V < Vcc < 3.47V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage - High Signal Detect Assert Time Signal Detect Deassert Time Symbol --Pin Pa Pd Min ---9 ---40 1.0 1480 0.6 0 2.0 Typ ----------Max -29 ---29 --1520 2.0 0.5 Vcc+0.3 100 300 Units dBm dBm dBm dBm dB nm V V V s s Notes 4 Transition: low to high Transition: high to low 5
VOH - VOL VOL V OH ASMAX ANSMAX
6 6 OFF to ON ON to OFF
Notes: 4. Minimum sensitivity and saturation levels at BER 1E-10 for a 223-1 PRBS. 5. At least 30 dB optical isolation for the wavelength 1580 to 1620 nm. 6. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V1.0
Optoway
CONNECTION DIAGRAM
SPB-97120M-1590G
3
***********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V1.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD +
SPB-97120M-1590G
4
***********************************************************************************************************************************************************************
Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
PACKAGE DIAGRAM
Units in mm A) SC SFP
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V1.0
Optoway
B) LC SFP
SPB-97120M-1590G
5
***********************************************************************************************************************************************************************
Note: Specifications subject to change without notice.
Revision History
Version
1.0 Initial datasheet
Subject
Release Date
2008/1/1
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V1.0


▲Up To Search▲   

 
Price & Availability of SPB-97120M-1590G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X