Part Number Hot Search : 
STM32F PU160 AAT3783 ES3BB IRF9Z30 CXD2443Q SBMJ160 P504A
Product Description
Full Text Search
 

To Download SMD03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD03 THRU SMD36
Elektronische Bauelemente
RoHS Compliant Product
300W TVS DIODE
FEATURES
ESC59 package for surface mount appllcation EProtects 3.3V up through 36V components EProtects two unidirectional line or one bidirection line EProvides electrically is olated protection EESD>10KV E300W Peak Power Protection( tp=8/2 us)
V
A
3
SC-59
L BS
Dim A B C D G
C
2
Min 2.700 1.500 0.900 0.350 1.700 0.013 0.100 0.350 0.900 2.600 0.500
Max 3.100 1.700 1.150 0.500 2.100 0.100 0.200 0.550 1.000 3.000 0.600
1
Top View G
MECHANICAL DATA
EMolded: SC59 Surface Mount EBody marked with marking code. EMounting Position: Any EWeight: 0.008 grams (approx.)
D H
H J
K J
K L S V
APPLICATIONS
3 1 2
1 3 2
ECellular Handsets and Accessories EPortable Electronics EIndustrial Controls ESet -Top Box EServers, Notebook, and Desktop PC
All Dimension in mm
MAXIMUM RATING SAND ELECTRICAL CHARACTERISTICS
Rating Peak ulse Power (tp=8/20us) Thermal Resistance, Junction to Ambient Lead Soldering Temperature Operating Temperature Storage Temperature Symbol Ppk RJA TL TJ TSTG Value 300 556 260 (10 sec.) -55 to +125 -55 to +150 Units Watts J/W J J J
ELECTRICAL CHARACTERISTICS PER LINE @ 25 C Unless otherwise specified
STAND OFF VOLTAGE VWM VOLTS BREAKDOWN VOLTAGE VBR @1 mA VOLTS MIN SMD03 SMD05 SMD12 SMD15 SMD24 SMD36 X03 X05 X12 X15 X24 X36 3.3 5.0 12.0 15.0 24.0 36.0 4-5 6.1-7.4 13.3-16.3 16.7-20.4 26.7-32.6 40.0-47.0 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 7 9.8 19 24 43 60 CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS MAX 8.5 11 24 30 55 75 LEAKAGE CURRENT ID @ V WM A MAX 100 12 0.5 0.5 0.5 0.5
PART NUMBER
DEVICE MARKING
CAPACITANCE @0V, 1 MHz C Pin 1-3 pF MAX 350 210 75 50 30 30
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
16-Oct.-2008 Rev. D
Page 1 of 2
SMD03 THRU SMD36
Elektronische Bauelemente
300W TVS DIODE
Non-Repetitive Peak Pulse Power vs. Pulse Time
10
110
PP (kW)
Power Derating Curve
100
% of Rated Power or I PP
90 80 70 60 50 40 30 20 10 0
Peak Puse Power - P
1
0. 1
0. 01 0.1 1 10 100 1000
0
25
50
75
100
125
150
P ulse Duration - tp (u s)
Ambient Temperature - TA ( o C)
Applications Information
110 100 90 80
Pulse Waveform
Wave form Paramete rs: tr = 8 s td = 20 s e
-t
Device Connection Options
The SM series is designed to protect one unidirectional data or l/O lines operating at 5 to 36 volts.Connection options are as follows: EUnidirectional:Data lines are connected to pin1 and Pin 3 is connected to ground.For best results,this pin should be connected directly to a ground plane on the board.The path lengh should be kept as short as possible to minimize parasitic inductance. Circuit Board Layout Recommendations for suppression of ESD. Good circuit board layout is critical for the suppression of fast rise-time transients such as ESD.The following guidelines are recommended (Refer to application note Sl99.01 for more detailed information): EPlace the TVS near the input terminals or connectors to restrict transient coupling. EMinimize the path length between the TVS and the protected line. EMinimize all conductive loops including power and ground loops. EThe ESD transient return path toground should be kept as short as possible. ENever run critical signals near board edges EUse ground planes whenever possib|e.
Percent of I PP
70 60 50 40 30 20 10 0 0 5 10
td = I PP /2
15
20
25
30
Time (us)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
16-Oct.-2008 Rev. D
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SMD03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X