Part Number Hot Search : 
29LV0 IDT74CBT BYW29 RC207 SS131 BDR2G MMPQ6502 143XU
Product Description
Full Text Search
 

To Download Q68000-A6474 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBT 2907A
PNP Silicon Switching Transistor * High DC current gain: 0.1mA to 500 mA * Low collector-emitter saturation voltage * Complementary type: SMBT 2222A (NPN)
3
2 1
VPS05161
Type SMBT 2907A
Marking Ordering Code s2F Q68000-A6474
Pin Configuration 1=B 2=E 3=C
Package SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current Total power dissipation, T S = 77 C Junction temperature Storage temperature Thermal Resistance Junction ambient 1) Junction - soldering point Symbol Value 60 60 5 600 330 150 -65 ... +150 mA mW C Unit V
VCEO VCBO VEBO IC Ptot Tj Tstg
RthJA RthJS
290 220
K/W
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm 2 Cu Semiconductor Group
1
Jan-22-1999
SMBT 2907A
Electrical Characteristicsn at TA = 25C, unless otherwise specified. Parameter DC Characteristics Collector-emitter breakdown voltage Symbol min. Values typ. max. 10 10 10 nA A nA 75 100 100 100 50 300 V 0.4 1.6 1.3 2.6 V Unit
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICBO IEBO hFE
60 60 5 -
I C = 10 mA, I B = 0
Collector-base breakdown voltage
I C = 10 A, IB = 0
Emitter-base breakdown voltage
I E = 10 A, I C = 0 Collector cutoff current VCB = 50 V, I E = 0
Collector cutoff current
VCB = 50 V, I E = 0 , TA = 150 C
Emitter cutoff current
VEB = 3 V, I C = 0
DC current gain 1)
I C = 100 A, V CE = 10 V I C = 1 mA, V CE = 10 V I C = 10 mA, VCE = 10 V I C = 150 mA, V CE = 10 V I C = 500 mA, V CE = 10 V
Collector-emitter saturation voltage1)
VCEsat
I C = 150 mA, IB = 15 mA I C = 500 mA, IB = 50 mA
Base-emitter saturation voltage 1)
VBEsat
-
I C = 150 mA, IB = 15 mA I C = 500 mA, IB = 50 mA
1) Pulse test: t 300s, D = 2% Semiconductor Group
2
Jan-22-1999
SMBT 2907A
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. AC Characteristics Transition frequency typ. max. 8 30 10
Unit
fT Ccb Ceb td
200 -
MHz pF
I C = 20 mA, VCE = 20 V, f = 100 MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Delay time ns
VCC = 30 V, IC = 150 mA, I B1 = 15 mA, VBE(off) = 0.5 V
Rise time
tr
-
-
40
VCC = 30 V, IC = 150 mA, I B1 = 15 mA, VBE(off) = 0.5 V
Storage time
tstg tf
-
-
80 30
VCC = 30 V, IC = 150 mA, I B1=IB2 = 15mA
Fall time
VCC = 30 V, IC = 150 mA, I B1=IB2 = 15mA
Semiconductor Group
3
Jan-22-1999
SMBT 2907A Test circuits
Delay and rise time
Storage and fall time
Oscillograph: R > 100, C < 12pF, t r < 5ns
Semiconductor Group
4
Jan-22-1999
SMBT 2907A
Total power dissipation Ptot = f (TA*;TS) * Package mounted on epoxy
Collector-base capacitance CCB = f (VCB) f = 1MHz
Permissible pulse load
Transition frequency fT = f (IC)
Ptotmax / P totDC = f (tp)
VCE = 5V
Semiconductor Group
5
Jan-22-1999
SMBT 2907A
Saturation voltage I C = f (VBEsat, V CEsat)
Delay time t d = f (IC) Rise time tr = f (IC)
h FE = 10
Storage time t stg = f(I C)
Fall time t f = f (IC)
Semiconductor Group
6
Jan-22-1999
SMBT 2907A
DC current gain h FE = f (I C)
VCE = 5V
10 3
SMBT 2907/A EHP00754
h FE
5 150 C 25 C 10 2 -50 C
5
10 1 -1 10
10
0
10
1
10
2
mA 10 3
C
Semiconductor Group
7
Jan-22-1999


▲Up To Search▲   

 
Price & Availability of Q68000-A6474

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X